Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW8Q2PAE0E5 Datasheet(PDF) 8 Page - Seoul Semiconductor

Part # STW8Q2PAE0E5
Description  Specification
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW8Q2PAE0E5 Datasheet(HTML) 8 Page - Seoul Semiconductor

Back Button STW8Q2PAE0E5 Datasheet HTML 4Page - Seoul Semiconductor STW8Q2PAE0E5 Datasheet HTML 5Page - Seoul Semiconductor STW8Q2PAE0E5 Datasheet HTML 6Page - Seoul Semiconductor STW8Q2PAE0E5 Datasheet HTML 7Page - Seoul Semiconductor STW8Q2PAE0E5 Datasheet HTML 8Page - Seoul Semiconductor STW8Q2PAE0E5 Datasheet HTML 9Page - Seoul Semiconductor STW8Q2PAE0E5 Datasheet HTML 10Page - Seoul Semiconductor STW8Q2PAE0E5 Datasheet HTML 11Page - Seoul Semiconductor STW8Q2PAE0E5 Datasheet HTML 12Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Document No. : SSC- QP- 7- 07- 24
Rev. 09
Rev. 09
September 2011
September 2011
www.seoulsemicon.com
www.seoulsemicon.com
5. Reliability Test
0/22
3 Time
260
℃< 10sec. Reflow Soldering
Tsol
Reflow
0/22
3 Time
5KV at 1.5k
Ω; 100pF
MIL-STD-
883D
ESD(HBM)
0/22
1000 Hours
T
a =-40
oC, I
F =100mA
Internal
Reference
Low Temperature
Life Test
0/22
500 Hours
T
a =85
oC, I
F =100mA
Internal
Reference
High Temperature
Life Test
0/22
500 Hours
T
a =60
oC, RH=90%, I
F =100mA
Internal
Reference
High Temperature
High Humidity Life
Test
0/22
1000 Hours
T
a =25
oC, I
F =100mA
Internal
Reference
Operating
Endurance Test
0/22
1000 Hours
T
a =-40
oC
EIAJ
ED-4701
Low Temperature
Storage
0/22
1000 Hours
T
a =60
oC, RH=90%
EIAJ
ED-4701
High Temp. High
Humidity Storage
0/22
1000 Hours
T
a =100
oC
EIAJ
ED-4701
High Temperature
Storage
0/22
100 Cycle
T
a =-40
oC(30min) ~
100oC(30min)
EIAJ
ED-4701
Thermal Shock
Number
of
Damaged
Duration
/ Cycle
Test Conditions
Reference
Item
-
LSL [2] × 0.7
I
F =100mA
I
V
Luminous Intensity
USL [1] × 1.2
-
I
F =100mA
V
F
Forward Voltage
MAX
MIN
Criteria for Judgment
Condition
Symbol
Item
Note : [1] USL : Upper Standard Level
[2] LSL : Lower Standard Level
□ CRITERIA FOR JUDGING THE DAMAGE


Similar Part No. - STW8Q2PAE0E5

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
STW8Q2PA SEOUL-STW8Q2PA Datasheet
576Kb / 21P
   Pb-Free Reflow soldering application
STW8Q2PA SEOUL-STW8Q2PA_12 Datasheet
3Mb / 26P
   Leda Frame type LED PKG size: 5.6*3.0 thickness 0.9mm
More results

Similar Description - STW8Q2PAE0E5

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SMD4532-400 LEIDITECH-SMD4532-400 Datasheet
271Kb / 3P
   SPECIFICATION ELECTRICAL SPECIFICATION
logo
Vectron International, ...
TFS71D VECTRON-TFS71D Datasheet
37Kb / 3P
   Specification
TFS161A VECTRON-TFS161A Datasheet
39Kb / 5P
   Specification
logo
Samsung semiconductor
CL21B105KBFNNNF SAMSUNG-CL21B105KBFNNNF Datasheet
139Kb / 2P
   SPECIFICATION
CL21B473KCFNNNE SAMSUNG-CL21B473KCFNNNE Datasheet
140Kb / 2P
   SPECIFICATION
logo
List of Unclassifed Man...
ISR3SAD100 ETC2-ISR3SAD100 Datasheet
93Kb / 1P
   SPECIFICATION
logo
Samsung semiconductor
CL05A474KQ5NNNC SAMSUNG-CL05A474KQ5NNNC Datasheet
135Kb / 2P
   SPECIFICATION
CL31A226KAHNNNE SAMSUNG-CL31A226KAHNNNE Datasheet
80Kb / 2P
   SPECIFICATION
CL31B105KCHSNNE SAMSUNG-CL31B105KCHSNNE Datasheet
152Kb / 2P
   SPECIFICATION
logo
Fuji Electric
PH967C6 FUJI-PH967C6 Datasheet
136Kb / 12P
   SPECIFICATION
logo
Samsung semiconductor
CL10A226MQ8NRNE SAMSUNG-CL10A226MQ8NRNE Datasheet
140Kb / 2P
   SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com