Electronic Components Datasheet Search |
|
GR4023B11H102KA01D Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd. |
|
GR4023B11H102KA01D Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd. |
3 / 5 page Continued from the preceding page. Murata Code Capacitance Change from 25 °C (%) –55 °C –30 °C –10 °C Max. Min. Max. Min. Max. Min. 5C/5G 0.58 –0.24 0.40 –0.17 0.25 –0.11 6C 0.87 –0.48 0.59 –0.33 0.38 –0.21 6P 2.33 0.72 1.61 0.50 1.02 0.32 6R 3.02 1.28 2.08 0.88 1.32 0.56 6S 4.09 2.16 2.81 1.49 1.79 0.95 6T 5.46 3.28 3.75 2.26 2.39 1.44 7U 8.78 5.04 6.04 3.47 3.84 2.21 EIA Code 4C 2.56 –1.88 1.54 –1.13 1.02 –0.75 3P – – 1.65 0.14 1.10 0.09 3R – – 2.03 0.45 1.35 0.30 3S – – 2.63 0.95 1.76 0.63 3T – – 3.40 1.58 2.27 1.05 3U – – 4.94 2.84 3.29 1.89 3C 1.37 –0.90 0.82 –0.54 0.55 –0.36 Murata Code Capacitance Change from 20 °C (%) –55 °C –25 °C –10 °C Max. Min. Max. Min. Max. Min. 2C 0.82 –0.45 0.49 –0.27 0.33 –0.18 2P – – 1.32 0.41 0.88 0.27 2R – – 1.70 0.72 1.13 0.48 2S – – 2.30 1.22 1.54 0.81 2T – – 3.07 1.85 2.05 1.23 1X – – – – – – oCapacitance Change from each temperature JIS Code uCapacitance Expressed by three-digit alphanumerics. The unit is picofarad (pF). The first and second figures are significant digits, and the third figure expresses the number of zeros which follow the two numbers.If there is a decimal point, it is expressed by the capital letter " R." In this case, all figures are significant digits. R50 1R0 100 103 Ex.) 0.5pF 1.0pF 10pF 10000pF Code Capacitance yRated Voltage 0E 0G 0J 1A 1C 1E YA 1H 2A 2D 2E YD DC2.5V DC4V DC6.3V DC10V DC16V DC25V DC35V DC50V DC100V DC200V DC250V DC300V Code Rated Voltage 2W 2H 2J 3A 3D 3F BB E2 GC GF GD GB DC450V DC500V DC630V DC1kV DC2kV DC3.15kV DC350V (for Camera Flash Circuit) AC250V X1/Y2; AC250V (Safety Standard Certified Type GC) Y2, X1/Y2; AC250V (Safety Standard Certified Type GF) Y3; AC250V (Safety Standard Certified Type GD) X2; AC250V (Safety Standard Certified Type GB) Code Rated Voltage Continued on the following page. |
Similar Part No. - GR4023B11H102KA01D |
|
Similar Description - GR4023B11H102KA01D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |