Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK04D300-XTAL-04CLCC Datasheet(PDF) 3 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK04D300-XTAL-04CLCC
Description  Crystal Oscillators in Surface Mount Packages Converted to DIP Adapters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK04D300-XTAL-04CLCC Datasheet(HTML) 3 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK04D300-XTAL-04CLCC_12 Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK04D300-XTAL-04CLCC_12 Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION AK04D300-XTAL-04CLCC_12 Datasheet HTML 3Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PAGE 3 ACCUTEKMICRO.COM 6/2012(OSC03)
0.400"
0.800"
0.500"
AK12D400-VCO
0.080"
0.125"
0.060"
0.100"
12 PIN VCO TO DIP
0.300"
0.080"
0.125"
0.600"
0.300"
AK14D300-XTAL-04CLCC-BY
4 PIN CLCC CRYSTAL TO 4 PIN (14 PIN FULL SIZE) DIP
WITH SITE FOR BYPASS CAPACITOR
0.080"
0.125"
0.600"
0.300"
0.080"
0.125"
0.600"
0.300"
AK14D300-XTAL-04SOJ-BY
4 PIN SOJ CRYSTAL TO 4 PIN (14 PIN FULL SIZE) DIP
WITH SITE FOR BYPASS CAPACITOR
AK14D300-XTAL-04SOJ
4 PIN SOJ CRYSTAL TO 4 PIN (14 PIN FULL SIZE) DIP
BOTTOM VIEW
0.700"
0.100"
0.137"
0.043"
0.400"
BOTTOM VIEW
BOTTOM VIEW
0.700"
0.200"
0.358"
0.122"
0.400"
0.400"
0.700"
0.200"
0.358"
0.122"


Similar Part No. - AK04D300-XTAL-04CLCC_12

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK04D300-XTAL-04CLCC-BY ACCUTEK-AK04D300-XTAL-04CLCC-BY Datasheet
193Kb / 3P
   Crystal Oscillators in Surface Mount Packages
AK04D300-XTAL-04CLCC-BY ACCUTEK-AK04D300-XTAL-04CLCC-BY Datasheet
219Kb / 3P
   4 Pin to 6 Pin ACCUTEK DIP Adapters
More results

Similar Description - AK04D300-XTAL-04CLCC_12

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK04D300-XTAL-04CLCC ACCUTEK-AK04D300-XTAL-04CLCC Datasheet
193Kb / 3P
   Crystal Oscillators in Surface Mount Packages
logo
Raltron Electronics Cor...
CO66 RALTRON-CO66 Datasheet
65Kb / 1P
   SURFACE MOUNT CRYSTAL OSCILLATORS
COM23025-44.000-WLAN RALTRON-COM23025-44.000-WLAN Datasheet
23Kb / 1P
   SURFACE MOUNT CRYSTAL OSCILLATORS
logo
List of Unclassifed Man...
CO-760PS ETC-CO-760PS Datasheet
124Kb / 4P
   Surface Mount Oven Controlled Crystal Oscillators
logo
Vectron International, ...
CO-760PS VECTRON-CO-760PS Datasheet
126Kb / 4P
   Surface Mount Oven Controlled Crystal Oscillators
logo
Oscilent Corporation
CO-430 OSCILENT-CO-430 Datasheet
151Kb / 3P
   430 Series Surface Mount Crystal Oscillators
logo
Kyocera Kinseki Corpota...
K50H-3C KSS-K50H-3C Datasheet
246Kb / 7P
   Clock Crystal Oscillators Surface Mount Type
logo
Oscilent Corporation
CO-493 OSCILENT-CO-493 Datasheet
142Kb / 2P
   493 Series Surface Mount Crystal Oscillators
CO-433 OSCILENT-CO-433 Datasheet
134Kb / 2P
   433 Series Surface Mount Crystal Oscillators
CO-492 OSCILENT-CO-492 Datasheet
142Kb / 2P
   492 Series Surface Mount Crystal Oscillators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com