Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0402C103K5GAC Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0402C103K5GAC
Description  Surface Mount Ceramic Chip Capacitors ??Ultra-High Capacitance, C0G Dielectric
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0402C103K5GAC Datasheet(HTML) 1 Page - Kemet Corporation

  C0402C103K5GAC Datasheet HTML 1Page - Kemet Corporation C0402C103K5GAC Datasheet HTML 2Page - Kemet Corporation C0402C103K5GAC Datasheet HTML 3Page - Kemet Corporation C0402C103K5GAC Datasheet HTML 4Page - Kemet Corporation C0402C103K5GAC Datasheet HTML 5Page - Kemet Corporation C0402C103K5GAC Datasheet HTML 6Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Product Bulletin
See Capacitance Value Chart below for thickness dimension.
+ For extended values 1210 case sizes - solder reflow only. (Refer to F3102 catalog for additional soldering information and recommendations.)
Outline Drawing
W
L
B
S
T
CONDUCTIVE METALLIZATION
ELECTRODES
TIN PLATE
NICKEL PLATE
Surface Mount Ceramic Chip Capacitors –
Ultra-High Capacitance, C0G Dielectric
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F9200 11/07
EIA SIZE
CODE
METRIC
SIZE CODE
L - LENGTH
W - WIDTH
B - BANDWIDTH
S
SEPARATION
minimum
MOUNTING
TECHNIQUE
0402
1005
1.0 (.04) ± .05 (.002)
0.5 (.02) ± .05 (.002)
0.20 (.008) -.40 (.016)
0.3 (.012)
Solder Reflow
0603
1608
1.6 (.063) ± .15 (.006)
0.8 (.032) ± .15 (.006)
0.35 (.014) ± .15 (.006)
0.7 (.028)
Solder Wave +
or
Solder Reflow
0805
2012
2.0 (.079) ± .20 (.008)
1.25 (.049) ± .20 (.008)
0.50 (.02) ± .25 (.010)
0.75 (.030)
1206
3216
3.2 (.126) ± .20 (.008)
1.6 (.063) ± .20 (.008)
0.50 (.02) ± .25 (.010)
N/A
1210
3225
3.2 (.126) ± .20 (.008)
2.5 (.098) ± .20 (.008)
0.50 (.02) ± .25 (.010)
N/A
Dimensions - Millimeters (Inches)
C 0805
C
103
K
5
G
A
C
Style
C - Ceramic
Size Code
0402, 0603, 0805, 1206, 1210
Specification
C - Standard
Capacitance Code, pF
First two digits represent significant figures.
Third digit specifies number of zeros. 100 pF = 101.
(Use “9” for 1.0 through 9.9 pF)
(Use “8” for 0.1 through .99 pF)
Capacitance Tolerance
F = ±1%
K = ±10%
G = ±2%
M = ±20%
J = ±5%
Voltage
8 = 10V
5 = 50V
4 = 16V
1 = 100V
3 = 25V
Temperature Characteristic
Designated by Capacitance
Change Over Temperature Range
G = C0G (NP0) (±30 PPM/°C)
End Metallization
C = Standard (Tin-plate
nickel barrier)
Failure Rate Level
A = Not Applicable
Ordering Information


Similar Part No. - C0402C103K5GAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C103K5RAC KEMET-C0402C103K5RAC Datasheet
125Kb / 4P
   Ceramic Capacitor
C0402C103K5RACAUTO KEMET-C0402C103K5RACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 0.01 uF, 10%, 50 V, 0402, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C0402C103K5RACTU KEMET-C0402C103K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.01 uF, 10%, 50 V, 0402, X7R, SMD, MLCC, Temperature Stable, Class II
logo
Qorvo, Inc
C0402C103K5RACTU QORVO-C0402C103K5RACTU Datasheet
637Kb / 10P
   75 11dB CATV Push Pull Amplifier 45 ??1218MHz
logo
Kemet Corporation
C0402C103K5RALTU KEMET-C0402C103K5RALTU Datasheet
58Kb / 1P
   SMD Comm X7R SnPb, Ceramic, 0.01 uF, 10%, 50 VDC, X7R, SMD, MLCC, Temperature Stable, SnPb Termination, 0402
More results

Similar Description - C0402C103K5GAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C152J5GACTU KEMET-C0402C152J5GACTU Datasheet
61Kb / 6P
   Surface Mount Ceramic Chip Capacitors ??Ultra-High Capacitance, C0G Dielectric
C0402C471F3GAC KEMET-C0402C471F3GAC Datasheet
50Kb / 2P
   Surface Mount Ceramic Chip Capacitors - C0G Dielectric
C0402C121J5GAC KEMET-C0402C121J5GAC Datasheet
173Kb / 2P
   Surface Mount Ceramic Chip Capacitors - C0402 Series - C0G Dielectric
C0201C100D3GAC KEMET-C0201C100D3GAC Datasheet
119Kb / 2P
   Surface Mount Ceramic Chip Capacitors - C0201 Series - C0G Dielectric
C0402C223K3RAC KEMET-C0402C223K3RAC Datasheet
179Kb / 2P
   Surface Mount Ceramic Chip Capacitors - X7R Dielectric - Capacitance Extensions
C1210C184K3HAC KEMET-C1210C184K3HAC Datasheet
337Kb / 4P
   Surface Mount Ceramic Chip Capacitors Ultra Stable X8R Dielectric
C0402C123RAC KEMET-C0402C123RAC Datasheet
31Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C1812C47515RAC KEMET-C1812C47515RAC Datasheet
84Kb / 1P
   Surface Mount Ceramic Chip Capacitors - X7R Dielectric
C0805C226M9PAC KEMET-C0805C226M9PAC Datasheet
125Kb / 2P
   Surface Mount Ceramic Chip Capacitors X5R Dielectric
C1206C275K4RAC KEMET-C1206C275K4RAC Datasheet
23Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com