Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSOP34533 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSOP34533
Description  IR Receiver Modules for Remote Control Systems
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP34533 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSOP34533 Datasheet HTML 1Page - Vishay Siliconix TSOP34533 Datasheet HTML 2Page - Vishay Siliconix TSOP34533 Datasheet HTML 3Page - Vishay Siliconix TSOP34533 Datasheet HTML 4Page - Vishay Siliconix TSOP34533 Datasheet HTML 5Page - Vishay Siliconix TSOP34533 Datasheet HTML 6Page - Vishay Siliconix TSOP34533 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TSOP321.., TSOP323.., TSOP325.., TSOP341.., TSOP343.., TSOP345..
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 18-Sep-13
1
Document Number: 82490
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IR Receiver Modules for Remote Control Systems
MECHANICAL DATA
Pinning for TSOP341.., TSOP343.., TSOP345..:
1 = OUT, 2 = GND, 3 = VS
Pinning for TSOP321.., TSOP323.., TSOP325..:
1 = OUT, 2 = VS, 3 = GND
FEATURES
• Very low supply current
• Photo detector and preamplifier in one package
• Internal filter for PCM frequency
• Improved shielding against EMI
• Supply voltage: 2.5 V to 5.5 V
• Improved immunity against ambient light
• Insensitive to supply voltage ripple and noise
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
DESCRIPTION
These products are miniaturized receivers for infrared
remote control systems. A PIN diode and a preamplifier are
assembled on a lead frame, the epoxy package acts as an
IR filter.
The demodulated output signal can be directly decoded
by a microprocessor. The TSOP321.., TSOP341.. are legacy
products, compatible with all common IR remote control
data formats. The TSOP323.., TSOP343.. are optimized to
better suppress spurious pulses from energy saving
fluorescent lamps. The TSOP325.., TSOP345.. have an
excellent noise suppression. It is immune to dimmed LCD
backlighting and any fluorescent lamps. AGC3 and AGC5
may also suppress some data signals in case of continuous
transmission.
This component has not been qualified according to
automotive specifications.
BLOCK DIAGRAM
APPLICATION CIRCUIT
16672
1
2
3
PARTS TABLE
AGC
LEGACY, FOR SHORT BURST
REMOTE CONTROLS (AGC1)
NOISY ENVIRONMENTS AND
SHORT BURSTS (AGC3)
VERY NOISY ENVIRONMENTS
AND SHORT BURSTS (AGC5)
Carrier
frequency
30 kHz
TSOP34130
TSOP32130
TSOP34330
TSOP32330
TSOP34530
TSOP32530
33 kHz
TSOP34133
TSOP32133
TSOP34333
TSOP32333
TSOP34533
TSOP32533
36 kHz
TSOP34136
TSOP32136
TSOP34336
TSOP32336 (1)(2)
TSOP34536
TSOP32536(1)(2)
38 kHz
TSOP34138
TSOP32138
TSOP34338
TSOP32338 (3)(4)(5)(6)
TSOP34538
TSOP32538 (3)(4)(5)
40 kHz
TSOP34140
TSOP32140
TSOP34340
TSOP32340
TSOP34540
TSOP32540
56 kHz
TSOP34156
TSOP32156
TSOP34356
TSOP32356
TSOP34556
TSOP32556
Package
Pinning
1 = OUT,
2 = GND, 3 = VS
1 = OUT, 2 = VS,
3 = GND
1 = OUT,
2 = GND, 3 = VS
1 = OUT, 2 = VS,
3 = GND
1 = OUT,
2 = GND, 3 = VS
1 = OUT, 2 = VS,
3 = GND
Dimensions
(mm)
6.9 H x 5.6 W x 6.0 L
Mounting
Leaded
Application
Remote control
Best remote
control code
(1) MCIR (2) RCMM (3) Mitsubishi (4) RECS-80 Code (5) r-map (6) XMP-1, XMP-2
30 k
Ω
2
3
1
Demo-
pass
AGC
Input
PIN
Band
dulator
Control circuit
16833-13
C1
IR receiver
GND
µC
R1
+ VS
GND
Transmitter
with
TSALxxxx
VS
VO
17170_5
OUT
R
1 and C1 are recommended for protection against EOS.
Components should be in the range of 33
Ω < R
1 < 1 kΩ,
C
1 > 0.1 µF.


Similar Part No. - TSOP34533

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP34533 VISHAY-TSOP34533 Datasheet
138Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 1.5, 22-Jul-16
More results

Similar Description - TSOP34533

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 6, 15-Oct-2002
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP331 VISHAY-TSOP331 Datasheet
490Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP361 VISHAY-TSOP361 Datasheet
654Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP53230 VISHAY-TSOP53230 Datasheet
479Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 13-Mar-12
TSOP352 VISHAY-TSOP352 Datasheet
323Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 03-Sep-13
TSOP773 VISHAY-TSOP773 Datasheet
297Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 22-Jul-16
TSOP77230W VISHAY-TSOP77230W Datasheet
336Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 13-Sep-17
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 26-Sep-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com