Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK08D300-MLP.65MM Datasheet(PDF) 9 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK08D300-MLP.65MM
Description  Chip Scale Packages LLP, DFN, QFN MLP, LCC DIP Adapters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK08D300-MLP.65MM Datasheet(HTML) 9 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK08D300-MLP.65MM Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK08D300-MLP.65MM Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION AK08D300-MLP.65MM Datasheet HTML 3Page - ACCUTEK MICROCIRCUIT CORPORATION AK08D300-MLP.65MM Datasheet HTML 4Page - ACCUTEK MICROCIRCUIT CORPORATION AK08D300-MLP.65MM Datasheet HTML 5Page - ACCUTEK MICROCIRCUIT CORPORATION AK08D300-MLP.65MM Datasheet HTML 6Page - ACCUTEK MICROCIRCUIT CORPORATION AK08D300-MLP.65MM Datasheet HTML 7Page - ACCUTEK MICROCIRCUIT CORPORATION AK08D300-MLP.65MM Datasheet HTML 8Page - ACCUTEK MICROCIRCUIT CORPORATION AK08D300-MLP.65MM Datasheet HTML 9Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
PAGE 9 ACCUTEKMICRO.COM 3/2012 (CSP09)
AK64D900-QFN/MLP 9X9
9MM-64 PIN QFN/MLP 0.5MM PITCH TO 0.900" DIP
22.86 mm
81.64 mm
3.18 mm
2.03 mm
2.54 mm
0.50 mm
9.81 mm
8.19 mm
22.86 mm
91.44 mm
3.18 mm
2.03 mm
2.54 mm
25.40 mm
25.40 mm
AK72D900-QFN/MLP 10X10
10MM-72 PIN QFN/MLP 0.5MM PITCH TO 0.900" DIP
0.50 mm
10.81 mm
9.21 mm


Similar Part No. - AK08D300-MLP.65MM

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK08D300-MLP.65MM ACCUTEK-AK08D300-MLP.65MM Datasheet
1Mb / 9P
   Chip Scale Packages LLP, DFN, QFN MLP, CLCC DIP Adapters
More results

Similar Description - AK08D300-MLP.65MM

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK08D300-LLP ACCUTEK-AK08D300-LLP Datasheet
1Mb / 9P
   Chip Scale Packages LLP, DFN, QFN MLP, CLCC DIP Adapters
logo
M/A-COM Technology Solu...
S2083 MA-COM-S2083 Datasheet
1Mb / 14P
   Surface Mount Instructions for QFN / DFN Packages
logo
Analog Devices
ADG788 AD-ADG788_15 Datasheet
256Kb / 11P
   SPDT Switches in Chip Scale Packages
REV. B
ADG786 AD-ADG786_15 Datasheet
256Kb / 11P
   SPDT Switches in Chip Scale Packages
REV. B
logo
ACCUTEK MICROCIRCUIT CO...
AK04D300-XTAL-04CLCC ACCUTEK-AK04D300-XTAL-04CLCC_12 Datasheet
193Kb / 3P
   Crystal Oscillators in Surface Mount Packages Converted to DIP Adapters
logo
Lumileds Lighting Compa...
PB117 LUMILEDS-PB117 Datasheet
1Mb / 2P
   Chip-scale packages for maximum design flexibility
DS117 LUMILEDS-DS117 Datasheet
2Mb / 21P
   Chip-scale packages for maximum design flexibility
logo
ACCUTEK MICROCIRCUIT CO...
AK28D300-SOIC ACCUTEK-AK28D300-SOIC_13 Datasheet
1Mb / 5P
   28 Pin DIP Adapters
AK48D600-TSSOP ACCUTEK-AK48D600-TSSOP_13 Datasheet
550Kb / 4P
   48 Pin DIP Adapters
AK44D600-QFP ACCUTEK-AK44D600-QFP_13 Datasheet
633Kb / 4P
   44 Pin DIP Adapters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com