Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK10D300-8SON Datasheet(PDF) 8 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK10D300-8SON
Description  Chip Scale Packages LLP, DFN, QFN MLP, LCC DIP Adapters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK10D300-8SON Datasheet(HTML) 8 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK10D300-8SON Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK10D300-8SON Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION AK10D300-8SON Datasheet HTML 3Page - ACCUTEK MICROCIRCUIT CORPORATION AK10D300-8SON Datasheet HTML 4Page - ACCUTEK MICROCIRCUIT CORPORATION AK10D300-8SON Datasheet HTML 5Page - ACCUTEK MICROCIRCUIT CORPORATION AK10D300-8SON Datasheet HTML 6Page - ACCUTEK MICROCIRCUIT CORPORATION AK10D300-8SON Datasheet HTML 7Page - ACCUTEK MICROCIRCUIT CORPORATION AK10D300-8SON Datasheet HTML 8Page - ACCUTEK MICROCIRCUIT CORPORATION AK10D300-8SON Datasheet HTML 9Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
2.54 mm
2.03 mm
3.18 mm
71.12 mm
15.24 mm
PAGE 8 ACCUTEKMICRO.COM 3/2012 (CSP08)
81.64 mm
3.18 mm
2.03 mm
2.54 mm
22.86 mm
9MM-64 PIN 9mm x 9mm LGA 0.5MM PITCH TO 0.900" DIP
AK64D900-LGA.5mm 9X9
25.40 mm
0.50 mm
9.81 mm
15.24 mm
71.12 mm
3.18 mm
2.03 mm
2.54 mm
0.50 mm
8.80 mm
7.22 mm
AK56D600-QFN/MLP 8X8
8MM-56 PIN QFN/MLP 0.5MM PITCH TO 0.600" DIP
AK56D600-MLF.5mm 8X8
8MM-56 PIN MLF 0.5MM PITCH TO 0.600" DIP
0.50 mm
8.19 mm
8.80 mm
7.22 mm


Similar Part No. - AK10D300-8SON

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK10D300-8SON ACCUTEK-AK10D300-8SON Datasheet
537Kb / 4P
   10 Pin to 14 Pin DIP Adapters
AK10D300-8SON.65MM ACCUTEK-AK10D300-8SON.65MM Datasheet
1Mb / 9P
   Chip Scale Packages LLP, DFN, QFN MLP, CLCC DIP Adapters
AK10D300-8SON ACCUTEK-AK10D300-8SON_13 Datasheet
537Kb / 4P
   10 Pin to 14 Pin DIP Adapters
More results

Similar Description - AK10D300-8SON

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK08D300-LLP ACCUTEK-AK08D300-LLP Datasheet
1Mb / 9P
   Chip Scale Packages LLP, DFN, QFN MLP, CLCC DIP Adapters
logo
M/A-COM Technology Solu...
S2083 MA-COM-S2083 Datasheet
1Mb / 14P
   Surface Mount Instructions for QFN / DFN Packages
logo
Analog Devices
ADG788 AD-ADG788_15 Datasheet
256Kb / 11P
   SPDT Switches in Chip Scale Packages
REV. B
ADG786 AD-ADG786_15 Datasheet
256Kb / 11P
   SPDT Switches in Chip Scale Packages
REV. B
logo
ACCUTEK MICROCIRCUIT CO...
AK04D300-XTAL-04CLCC ACCUTEK-AK04D300-XTAL-04CLCC_12 Datasheet
193Kb / 3P
   Crystal Oscillators in Surface Mount Packages Converted to DIP Adapters
logo
Lumileds Lighting Compa...
PB117 LUMILEDS-PB117 Datasheet
1Mb / 2P
   Chip-scale packages for maximum design flexibility
DS117 LUMILEDS-DS117 Datasheet
2Mb / 21P
   Chip-scale packages for maximum design flexibility
logo
ACCUTEK MICROCIRCUIT CO...
AK28D300-SOIC ACCUTEK-AK28D300-SOIC_13 Datasheet
1Mb / 5P
   28 Pin DIP Adapters
AK48D600-TSSOP ACCUTEK-AK48D600-TSSOP_13 Datasheet
550Kb / 4P
   48 Pin DIP Adapters
AK44D600-QFP ACCUTEK-AK44D600-QFP_13 Datasheet
633Kb / 4P
   44 Pin DIP Adapters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com