Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK16D300-QFN5X5 Datasheet(PDF) 3 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK16D300-QFN5X5
Description  Chip Scale Packages LLP, DFN, QFN MLP, LCC DIP Adapters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK16D300-QFN5X5 Datasheet(HTML) 3 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK16D300-QFN5X5 Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK16D300-QFN5X5 Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION AK16D300-QFN5X5 Datasheet HTML 3Page - ACCUTEK MICROCIRCUIT CORPORATION AK16D300-QFN5X5 Datasheet HTML 4Page - ACCUTEK MICROCIRCUIT CORPORATION AK16D300-QFN5X5 Datasheet HTML 5Page - ACCUTEK MICROCIRCUIT CORPORATION AK16D300-QFN5X5 Datasheet HTML 6Page - ACCUTEK MICROCIRCUIT CORPORATION AK16D300-QFN5X5 Datasheet HTML 7Page - ACCUTEK MICROCIRCUIT CORPORATION AK16D300-QFN5X5 Datasheet HTML 8Page - ACCUTEK MICROCIRCUIT CORPORATION AK16D300-QFN5X5 Datasheet HTML 9Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PAGE 3 ACCUTEKMICRO.COM 03/2012(CSP03)
0.300"
0.500"
0.400"
0.125"
0.080"
0.100"
AK10D300-LLP3X3
LEADLESS LEADFRAME PACKAGE(3X3)
TO 10 PIN DIP
0.0197"
(0.5MM)
0.166"
0.086"
0.300"
0.800"
0.400"
0.125"
0.080"
0.100"
AK14D300-DFN5X5
LLP-DFN PACKAGE(5X5)
TO 14 PIN DIP
0.0197"
(0.5MM)
0.236"
0.156"
0.300"
AK08D300-MLP.65MM
0.080"
0.125"
0.100"
8 PIN MLP 0.65mm PITCH TO 0.300" DIP
0.400"
0.400"
0.130"
0.078"
0.026"
0.300"
AK08D300-6MLP DUAL.65MM
0.080"
0.125"
0.100"
6 PIN MLP DUAL PAD 0.65mm PITCH TO 8 PIN 0.300" DIP
0.400"
0.400"
0.108"
0.056"
0.026"
0.300"
AK10D300-8SON .65MM
0.080"
0.125"
0.100"
8 PIN SON 0.65mm PITCH TO 10 PIN 0.300" DIP
0.500"
0.400"
0.118"
0.086"
0.025"
(0.65mm)
(0.65mm)
(0.65mm)


Similar Part No. - AK16D300-QFN5X5

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK16D300-QFN5X5 ACCUTEK-AK16D300-QFN5X5 Datasheet
227Kb / 6P
   16 Pin to 24 Pin DIP Adapters
AK16D300-QFN5X5 ACCUTEK-AK16D300-QFN5X5 Datasheet
1Mb / 9P
   Chip Scale Packages LLP, DFN, QFN MLP, CLCC DIP Adapters
More results

Similar Description - AK16D300-QFN5X5

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK08D300-LLP ACCUTEK-AK08D300-LLP Datasheet
1Mb / 9P
   Chip Scale Packages LLP, DFN, QFN MLP, CLCC DIP Adapters
logo
M/A-COM Technology Solu...
S2083 MA-COM-S2083 Datasheet
1Mb / 14P
   Surface Mount Instructions for QFN / DFN Packages
logo
Analog Devices
ADG788 AD-ADG788_15 Datasheet
256Kb / 11P
   SPDT Switches in Chip Scale Packages
REV. B
ADG786 AD-ADG786_15 Datasheet
256Kb / 11P
   SPDT Switches in Chip Scale Packages
REV. B
logo
ACCUTEK MICROCIRCUIT CO...
AK04D300-XTAL-04CLCC ACCUTEK-AK04D300-XTAL-04CLCC_12 Datasheet
193Kb / 3P
   Crystal Oscillators in Surface Mount Packages Converted to DIP Adapters
logo
Lumileds Lighting Compa...
PB117 LUMILEDS-PB117 Datasheet
1Mb / 2P
   Chip-scale packages for maximum design flexibility
DS117 LUMILEDS-DS117 Datasheet
2Mb / 21P
   Chip-scale packages for maximum design flexibility
logo
ACCUTEK MICROCIRCUIT CO...
AK28D300-SOIC ACCUTEK-AK28D300-SOIC_13 Datasheet
1Mb / 5P
   28 Pin DIP Adapters
AK48D600-TSSOP ACCUTEK-AK48D600-TSSOP_13 Datasheet
550Kb / 4P
   48 Pin DIP Adapters
AK44D600-QFP ACCUTEK-AK44D600-QFP_13 Datasheet
633Kb / 4P
   44 Pin DIP Adapters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com