Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISC1812ER101K Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ISC1812ER101K
Description  Wirewound, Surface Mount, Molded, Shielded Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ISC1812ER101K Datasheet(HTML) 2 Page - Vishay Siliconix

  ISC1812ER101K Datasheet HTML 1Page - Vishay Siliconix ISC1812ER101K Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ISC-1812
www.vishay.com
Vishay Dale
Revision: 11-Dec-12
2
Document Number: 34061
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
COUPLING SPECIFICATIONS (maximum)
DESCRIPTION
ISC-1812
10 μH
± 10 %
ER
e3
MODEL
INDUCTANCE VALUE
INDUCTANCE TOLERANCE
PACKAGE CODE
JEDEC LEAD (Pb)-FREE STANDARD
GLOBAL PART NUMBER
I
S
C
1
8
1
2
E
R
100
K
PRODUCT
FAMILY
SIZE
PACKAGE
CODE
INDUCTANCE
VALUE
TOL.
INDUCTANCE (µH)
10
5
1
0.5
10
150
5
100
5001000


Similar Part No. - ISC1812ER101K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ISC1812ER100K VISHAY-ISC1812ER100K Datasheet
282Kb / 3P
   Surface Mount, Molded, Shielded Inductors
Revision: 22-May-07
ISC1812ER100K VISHAY-ISC1812ER100K Datasheet
84Kb / 3P
   Wirewound, Surface-Mount, Molded, Shielded Inductors
01-Jan-2022
More results

Similar Description - ISC1812ER101K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ISC1812ES101K VISHAY-ISC1812ES101K Datasheet
81Kb / 2P
   Wirewound, Surface Mount, Molded, Shielded Inductors
Revision: 11-Dec-12
ISC1812ER121K VISHAY-ISC1812ER121K Datasheet
81Kb / 2P
   Wirewound, Surface Mount, Molded, Shielded Inductors
Revision: 11-Dec-12
ISC-1812 VISHAY-ISC-1812_17 Datasheet
94Kb / 3P
   Wirewound, Surface Mount, Molded, Shielded Inductors
Revision: 02-Jun-15
ISC-1210 VISHAY-ISC-1210_17 Datasheet
80Kb / 2P
   Wirewound, Surface Mount, Molded, Shielded Inductors
Revision: 02-Jun-15
ISC1812RQ1R0K VISHAY-ISC1812RQ1R0K Datasheet
81Kb / 2P
   Wirewound, Surface Mount, Molded, Shielded Inductors
Revision: 11-Dec-12
ISC-1210 VISHAY-ISC-1210_V01 Datasheet
63Kb / 2P
   Wirewound, Surface-Mount, Molded, Shielded Inductors
01-Jan-2022
ISC-1812 VISHAY-ISC-1812_V01 Datasheet
84Kb / 3P
   Wirewound, Surface-Mount, Molded, Shielded Inductors
01-Jan-2022
IMC-1210 VISHAY-IMC-1210_17 Datasheet
78Kb / 2P
   Wirewound, Surface Mount Molded Inductors
Revision: 02-Jun-15
IMC1210ER100K VISHAY-IMC1210ER100K Datasheet
72Kb / 2P
   Wirewound, Surface Mount Molded Inductors
Revision: 15-Mar-11
IMC1210ER1R0K VISHAY-IMC1210ER1R0K Datasheet
72Kb / 2P
   Wirewound, Surface Mount Molded Inductors
Revision: 15-Mar-11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com