Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6334ACRZ-T Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6334ACRZ-T
Description  VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6334ACRZ-T Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6334ACRZ-T Datasheet HTML 7Page - Intersil Corporation ISL6334ACRZ-T Datasheet HTML 8Page - Intersil Corporation ISL6334ACRZ-T Datasheet HTML 9Page - Intersil Corporation ISL6334ACRZ-T Datasheet HTML 10Page - Intersil Corporation ISL6334ACRZ-T Datasheet HTML 11Page - Intersil Corporation ISL6334ACRZ-T Datasheet HTML 12Page - Intersil Corporation ISL6334ACRZ-T Datasheet HTML 13Page - Intersil Corporation ISL6334ACRZ-T Datasheet HTML 14Page - Intersil Corporation ISL6334ACRZ-T Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
11
FN6482.2
February 1, 2013
Functional Pin Description
VCC - Supplies the power necessary to operate the chip.
The controller starts to operate when the voltage on this pin
exceeds the rising POR threshold and shuts down when the
voltage on this pin drops below the falling POR threshold.
Connect this pin directly to a +5V supply.
GND - Bias and reference ground for the IC. The bottom
metal base of ISL6334, ISL6334A is the GND.
EN_PWR - This pin is a threshold-sensitive enable input for
the controller. Connecting the 12V supply to EN_PWR
through an appropriate resistor divider provides a means to
synchronize power-up of the controller and the MOSFET
driver ICs. When EN_PWR is driven above 0.875V, the
ISL6334, ISL6334A is active depending on status of the
EN_VTT, the internal POR, and pending fault states. Driving
EN_PWR below 0.745V will clear all fault states and prime
the ISL6334, ISL6334A to soft-start when re-enabled.
EN_VTT - This pin is another threshold-sensitive enable
input for the controller. It’s typically connected to VTT output
of VTT voltage regulator in the computer mother board.
When EN_VTT is driven above 0.875V, the ISL6334,
ISL6334A is active depending on status of the EN_PWR, the
internal POR, and pending fault states. Driving EN_VTT
below 0.745V will clear all fault states and prime the
ISL6334, ISL6334A to soft-start when re-enabled.
VDIFF, VSEN and RGND - VSEN and RGND form the
precision differential remote-sense amplifier. This amplifier
converts the differential voltage of the remote output to a
single-ended voltage referenced to local ground. VDIFF is
the amplifier’s output and the input to the regulation and
protection circuitry. Connect VSEN and RGND to the sense
pins of the remote load.
FB and COMP - Inverting input and output of the error
amplifier respectively. FB can be connected to VDIFF
through a resistor. A properly chosen resistor between
VDIFF and FB can set the load line (droop), because the
sensed current will flow out of FB pin. The droop scale factor
is set by the ratio of the ISEN resistors and the inductor DCR
or the dedicated current sense resistor. COMP is tied back to
FB through an external R-C network to compensate the
regulator.
DAC and REF - The DAC pin is the output of the precision
internal DAC reference. The REF pin is the positive input of
the Error Amplifier. In typical applications, a 1k
Ω, 1% resistor
is used between DAC and REF to generate a precision
offset voltage. This voltage is proportional to the offset
current determined by the offset resistor from OFS to ground
or VCC. A capacitor is used between REF and ground to
smooth the voltage transition during Dynamic VID™
operations.
VR_RDY - VR_RDY indicates that soft-start has completed
and the output voltage is within the regulated range around
VID setting. It is an open-drain logic output. When OCP or
OVP occurs, VR_RDY will be pulled to low. It will also be
pulled low if the output voltage is below the undervoltage
threshold.
OFS - The OFS pin can be used to program a DC offset
current, which will generate a DC offset voltage between the
REF and DAC pins. The offset current is generated via an
external resistor and precision internal voltage references.
The polarity of the offset is selected by connecting the
resistor to GND or VCC. For no offset, the OFS pin should
be left unterminated.
TCOMP - Temperature compensation scaling input. The
voltage sensed on the TM pin is utilized as the temperature
input to adjust IDROOP and the overcurrent protection limit to
effectively compensate for the temperature coefficient of the
current sense element. To implement the integrated
temperature compensation, a resistor divider circuit is needed
with one resistor being connected from TCOMP to VCC of the
controller and another resistor being connected from TCOMP
to GND. Changing the ratio of the resistor values will set the
gain of the integrated thermal compensation. When integrated
temperature compensation function is not used, connect
TCOMP to GND.
TM - TM is an input pin for the VR temperature measurement.
Connect this pin through an NTC thermistor to GND and a
resistor to VCC of the controller. The voltage at this pin is
reverse proportional to the VR temperature. The ISL6334,
ISL6334A monitors the VR temperature based on the voltage
at the TM pin and outputs VR_HOT and VR_FAN signals.
VR_HOT - VR_HOT is used as an indication of high VR
temperature. It is an open-drain logic output. It will be pulled
low if the measured VR temperature is less than a certain
level, and open when the measured VR temperature
reaches a certain level. A external pull-up resistor is needed.
VR_FAN - VR_FAN is an output pin with open-drain logic
output. It will be pulled low if the measured VR temperature
is less than a certain level, and open when the measured VR
temperature reaches a certain level. A external pull-up
resistor is needed.
PWM1, PWM2, PWM3, PWM4 - Pulse width modulation
outputs. Connect these pins to the PWM input pins of the
Intersil driver IC. The number of active channels is
determined by the state of PWM2, PWM3 and PWM4. Tie
PWM2 to VCC to configure for 1-phase operation. Tie
PWM3 to VCC to configure for 2-phase operation. Tie
PWM4 to VCC to configure for 3-phase operation. In
addition, tie PSI# to GND to configure for single phase
operation with diode emulation.
ISEN1+, ISEN1-; ISEN2+, ISEN2-; ISEN3+, ISEN3-; ISEN4+,
ISEN4- - The ISEN+ and ISEN- pins are current sense inputs
to individual differential amplifiers. The sensed current is
used for channel current balancing, overcurrent protection,
ISL6334, ISL6334A


Similar Part No. - ISL6334ACRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6334ACRZ-TR5368 INTERSIL-ISL6334ACRZ-TR5368 Datasheet
562Kb / 30P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
ISL6334ACRZ-TR5368 INTERSIL-ISL6334ACRZ-TR5368 Datasheet
565Kb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Renesas Technology Corp
ISL6334ACRZ-TR5368 RENESAS-ISL6334ACRZ-TR5368 Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
More results

Similar Description - ISL6334ACRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6334AR5368 RENESAS-ISL6334AR5368 Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Intersil Corporation
ISL6334IRZ INTERSIL-ISL6334IRZ Datasheet
611Kb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
February 1, 2013
ISL6334AR5368 INTERSIL-ISL6334AR5368 Datasheet
565Kb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Renesas Technology Corp
ISL6334B RENESAS-ISL6334B Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Intersil Corporation
ISL6334AR5368 INTERSIL-ISL6334AR5368 Datasheet
562Kb / 30P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Renesas Technology Corp
ISL6334 RENESAS-ISL6334 Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light-Load Efficiency Enhancement and Load Current Monitoring Features
logo
Intersil Corporation
ISL6334 INTERSIL-ISL6334 Datasheet
559Kb / 30P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring
ISL6334DIRZ INTERSIL-ISL6334DIRZ Datasheet
778Kb / 28P
   VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
November 22, 2013
ISL6334B INTERSIL-ISL6334B Datasheet
794Kb / 30P
   VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
ISL6334D INTERSIL-ISL6334D Datasheet
867Kb / 28P
   VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com