Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL80101IRAJZ-TK Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL80101IRAJZ-TK
Description  High Performance 1A LDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80101IRAJZ-TK Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL80101IRAJZ-TK Datasheet HTML 2Page - Intersil Corporation ISL80101IRAJZ-TK Datasheet HTML 3Page - Intersil Corporation ISL80101IRAJZ-TK Datasheet HTML 4Page - Intersil Corporation ISL80101IRAJZ-TK Datasheet HTML 5Page - Intersil Corporation ISL80101IRAJZ-TK Datasheet HTML 6Page - Intersil Corporation ISL80101IRAJZ-TK Datasheet HTML 7Page - Intersil Corporation ISL80101IRAJZ-TK Datasheet HTML 8Page - Intersil Corporation ISL80101IRAJZ-TK Datasheet HTML 9Page - Intersil Corporation ISL80101IRAJZ-TK Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ISL80101
6
FN6931.1
August 31, 2011
Typical Operating Performance
Unless otherwise noted: VIN = 2.2V, VOUT = 1.8V, CIN = COUT = 10µF, TJ = +25°C, IL = 0A.
FIGURE 3. DROPOUT vs TEMPERATURE
FIGURE 4. VOUT vs TEMPERATURE
FIGURE 5. OUTPUT VOLTAGE vs SUPPLY VOLTAGE
FIGURE 6. OUTPUT VOLTAGE vs OUTPUT CURRENT
FIGURE 7. GROUND CURRENT vs LOAD CURRENT
FIGURE 8. GROUND CURRENT vs SUPPLY VOLTAGE
0
20
40
60
80
100
120
140
160
180
200
-40 -25 -10
5
20
35
50
65
80
95 110 125
TEMPERATURE (°C)
VOUT = 2.5V
IOUT = 1.0A
IOUT = 0.5A
IOUT = 0.1A
-1.8
-1.2
-0.6
0
0.6
1.2
1.8
-50
-25
0
25
50
75
100
125
150
JUNCTION TEMPERATURE (°C)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
246
SUPPLY VOLTAGE (V)
13
5
+125°C
+25°C
-40°C
-1.8
-1.2
-0.6
0
0.6
1.2
1.8
0
0.25
0.50
0.75
1.00
OUTPUT CURRENT (A)
+125°C
+25°C
-40°C
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
00.2
0.4
0.6
0.8
1.0
LOAD CURRENT (A)
-40°C
+125°C
+25°C
0
1
2
3
4
5
24
INPUT VOLTAGE (V)
35
6


Similar Part No. - ISL80101IRAJZ-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80101IRAJZ INTERSIL-ISL80101IRAJZ Datasheet
544Kb / 15P
   High Performance 1A LDO
ISL80101IRAJZ INTERSIL-ISL80101IRAJZ Datasheet
499Kb / 12P
   High Performance 1A LDO
August 26, 2015
More results

Similar Description - ISL80101IRAJZ-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78310 INTERSIL-ISL78310 Datasheet
659Kb / 13P
   High Performance 1A LDO
ISL78310ARAJZ INTERSIL-ISL78310ARAJZ Datasheet
536Kb / 14P
   High Performance 1A LDO
November 7, 2014
logo
Renesas Technology Corp
ISL80510 RENESAS-ISL80510 Datasheet
1Mb / 13P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80510IRAJZ INTERSIL-ISL80510IRAJZ Datasheet
808Kb / 13P
   High Performance 1A LDO
July 28, 2015
logo
Renesas Technology Corp
ISL80101 RENESAS-ISL80101 Datasheet
747Kb / 12P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80101IRAJZ INTERSIL-ISL80101IRAJZ Datasheet
499Kb / 12P
   High Performance 1A LDO
August 26, 2015
ISL80101 INTERSIL-ISL80101 Datasheet
544Kb / 15P
   High Performance 1A LDO
logo
Renesas Technology Corp
ISL78310 RENESAS-ISL78310 Datasheet
812Kb / 14P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80101 INTERSIL-ISL80101_11 Datasheet
583Kb / 11P
   High Performance 1A LDO
logo
Altera Corporation
EY1501DI-ADJ ALTERA-EY1501DI-ADJ Datasheet
1Mb / 13P
   EY1501DI-ADJ High Performance 1A LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com