Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3K3A1A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 3K3A1A
Description  Series 1 BetaCurve Bare leaded Thermistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3K3A1A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  3K3A1A Datasheet HTML 1Page - List of Unclassifed Manufacturers 3K3A1A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Series 1 BetaCurve Bare leaded Thermistors
Introduction
The BetaCURVE Thermistor Series I are small epoxy coated devices with solid tin plated lead
wires. The series offers a choice of precision temperature tolerance classifications for a wide
variety of customer applications, such as temperature measurements, temperature indication,
temperature control, and thermal compensation.
The BetaCURVE Series history of "long term" stability and reliability performance have been
demonstrated in critical medical, scientific instrumentation, military/aerospace and industrial
applications.
Thermistor interchangeability has become an important factor for cost efficiency in advanced
thermal performance applications. The need for expensive individual thermistor calibration is not
necessary. The BetaCURVE Series interchangeability means that each device will match the
published Resistance−Temperature Characteristics for a given thermistor and will be within the
specified deviation (tolerance, ie. ±0.1°C, ±0.2°C, ±0.5°C and ±1.0°C) limits over the
temperature range 0°C to 70°C.
Shape and Dimensions
Features
Fast time response (1 second typical in
liquids).
DC (Dissipation Constant) = 0.75 mW/
o
C typical in still air at 25ºC.
Available in custom probe assemblies.
Tight tolerance available − +/− 0.1
o
C
from
o
C to 70
o
C.
Proven Stability and Reliability.
Min./Max Temperature Exposure =
−80ºC to +150ºC.
Alloy lead wires for reduced thermal
conductivity ("stem effect").
Applications
Temperature sensing, control and
compensation.
Medical equipment and patient
monitoring.
Aerospace instrumentation and crystal
oscillator compensation.
Liquid or gas temperature control and
monitoring.
Assembly into probes for a wide variety
of applications.
Part Numbering System
Electrical Specifications
Part
Number
Color Code
Resistance @
25°C (Ohms)
Resistance
Tol. @ 25°C
Temperature Tolerance and Range
Alpha
@ 25°C
0/50 °C
Beta Value
Curve #


Similar Part No. - 3K3A1A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3K3A1A ETC2-3K3A1A Datasheet
57Kb / 2P
   Fast time response (1 second typical in
More results

Similar Description - 3K3A1A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B57871S0103H001 TDK-B57871S0103H001 Datasheet
566Kb / 27P
   Leaded NTC thermistors
B57971S0103F001 TDK-B57971S0103F001 Datasheet
562Kb / 26P
   Leaded NTC thermistors
B57891S0103F008 TDK-B57891S0103F008 Datasheet
562Kb / 26P
   Leaded NTC thermistors
B57981S0103F001 TDK-B57981S0103F001 Datasheet
566Kb / 27P
   Leaded NTC thermistors
logo
RFE international
TC005-3R0 RFE-TC005-3R0 Datasheet
136Kb / 3P
   TEMPERATURE COMPENSATING THERMISTORS TC Series: Radial Leaded
logo
Vishay Siliconix
NTCLE203E3103FB0 VISHAY-NTCLE203E3103FB0 Datasheet
107Kb / 9P
   NTC Thermistors, Radial Leaded, Accuracy Line
Revision: 18-May-11
NTCLE100E3223JB0 VISHAY-NTCLE100E3223JB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3103HB0 VISHAY-NTCLE100E3103HB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3 VISHAY-NTCLE100E3_16 Datasheet
200Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 22-Dec-16
NTCLE203E3 VISHAY-NTCLE203E3_17 Datasheet
84Kb / 3P
   NTC Thermistors, Radial Leaded, Accuracy Line
Revision: 26-Jun-17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com