Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC280 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AC280
Description  Industrial Test Leads, Probes & Clips
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AC280 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AC280 Datasheet HTML 1Page - List of Unclassifed Manufacturers AC280 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TP 38 Slim Reach Test Probe Set
One pair (red, black) of slender probe
bodies for probing closely spaced or
recessed terminals
Hard stainless steel probe tips
Insulated Probe Tip (Designed To
Meet GS38 Specs for United Kingdom)
CAT IV 600 V, CAT III 1000 V, 10 A rating.
UL listed
TP80 Electronic Test Probe Set
Recommended for use with TL222
and TL224.
One pair (red, black)
IC insulated cap prevents
shortening of IC legs for
probing high density components or boards
CAT III 1000 V, 10 A rating. UL listed
AC220 SureGrip™ Alligator Clip Set
One pair (red, black) of small, insulated, nickel
plated jaws
Blunt tip grabs round screw heads
up to 9.5 mm
Recommended for use with
TL222 and TL224 test leads
CAT IV 600 V, CAT III 1000 V, 10
A rating. UL listed
AC280 SureGrip™ Hook Clip Set
One pair (red, black) of nickel plated clips
Profile narrows to 5.6 mm at tip, hook
opening 6.4mm at front, 2 mm at
base
Recommended for use with
TL222 and TL224 test leads
CAT IV 600 V, CAT III 1000 V,
3 A rating. UL listed
AC283 SureGrip™ Pincer Clip Set
One pair (red, black) of nickel plated
pincers open to 5 mm
11.4 cm flexible insulated shaft
Recommended for use with
TL222 and TL224 test leads
CAT IV 600 V, CAT III 1000 V,
1 A rating. UL listed
TP220 SureGrip™ Test
Probe Set
One pair (red, black) of
Industrial test probes
Sharp, 12 mm
stainless steel tip
provides reliable contact
Flexible finger barrier
improves grip
Recommended for use with
TL222 and TL224 test leads
CAT IV 600 V; CAT III 1000 V, 10 A rating.
UL listed
TP74 Lantern Tip Test
Probe Set
One pair (red, black)
Tips include banana-
style spring contacts
with nickel-plated
brass ends
CAT III 1000 V, 10 A rating. UL listed
TP1 Slim Reach Test
Probe Set
One pair (red, black) of
slender probe bodies for probing closely
spaced or recessed terminals
Hard stainless steel probe tips
Flat blade design to hold securely in blade
type electrical wall sockets.
CAT IV 600 V, CAT III 1000 V, 10 A rating.
UL listed
TP2 Slim Reach Test
Probe Set
One pair (red, black) of
slender probe bodies for
probing closely spaced or recessed
terminals
Hard stainless steel probe tips
2 mm diameter tip for electronics work.
Also compatible with AC72
CAT IV 600 V, CAT III 1000 V, 10 A rating.
UL listed
TP4 Slim Reach Test
Probe Set
One pair (red, black) of
slender probe bodies for
probing closely spaced or recessed
terminals
Hard stainless steel probe tips
4 mm diameter probe tip designed to fit
securely into IEC electrical wall outlets
CAT IV 600 V, CAT III 1000 V, 10 A rating.
UL listed
AC285 SureGrip™ Alligator Clip Set
One pair (red, black) of large alligator
clips with nickel-plated steel jaws
Multi-purpose tooth pattern grips
anything from fine gauge wire to
a 20 mm bolt
Recommended for use with TL222
and TL224 test leads
CAT IV 600 V; CAT III 1000 V,
10 A rating. UL listed
AC87 Heavy Duty Bus Bar Clip Set
One pair (red, black) of flat, right
angle design for
connecting to bus
bars
Adjustable collar
provides 2 ranges of jaw
openings up to 30 mm
CAT III 600 V, 5 A rating. UL listed
AC89 Heavy Duty Insulation
Piercing Test Clip Set
Single probe pierces 0.25 to 1.5
mm insulated wire
Small pin allows self-
healing of the
insulation
CAT IV 600V, CAT III 1000 V, 5 A rating.
UL listed
AC72 Alligator Clip Set
Slide-on alligator clips (red, black) for
TL71/TL75
Jaws provide 8 mm
opening
CAT IV 600 V, CAT III
1000 V, 10 A rating.
UL listed
Industrial Test Leads,
Probes & Clips
10622-ENG Rev. 01
Modular Test Probes
(for use with Modular Test Leads)
Modular Test Probes
(for use with Modular Test Leads)
Modular Clips
(for use with Modular Test Leads)
Modular Clips
(for use with Modular Test Leads)
Push-on Clip
(for use with TL71 and TL75 Test Lead Sets)
All accessories have a one year warranty


Similar Part No. - AC280

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC280 ETC2-AC280 Datasheet
219Kb / 2P
   Industrial Test Leads, Probes & Clips
More results

Similar Description - AC280

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC285 ETC2-AC285 Datasheet
219Kb / 2P
   Industrial Test Leads, Probes & Clips
logo
Schurter Inc.
0040.1211 SCHURTER-0040.1211 Datasheet
377Kb / 1P
   TEST JACKS, TEST PROBES
0040.1021 SCHURTER-0040.1021 Datasheet
116Kb / 1P
   TEST JACKS, TEST PROBES
logo
List of Unclassifed Man...
501791 ETC2-501791 Datasheet
1Mb / 13P
   TEST CLIPS INSULATORS
logo
Schurter Inc.
0040.1281 SCHURTER-0040.1281 Datasheet
27Kb / 1P
   TEST JACKS, TEST PROBES / PRUFSTECKER, PRUFBUCHSEN
0040.1031 SCHURTER-0040.1031 Datasheet
26Kb / 1P
   TEST JACKS, TEST PROBES / PRUFSTECKER, PRUFBUCHSEN
0040.1061 SCHURTER-0040.1061 Datasheet
48Kb / 1P
   TEST JACKS, TEST PROBES / PRUFSTECKER, PRUFBUCHSEN
0040.1011 SCHURTER-0040.1011 Datasheet
28Kb / 1P
   TEST JACKS, TEST PROBES / PRUFSTECKER, PRUFBUCHSEN
logo
M-System Co.,Ltd.
HCLLEAD MSYSTEM-HCLLEAD Datasheet
66Kb / 1P
   TEST LEADS
logo
Fluke Corporation
TP175 FLUKE-TP175 Datasheet
52Kb / 1P
   TP175 TwistGuard™ Test Probes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com