Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERJ-3GEYJ101V Datasheet(PDF) 6 Page - Texas Instruments

Part # ERJ-3GEYJ101V
Description  USER GUIDE
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ERJ-3GEYJ101V Datasheet(HTML) 6 Page - Texas Instruments

Back Button ERJ-3GEYJ101V Datasheet HTML 2Page - Texas Instruments ERJ-3GEYJ101V Datasheet HTML 3Page - Texas Instruments ERJ-3GEYJ101V Datasheet HTML 4Page - Texas Instruments ERJ-3GEYJ101V Datasheet HTML 5Page - Texas Instruments ERJ-3GEYJ101V Datasheet HTML 6Page - Texas Instruments ERJ-3GEYJ101V Datasheet HTML 7Page - Texas Instruments ERJ-3GEYJ101V Datasheet HTML 8Page - Texas Instruments ERJ-3GEYJ101V Datasheet HTML 9Page - Texas Instruments ERJ-3GEYJ101V Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Getting Started
www.ti.com
1.5
Connecting Other Sources
In general, the ADS1232REF can accurately measure any voltage in the input range of the ADS1232
ADC, as long as the following rules are observed:
Never apply a negative voltage to the inputs of the ADS1232REF. The ADS1232 cannot accept
negative voltages at its input. Applying negative voltages may damage both the device and the
ADS1232REF. (The negative signs used in some signal names indicate inversion, not polarity.)
Two channels are available. Be sure that the switch is set to the correct channel.
For single-ended signals, ground the negative input or connect it to 2.5V. 2.5V is available from a
voltage divider by shorting J7; see Section 6.4.5 for details.
The input range of the amplifier on the ADS1232 does not extend to the supplies. See the ADS1232
data sheet for details.
Note that Scale mode is designed only for use with load cells. Although it can be tested with a voltage
source or resistive divider, Scale mode does not, in general, display meaningful data unless a load cell is
connected and calibration is performed.
1.6
Connecting an External Clock
To connect an external clock, connect a clock oscillator to the EXTCLK test point. No settings need to be
changed; the ADS1232 will automatically use the attached clock.
The clock source must conform to 3.3V TTL or CMOS logic rules.
1.7
Common Tasks
1.7.1
Shorted-Input Noise Test
The noise measurements given in the product data sheet are taken with the inputs shorted to 2.5V. These
noise measurements can be replicated on the ADS1232REF with no external hardware. To set up these
measurements on the ADS1232REF, perform the following steps:
1. Move the mode switch to Analysis mode.
2. Short jumpers J8 and J7. (These jumpers are located very near the terminal block, and are marked
Input Shorting Jumpers in Figure 1.)
3. Set up the ADS1232 as desired, as described in the previous sections.
4. Hold down the DISP button. The display shows the current display mode. While holding down DISP,
press the UNIT button until the word on the left side is RMS.
5. While still holding down DISP, press the MODE button until the word on the right side is VOLT.
6. Release the DISP button. The display shows the word GOT followed by an increasing number. Once
the appropriate number of points is collected, the calculated noise voltage is displayed. This value is
the shorted-input RMS noise voltage, input-referred.
The first RMS noise measurement may be incorrect as a result of device settling. The second
measurement is generally correct.
For a detailed description of Analysis mode, see Section 3.
1.7.2
Measuring Mass
The following items are required to measure mass with the ADS1232REF:
A load cell, connected as described in Section 1.4
An object of known mass within the load cell range
To avoid performing calibration on each power-up, you can save the calibration settings to flash memory.
See Section 3.4.1 for details.
6
ADS1232REF User
's Guide
SBAU120B
– November 2005 – Revised July 2011
Submit Documentation Feedback
Copyright
© 2005–2011, Texas Instruments Incorporated


Similar Part No. - ERJ-3GEYJ101V

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ERJ-3GEYJ101V TI1-ERJ-3GEYJ101V Datasheet
1Mb / 34P
[Old version datasheet]   Contains all support circuitry needed for the ADS1148/ADS1248
ERJ-3GEYJ101V TI1-ERJ-3GEYJ101V Datasheet
623Kb / 31P
[Old version datasheet]   ADS1131REF and ADS1231REF
logo
Panasonic Semiconductor
ERJ-3GEYJ101V PANASONIC-ERJ-3GEYJ101V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
logo
Texas Instruments
ERJ-3GEYJ101V TI1-ERJ-3GEYJ101V Datasheet
2Mb / 48P
[Old version datasheet]   Contains all support circuitry needed for the ADS1174/ADS1274
May2009
More results

Similar Description - ERJ-3GEYJ101V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DOC1925 ETC1-DOC1925 Datasheet
2Mb / 61P
   User Guide
logo
STMicroelectronics
ST9 STMICROELECTRONICS-ST9 Datasheet
1Mb / 146P
   USER GUIDE
logo
Motorola, Inc
MC9S12H256 MOTOROLA-MC9S12H256 Datasheet
2Mb / 130P
   Device User Guide
logo
Freescale Semiconductor...
MC9S12DG128MPVE FREESCALE-MC9S12DG128MPVE Datasheet
2Mb / 128P
   Device User Guide
MC9S12DT128 FREESCALE-MC9S12DT128 Datasheet
6Mb / 142P
   Device User Guide
MC9S12DT128_1002 FREESCALE-MC9S12DT128_1002 Datasheet
1Mb / 140P
   Device User Guide
logo
List of Unclassifed Man...
ATSTK503 ETC2-ATSTK503 Datasheet
704Kb / 17P
   STK503 User Guide
logo
Telit loT Solutions
HE910 TELIT-HE910 Datasheet
2Mb / 111P
   HW User Guide
logo
Texas Instruments
LOG114EVM TI1-LOG114EVM Datasheet
571Kb / 21P
[Old version datasheet]   LOG114EVM User Guide
logo
OSRAM GmbH
TMF882X OSRAM-TMF882X Datasheet
1Mb / 37P
   EVM User Guide
v6-00 2022-May-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com