Electronic Components Datasheet Search |
|
ADM708RAN Datasheet(PDF) 7 Page - Analog Devices |
|
ADM708RAN Datasheet(HTML) 7 Page - Analog Devices |
7 / 16 page ADM706P/ADM706R/ADM706S/ADM706T, ADM708R/ADM708S/ADM708T Rev. C | Page 7 of 16 RESET TOP VIEW (Not to Scale) 1 8 2 3 4 5 7 6 PFO NC VCC MR GND PFI NC = NO CONNECT RESET ADM708R/ ADM708S/ ADM708T Figure 5. ADM708R/ADM708S/ADM708T Table 4. Pin Function Descriptions ADM708R/ADM708S/ADM708T Pin No. Mnemonic Description 1 MR Manual Reset Input. When taken below 0.6 V, a RESET/RESET is generated. MR can be driven from TTL, CMOS logic, or from a manual reset switch because it is internally debounced. An internal 70 μA pull-up current holds the input high when floating. 2 VCC Power Supply Input. 3 GND Ground. Ground reference for all signals (0 V). Power-Fail Input. PFI is the noninverting input to the power-fail comparator. When PFI is less than 1.25 V, PFO goes low. If unused, PFI should be connected to GND. 4 PFI 5 PFO Power-Fail Output. PFO is the output from the power-fail comparator. It goes low when PFI is less than 1.25 V. 6 NC No Connect. 7 RESET Logic Output. RESET goes low for 200 ms when triggered. It is triggered either by VCC being below the reset threshold or by a low signal on the MR input. RESET remains low whenever VCC is below the reset threshold. It remains low for 200 ms after VCC goes above the reset threshold or MR goes from low to high. A watchdog timeout does not trigger RESET unless WDO is connected to MR. 8 RESET Logic Output. RESET is an active high output suitable for systems that use active high reset logic. It is the inverse of RESET. |
Similar Part No. - ADM708RAN |
|
Similar Description - ADM708RAN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |