Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM61CIM3 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM61CIM3
Description  LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM61CIM3 Datasheet(HTML) 5 Page - Texas Instruments

  LM61CIM3 Datasheet HTML 1Page - Texas Instruments LM61CIM3 Datasheet HTML 2Page - Texas Instruments LM61CIM3 Datasheet HTML 3Page - Texas Instruments LM61CIM3 Datasheet HTML 4Page - Texas Instruments LM61CIM3 Datasheet HTML 5Page - Texas Instruments LM61CIM3 Datasheet HTML 6Page - Texas Instruments LM61CIM3 Datasheet HTML 7Page - Texas Instruments LM61CIM3 Datasheet HTML 8Page - Texas Instruments LM61CIM3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LM61
www.ti.com
SNIS121I – JUNE 1999 – REVISED FEBRUARY 2013
Typical Performance Characteristics
The LM61 in the SOT-23 package mounted to a printed circuit board as shown in Figure 14 was used to generate the
following thermal curves.
Thermal Resistance
Junction to Air
Thermal Time Constant
Figure 4.
Figure 5.
Thermal Response
Thermal Response in
in Stirred Oil Bath
Still Air with Heat Sink
with Heat Sink
Figure 6.
Figure 7.
Thermal Response in Still
Quiescent Current
Air without a Heat Sink
vs. Temperature
Figure 8.
Figure 9.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM61


Similar Part No. - LM61CIM3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM61CIM3 NSC-LM61CIM3 Datasheet
242Kb / 9P
   2.7V, SOT-23 or TO-92 Temperature Sensor
LM61CIM3 NSC-LM61CIM3 Datasheet
674Kb / 10P
   2.7V, SOT-23 or TO-92 Temperature Sensor
logo
Texas Instruments
LM61CIM3 TI1-LM61CIM3 Datasheet
1Mb / 18P
[Old version datasheet]   LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
LM61CIM3/NOPB TI1-LM61CIM3/NOPB Datasheet
1Mb / 18P
[Old version datasheet]   LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
logo
National Semiconductor ...
LM61CIM3X NSC-LM61CIM3X Datasheet
242Kb / 9P
   2.7V, SOT-23 or TO-92 Temperature Sensor
More results

Similar Description - LM61CIM3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM61 TI-LM61_15 Datasheet
1Mb / 18P
[Old version datasheet]   LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
LM61CIM3 TI1-LM61CIM3 Datasheet
1Mb / 18P
[Old version datasheet]   LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
logo
National Semiconductor ...
LM60 NSC-LM60_05 Datasheet
637Kb / 11P
   2.7V, SOT-23 or TO-92 Temperature Sensor
LM60 NSC-LM60 Datasheet
221Kb / 9P
   2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 NSC-LM61 Datasheet
242Kb / 9P
   2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 NSC-LM61_05 Datasheet
674Kb / 10P
   2.7V, SOT-23 or TO-92 Temperature Sensor
logo
Texas Instruments
LM60 TI-LM60 Datasheet
1Mb / 16P
[Old version datasheet]   2.7V, SOT-23 or TO-92 Temperature Sensor
LM60BIM3 TI1-LM60BIM3 Datasheet
1Mb / 17P
[Old version datasheet]   LM60 2.7V, SOT-23 or TO-92 Temperature Sensor
SM73710 TI-SM73710 Datasheet
374Kb / 12P
[Old version datasheet]   SM73710 2.7V, SOT-23 Temperature Sensor
logo
National Semiconductor ...
LM62 NSC-LM62 Datasheet
218Kb / 7P
   2.7V, 15.6 mV/째C SOT-23 Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com