Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS77133DGKG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS77133DGKG4
Description  USER GUIDE
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS77133DGKG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS77133DGKG4 Datasheet HTML 5Page - Texas Instruments TPS77133DGKG4 Datasheet HTML 6Page - Texas Instruments TPS77133DGKG4 Datasheet HTML 7Page - Texas Instruments TPS77133DGKG4 Datasheet HTML 8Page - Texas Instruments TPS77133DGKG4 Datasheet HTML 9Page - Texas Instruments TPS77133DGKG4 Datasheet HTML 10Page - Texas Instruments TPS77133DGKG4 Datasheet HTML 11Page - Texas Instruments TPS77133DGKG4 Datasheet HTML 12Page - Texas Instruments TPS77133DGKG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
www.ti.com
Weigh Scale Mode
2.2.2
RANGE
The RANGE button changes the units or range of the display. RANGE cycles through all available units;
see Section 2.1 for details. When the RANGE button is depressed, it displays the selected unit.
2.2.3
CAL
Pressing CAL initiates the two-point calibration sequence. See Section 2.3 for details.
2.3
Calibration
Two-point calibration is performed by pressing the CAL button. When this button is pressed, the board
executes the following command sequence:
1. The board scrolls the message, REMOVE WEIGHT.
2. The user removes all weight from the load cell and presses any button.
3. The board measures the load cell voltage and records it as the zero point.
4. The board scrolls the message PLACE CAL WEIGHT.
5. The user places a weight on the load cell and presses any button. The weight should have the mass
that was selected in the configuration mode.
6. The board measures the load cell voltage and records it as the calibration weight.
New calibration data are lost when power is removed. To prevent this data loss, calibration data can be
saved, with other board settings, to flash memory. See Section 3.4.1 for details.
2.4
Configuration
The parameters for Scale mode can be adjusted in the configuration mode.
To enter configuration mode, press the PARM buttons simultaneously. The four buttons then assume the
functions shown in the CONFIG box. To exit Configuration mode, press the PARM buttons simultaneously
again. This function does not cause parameters to be adjusted, because only button releases are detected
in Configuration mode.
Configuration mode contains a number of adjustable parameters. To scroll through the available
parameters, use the VALUE buttons. To change the parameter values, use the PARM buttons.
Some items in configuration mode are not parameters, but commands or gateways to a submenu. These
items are labelled as words with a question mark. To enter these or to execute the command, press either
of the PARM buttons.
All parameters in the analysis and scale configuration menus are independent, including the parameters
found in both modes.
Table 2 summarizes the available parameters.
Table 2. Parameters in Configuration Mode
PARAMETER
DISPLAY
VALUE RANGE
DESCRIPTION
Display units
UNIT=
μg, mg, g, kg, lb, st, oz
Display units
Channel
CHANNEL
1, 2
Analog input channel
Averages
AVGS=
2
–128
Number of points to average
ADC speed
SPD=
FAST, SLOW
Acquisition rate
Calibration mass
CW=
0
–99.9 in various units
Calibration mass and unit
Offset calibration
OCAL?
Offset calibration; see text
Save parameters
SAVE?
Save parameters; see text
Version number
V1.1.0
Firmware version number
display
9
SBAU120B
– November 2005 – Revised July 2011
ADS1232REF User
's Guide
Submit Documentation Feedback
Copyright
© 2005–2011, Texas Instruments Incorporated


Similar Part No. - TPS77133DGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77133DGKG4 TI-TPS77133DGKG4 Datasheet
354Kb / 25P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77133DGKG4 TI-TPS77133DGKG4 Datasheet
406Kb / 28P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77133DGKG4 TI1-TPS77133DGKG4 Datasheet
1Mb / 26P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
More results

Similar Description - TPS77133DGKG4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DOC1925 ETC1-DOC1925 Datasheet
2Mb / 61P
   User Guide
logo
STMicroelectronics
ST9 STMICROELECTRONICS-ST9 Datasheet
1Mb / 146P
   USER GUIDE
logo
Motorola, Inc
MC9S12H256 MOTOROLA-MC9S12H256 Datasheet
2Mb / 130P
   Device User Guide
logo
Freescale Semiconductor...
MC9S12DG128MPVE FREESCALE-MC9S12DG128MPVE Datasheet
2Mb / 128P
   Device User Guide
MC9S12DT128 FREESCALE-MC9S12DT128 Datasheet
6Mb / 142P
   Device User Guide
MC9S12DT128_1002 FREESCALE-MC9S12DT128_1002 Datasheet
1Mb / 140P
   Device User Guide
logo
List of Unclassifed Man...
ATSTK503 ETC2-ATSTK503 Datasheet
704Kb / 17P
   STK503 User Guide
logo
Telit loT Solutions
HE910 TELIT-HE910 Datasheet
2Mb / 111P
   HW User Guide
logo
Texas Instruments
LOG114EVM TI1-LOG114EVM Datasheet
571Kb / 21P
[Old version datasheet]   LOG114EVM User Guide
logo
OSRAM GmbH
TMF882X OSRAM-TMF882X Datasheet
1Mb / 37P
   EVM User Guide
v6-00 2022-May-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com