Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATC100B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ATC100B
Description  Porcelain Superchip Multilayer Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATC100B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ATC100B Datasheet HTML 1Page - List of Unclassifed Manufacturers ATC100B Datasheet HTML 2Page - List of Unclassifed Manufacturers ATC100B Datasheet HTML 3Page - List of Unclassifed Manufacturers ATC100B Datasheet HTML 4Page - List of Unclassifed Manufacturers ATC100B Datasheet HTML 5Page - List of Unclassifed Manufacturers ATC100B Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ATC 100 B Series
Porcelain Superchip®
Multilayer Capacitors
• Case B Size
• Capacitance Range
(.110" x .110")
0.1 pF to 1000 pF
• High Q
• Ultra-Stable Performance
• Low ESR/ESL
• High Self-Resonance
• Low Noise
• Established Reliability (QPL)
• Extended WVDC up to 1500 VDC
ATC, the industry leader, offers new improved ESR/ESL performance
for the 100 B Series RF/Microwave Capacitors. This Series is now
available with extended operating temperatures up to 175°C. High
Density porcelain construction provides a rugged, hermetic package.
Typical functional applications: Bypass, Coupling, Tuning, Feedback,
Impedance Matching and DC Blocking.
Typical circuit applications: UHF/Microwave RF Power Amplifiers,
Mixers, Oscillators, Low Noise Amplifiers, Filter Networks, Timing
Circuits and Delay Lines.
ENVIRONMENTAL TESTS
ATC 100 B Series Capacitors are designed and manufactured to
meet and exceed the requirements of EIA-198, MIL-PRF-55681
and MIL-PRF-123.
THERMAL SHOCK: MIL-STD-202, Method 107, Condition A.
MOISTURE RESISTANCE: MIL-STD-202, Method 106.
LOW VOLTAGE HUMIDITY:
MIL-STD-202, Method 103, Condition A, with 1.5 Volts DC applied
while subjected to an environment of 85°C with 85% relative hu-
midity for
240 hours min.
LIFE TEST:
MIL-STD-202, Method 108, for 2000 hours, at 125°C.
Voltage Applied:
200% of WVDC for capacitors rated at 500 volts DC or less.
120% of WVDC for capacitors rated at 1250 volts DC or less.
100% of WVDC for capacitors rated above 1250 volts DC.
ELECTRICAL AND MECHANICAL
SPECIFICATIONS
QUALITY FACTOR (Q): greater than 10,000 at 1 MHz.
TEMPERATURE COEFFICIENT OF CAPACITANCE (TCC):
+90 ±20 PPM/°C (-55°C to +125°C)
+90 ±30 PPM/°C (+125°C to +175°C)
INSULATION RESISTANCE (IR):
0.1 pF to 470 pF:
106 Megohms min. @ +25°C at rated WVDC.
105 Megohms min. @ +125°C at rated WVDC.
510 pF to 1000 pF:
105 Megohms min. @ +25°C at rated WVDC.
104 Megohms min. @ +125°C at rated WVDC.
IR above +125°C is derated by one order of magnitude.
WORKING VOLTAGE (WVDC): See Capacitance Values Table, page 2.
DIELECTRIC WITHSTANDING VOLTAGE (DWV):
250% of WVDC for capacitors rated at 500 volts DC or less for 5 seconds.
150% of WVDC for capacitors rated at 1250 volts DC or less for 5 seconds.
120% of WVDC for capacitors rated above 1250 volts DC for 5 seconds.
RETRACE: Less than ±(0.02% or 0.02 pF), whichever is greater.
AGING EFFECTS: None
PIEZOELECTRIC EFFECTS: None
(No capacitance variation with voltage or pressure).
CAPACITANCE DRIFT: ±(0.02% or 0.02 pF), whichever is greater.
OPERATING TEMPERATURE RANGE:
0.1 to 330 pF: from -55°C to +175°C
360 to 1000 pF: from -55°C to +125°C
TERMINATION STYLES:
Available in various surface mount and leaded styles.
See Mechanical Configurations, page 3.
TERMINAL STRENGTH: Terminations for chips and pellets with-
stand a pull of 5 lbs. min., 15 lbs. typical, for 5 seconds in direction
perpendicular to the termination surface of the capacitor. Test per MIL-
STD-202, method 211.
ATC # 001-807 Rev. P 8/13


Similar Part No. - ATC100B

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
ATC100B0R1BT500XT FREESCALE-ATC100B0R1BT500XT Datasheet
443Kb / 13P
   RF Power Field Effect Transistors
logo
NXP Semiconductors
ATC100B0R1BT500XT NXP-ATC100B0R1BT500XT Datasheet
1Mb / 28P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 3, 12/2008
ATC100B0R1BT500XT NXP-ATC100B0R1BT500XT Datasheet
502Kb / 18P
   RF Power LDMOS Transistor
Rev. 0, 04/2018
ATC100B0R1JT500XT NXP-ATC100B0R1JT500XT Datasheet
1Mb / 27P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 2, 5/2011
ATC100B0R2BT500XT NXP-ATC100B0R2BT500XT Datasheet
1,010Kb / 18P
   RF Power Field Effect Transistors
Rev. 2, 3/2011
More results

Similar Description - ATC100B

ManufacturerPart #DatasheetDescription
logo
Dielectric Laboratories...
C17CF620J-7UN-XOT DILABS-C17CF620J-7UN-XOT Datasheet
312Kb / 4P
   Ultrastable Porcelain Capacitors
C17AH620J-7UN-X0T DILABS-C17AH620J-7UN-X0T Datasheet
281Kb / 4P
   AH Series: P90 Porcelain Capacitors
C17NA620J-7UN-X0T DILABS-C17NA620J-7UN-X0T Datasheet
49Kb / 2P
   NA Series: N30 Porcelain Capacitors
logo
Lumins Inc.
SPT20-APC LUMINIS-SPT20-APC Datasheet
201Kb / 3P
   Pulse rated medium base porcelain socket.
SPT20W LUMINIS-SPT20W Datasheet
201Kb / 3P
   Pulse rated medium base porcelain socket.
SPT20-APS LUMINIS-SPT20-APS Datasheet
201Kb / 3P
   Pulse rated medium base porcelain socket
SPT20-APA LUMINIS-SPT20-APA Datasheet
201Kb / 3P
   Pulse rated medium base porcelain socket.
SPT20S LUMINIS-SPT20S Datasheet
201Kb / 3P
   Pulse rated medium base porcelain socket.
SPT20T LUMINIS-SPT20T Datasheet
201Kb / 3P
   Pulse rated medium base porcelain socket.
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com