Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATC200A56MW50XI Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ATC200A56MW50XI
Description  High Reliability
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATC200A56MW50XI Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ATC200A56MW50XI Datasheet HTML 1Page - List of Unclassifed Manufacturers ATC200A56MW50XI Datasheet HTML 2Page - List of Unclassifed Manufacturers ATC200A56MW50XI Datasheet HTML 3Page - List of Unclassifed Manufacturers ATC200A56MW50XI Datasheet HTML 4Page - List of Unclassifed Manufacturers ATC200A56MW50XI Datasheet HTML 5Page - List of Unclassifed Manufacturers ATC200A56MW50XI Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
ATC 200 A Performance Data
0.01
0.1
1
10
100
1000
10000
C
30 MHz
(Typical)
E
1
10
100
100
1000
10000
C
30 MHz
(Typical)
, CASE A
10
100
1000
100
1000
10000
C
(Typical)
1
10
100
1000
10000
C
Dotted line = Power dissipation limited
30 MHz
The current rating is based on a 65
°C mounting
surface and a device thermal resistance
of
40
°C/W. A power dissipation of 1.5W will result
in a case temperature of 125
°C.
ESR VS. CAPACITANCE
ATC SERIES 200, CASE A
Q VS. CAPACITANCE
ATC SERIES 200, CASE A
CAPACITANCE (pF)
CAPACITANCE (pF)
SERIES RESONANCE VS. CAPACITANCE
ATC SERIES 200, CASE A
CURRENT RATING VS. CAPACITANCE
ATC SERIES 200, CASE A
CAPACITANCE (pF)
CAPACITANCE (pF)
A M E R I C A N
T E C H N I C A L
C E R A M I C S
www .atceramics.com
ATC North America
sales@atceramics.com
ATC Asia
sales@atceramics-asia.com
ATC Europe
saleseur@atceramics.com


Similar Part No. - ATC200A56MW50XI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATC200B ETC2-ATC200B Datasheet
247Kb / 6P
   Rugged Construction
logo
Freescale Semiconductor...
ATC200B103KT50XT FREESCALE-ATC200B103KT50XT Datasheet
868Kb / 13P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
ATC200B103KT50XT FREESCALE-ATC200B103KT50XT Datasheet
985Kb / 21P
   RF Power LDMOS Transistors
ATC200B103KT50XT FREESCALE-ATC200B103KT50XT Datasheet
748Kb / 11P
   RF Power Field Effect Transistor
ATC200B103KT50XT FREESCALE-ATC200B103KT50XT Datasheet
1Mb / 19P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
More results

Similar Description - ATC200A56MW50XI

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-R272MH MINI-ADE-R272MH Datasheet
236Kb / 2P
   High Reliability Mixer High Reliability Mixer
logo
International Rectifier
ASA2812S IRF-ASA2812S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY HYBRID-HIGH RELIABILITY
logo
Inchange Semiconductor ...
2SC2166 ISC-2SC2166 Datasheet
187Kb / 2P
   High Reliability
logo
Bruckewell Technology L...
MURS220A BWTECH-MURS220A Datasheet
343Kb / 4P
   High reliability
logo
Laird Tech Smart Techno...
HP105 LSTD-HP105 Datasheet
721Kb / 1P
   High reliability
logo
Roithner LaserTechnik G...
LED405-30M32 ROITHNER-LED405-30M32 Datasheet
117Kb / 1P
   High Reliability
logo
IXYS Corporation
CPC1706 IXYS-CPC1706 Datasheet
118Kb / 6P
   High Reliability
logo
Laird Tech Smart Techno...
580 LSTD-580 Datasheet
778Kb / 2P
   High reliability
logo
Everlight Electronics C...
EAIST1005A0 EVERLIGHT-EAIST1005A0 Datasheet
456Kb / 8P
   High reliability
logo
Surge Components
1N914-1N914B SURGE-1N914-1N914B Datasheet
554Kb / 1P
   High reliability
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com