Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATC700B Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ATC700B
Description  High Self-Resonance
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATC700B Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  ATC700B Datasheet HTML 1Page - List of Unclassifed Manufacturers ATC700B Datasheet HTML 2Page - List of Unclassifed Manufacturers ATC700B Datasheet HTML 3Page - List of Unclassifed Manufacturers ATC700B Datasheet HTML 4Page - List of Unclassifed Manufacturers ATC700B Datasheet HTML 5Page - List of Unclassifed Manufacturers ATC700B Datasheet HTML 6Page - List of Unclassifed Manufacturers ATC700B Datasheet HTML 7Page - List of Unclassifed Manufacturers ATC700B Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
ATC 700 B Performance Data
100
100
10
10
1
1
0.1
0.1
The current rating is based on a 65 °C mounting surface
with a device thermal resistance
of 20 °C/W. A power
dissipation of 3 W will result in a case temperature of 125 °C.
Dotted Line = Power dissipation limited
Solid line = Voltage limited (Vrms)
1000 MHz
500 MHz
150 MHz
30 MHz
1
10
100
1000
100
10
The current rating is based on a 65ºC mounting surface
with a device thermal resistance
of 20ºC/W. A power
dissipation of 3 W will result in a case temperature of 125ºC.
Dotted line = Power dissipation limited
Solid line = Voltage limited (Vrms)
30 MHz
150 MHz
500 MHz
1000 MHz
CURRENT RATING VS. CAPACITANCE
ATC SERIES 700, CASE B, EXTENDED VOLTAGE
CAPACITANCE (pF)
(0.1 pF to 51 pF)
CURRENT RATING VS. CAPACITANCE
ATC SERIES 700, CASE B, EXTENDED VOLTAGE
CAPACITANCE (pF)
(56 pF to 200 pF)
A M E R I C A N
T E C H N I C A L
C E R A M I C S
www .atceramics.com
ATC North America
sales@atceramics.com
ATC Asia
sales@atceramics-asia.com
ATC Europe
saleseur@atceramics.com


Similar Part No. - ATC700B

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
ATC700B0R3BT500XT FREESCALE-ATC700B0R3BT500XT Datasheet
817Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
ATC700B0R4BT500XT FREESCALE-ATC700B0R4BT500XT Datasheet
817Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
ATC700B102FT50XT FREESCALE-ATC700B102FT50XT Datasheet
868Kb / 13P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
More results

Similar Description - ATC700B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATC700A ETC2-ATC700A Datasheet
297Kb / 6P
   High Self-Resonance
ATC500S ETC2-ATC500S Datasheet
288Kb / 8P
   Ultra High Self Resonance
ATC600S ETC2-ATC600S Datasheet
339Kb / 6P
   High Self Resonance Frequencies
logo
Panasonic Semiconductor
AN8028 PANASONIC-AN8028 Datasheet
133Kb / 13P
   Self-excited RCC pseudo-resonance type AC-DC switching power supply control IC
AN8026 PANASONIC-AN8026 Datasheet
125Kb / 12P
   Self-excited RCC pseudo-resonance type AC-DC switching power supply control IC
AN8029 PANASONIC-AN8029 Datasheet
132Kb / 13P
   Self-excited RCC pseudo-resonance type AC-DC switching power supply control IC
logo
Bourns Electronic Solut...
70F107AP-RC BOURNS-70F107AP-RC Datasheet
504Kb / 2P
   High Q, high self-resonant frequency
73F104AF-RC BOURNS-73F104AF-RC Datasheet
469Kb / 1P
   High Q, high self-resonant frequency
logo
List of Unclassifed Man...
4600 ETC-4600 Datasheet
44Kb / 1P
   High Q, high self-resonant frequency
5300-33 ETC-5300-33 Datasheet
170Kb / 1P
   High current, high self resonant frequency
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com