Electronic Components Datasheet Search |
|
ATC900C105MW100XI Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers |
|
ATC900C105MW100XI Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers |
3 / 6 page Custom lead styles and lengths are available; consult factory. All leads are high purity silver attached with high temperature solder and are RoHS compliant. **WL = .110 (2.79) for capacitance values < 0.82 MFd.; WL = .130 (3.30) for capacitance values ≥ 0.82 MFd. 3 ATC 900 C Capacitors: Mechanical Configurations ATC SERIES & CASE SIZE ATC TERM. CODE CASE SIZE & TYPE OUTLINES W/T IS A TERMINATION SURFACE BODY DIMENSIONS INCHES (mm) LEAD AND TERMINATION DIMENSIONS AND MATERIALS LENGTH (L) WIDTH (W) THICKNESS (T) OVERLAP (Y) MATERIALS 900C W C Solder Plate LT W Y .230 +.020 -.010 (5.84 +0.51 -0.25) .250 ±.015 (6.35 ±0.38) .145 (3.68) max. for ca- pacitance val- ues < 0.82 MFd; .165 (4.19) max. for ca- pacitance val- ues ≥ 0.82 MFd. .040 (1.02) max. Tin/ Lead, Solder Plated over Nickel Barrier Termination 900C P C Pellet L T W Y .230 +.025 -.010 (5.84 +0.64 -0.25) Heavy Tin / Lead Coated, over Nickel Barrier Termination 900C T C Solderable Nickel Barrier LT W Y .230 +.020 -.010 (5.84 +0.51 -0.25) RoHS Compliant Tin Plated over Nickel Barrier Termination 900C MS Microstrip LT LL WL TL W .245 ±.025 (6.22 ±0.64) N/A High Purity Silver Leads LL = .500 (12.7) min. WL = .240 ±.005 (6.10 ±.127) TL = .004 ±.001 (.102 ±.025) Leads are Attached with High Temperature Solder. 900C AR C Axial Ribbon LT LL WL TL W 900C AW C Axial Wire LT LL W • Silver-plated Copper Leads LL = 1.0 (25.4) min. Dia. = .032 ±.002 ( 0.81 ±0.05) 900C VA C Veritical Axial Rib- bon LT LL TL W WL Silver Leads LL = .500 (12.7) min. WL = * See below TL = .004 ±.001 (.102 ±.025) 900C RW C Radial Wire L T W L L Silver-plated Copper Leads LL = 1.0 (25.4) min. Dia. = .032 ±.002 (0.81 ±0.05) AMERICAN TECHNICAL CERAMICS www .atceramics.com ATC North America sales@atceramics.com ATC Asia sales@atceramics-asia.com ATC Europe saleseur@atceramics.com |
Similar Part No. - ATC900C105MW100XI |
|
Similar Description - ATC900C105MW100XI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |