Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7232F-TR Datasheet(PDF) 1 Page - Rohm

Part # BU7232F-TR
Description  Low Voltage CMOS Comparator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7232F-TR Datasheet(HTML) 1 Page - Rohm

  BU7232F-TR Datasheet HTML 1Page - Rohm BU7232F-TR Datasheet HTML 2Page - Rohm BU7232F-TR Datasheet HTML 3Page - Rohm BU7232F-TR Datasheet HTML 4Page - Rohm BU7232F-TR Datasheet HTML 5Page - Rohm BU7232F-TR Datasheet HTML 6Page - Rohm BU7232F-TR Datasheet HTML 7Page - Rohm BU7232F-TR Datasheet HTML 8Page - Rohm BU7232F-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TECHNICAL NOTE
General-purpose Operational Amplifier / Comparator
Low Voltage
CMOS Comparator
BU7251G,BU7251SG, BU7231G,BU7231SG,
BU7252F/FVM,BU7252S F/FVM, BU7232F/FVM,BU7232S F/FVM
Description
CMOS comparator BU7251/BU7231family and
BU7252/BU7232 family are input full swing and
push pull output comparator. These ICs integrate
one op-amp or two independent op-amps and phase
compensation capacitor on a single chip.
The features of these ICs are low operating supply
Voltage that is +1.8V to +5.5V(single supply) and
low supply current, extremely low input bias current.
Features
1)
Low operating supply voltage (+1.8[V]~+5.5[V])
7)
Internal ESD protection
2)
1.8 [V]~+5.5[V](single supply)
Human body model (HBM) ±4000[V](Typ.)
±0.9[V]~±2.75[V](split supply)
8)
Wide temperature range
3)
Input and Output full swing
40[℃]~+85[℃]
4)
Push-pull output type
(BU7251G,BU7252 family, BU7231G, BU7232 family)
5)
High speed operation
40[℃]~+105[℃]
(BU7251 family, BU7252 family)
(BU7251SG,BU7252S family, BU7231SG,BU7232S family)
6)
Low supply current
(BU7231 family, BU7232 family)
Pin Assignments
2007. October
High speed
Single
BU7251 G
Dual
(BU7251SG:105℃)
BU7252 F/FVM
(BU7252S F/FVM:105℃)
Low pow er
Single
BU7231 G
Dual
(BU7231SG:105℃)
BU7232 F/FVM
(BU7232S F/FVM:105℃)
1
2
3
4
8
7
5
OUT1
IN1-
IN1+
VSS
VDD
OUT2
IN2-
IN2+
CH1
- +
CH2
+ -
6
1
2
3
5
4
IN-
VSS
IN+
VDD
OUT
 
SOP8
SSOP5
MSOP8
BU7252F
BU7252SF
BU7232F
BU7232SF
BU7252FVM
BU7252SFVM
BU7232FVM
BU7232SFVM
BU7251G
BU7251SG
BU7231G
BU7231SG


Similar Part No. - BU7232F-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7232F ROHM-BU7232F Datasheet
518Kb / 19P
   Comparators: Low Voltage CMOS
BU7232FVM ROHM-BU7232FVM Datasheet
518Kb / 19P
   Comparators: Low Voltage CMOS
More results

Similar Description - BU7232F-TR

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM742 ELM-TECH-ELM742 Datasheet
645Kb / 4P
   CMOS Low power voltage comparator
ELM742-SERIES ELM-TECH-ELM742-SERIES Datasheet
645Kb / 4P
   CMOS Low power voltage comparator
logo
ELM Electronics
ELM742 ELM-ELM742 Datasheet
326Kb / 4P
   CMOS Low power voltage comparator
logo
List of Unclassifed Man...
ELM742X ETC-ELM742X Datasheet
111Kb / 3P
   LOW VOLTAGE, LOW POWER CMOS VOLTAGE COMPARATOR
logo
ELM Technology Corporat...
ELM743 ELM-TECH-ELM743_17 Datasheet
655Kb / 4P
   CMOS Low power voltage dual comparator
logo
STMicroelectronics
TS372 STMICROELECTRONICS-TS372 Datasheet
84Kb / 5P
   LOW POWER DUAL CMOS VOLTAGE COMPARATOR
TS374 STMICROELECTRONICS-TS374 Datasheet
88Kb / 5P
   LOW POWER QUAD CMOS VOLTAGE COMPARATOR
logo
ELM Technology Corporat...
ELM743 ELM-TECH-ELM743 Datasheet
327Kb / 4P
   CMOS Low power voltage dual comparator
logo
ELM Electronics
ELM743-SERIES ELM-ELM743-SERIES Datasheet
655Kb / 4P
   CMOS Low power voltage dual comparator
ELM743 ELM-ELM743 Datasheet
333Kb / 4P
   CMOS Low power voltage dual comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com