Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7251SG-E2 Datasheet(PDF) 4 Page - Rohm

Part # BU7251SG-E2
Description  Low Voltage CMOS Comparator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7251SG-E2 Datasheet(HTML) 4 Page - Rohm

  BU7251SG-E2 Datasheet HTML 1Page - Rohm BU7251SG-E2 Datasheet HTML 2Page - Rohm BU7251SG-E2 Datasheet HTML 3Page - Rohm BU7251SG-E2 Datasheet HTML 4Page - Rohm BU7251SG-E2 Datasheet HTML 5Page - Rohm BU7251SG-E2 Datasheet HTML 6Page - Rohm BU7251SG-E2 Datasheet HTML 7Page - Rohm BU7251SG-E2 Datasheet HTML 8Page - Rohm BU7251SG-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4/16
60
80
100
120
140
160
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
BU7251 family
(*) The above date is ability value of sample, it is not guaranteed. BU7251G:-40[℃] to+85[℃] BU7251SG:-40[℃] to+105[℃]
-10.0
-7.5
-5.0
-2.5
0.0
2.5
5.0
7.5
10.0
1
2345
6
SUPPLY VOLTAGE [V]
-40℃
25℃
85℃
105℃
BU7251 family
Fig.13
Input Offset Voltage – Supply Voltage
(Vicm=VDD, Vout=0.1[V])
60
80
100
120
140
160
12
3
4
56
SUPPLY VOLTAGE [V]
-40℃
25℃
85℃
105℃
BU7251 family
Fig.16
Large Signal Voltage Gain – Supply Voltage
-10.0
-7.5
-5.0
-2.5
0.0
2.5
5.0
7.5
10.0
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
5.5V
1.8V
3.0V
BU7251 family
Fig.14
Input Offset Voltage – Ambient Temperature
(Vicm=VDD, Vout=0.1[V])
-15
-10
-5
0
5
10
15
-1
0
1
2
3
4
INPUT VOLTAGE [V]
-40℃
25℃
85℃
105℃
Fig.15
Input offset voltage – Input Voltage
(VDD=3[V])
BU7251 family
3.0V
5.5V
1.8V
Fig.17
Large Signal Voltage Gain –
Ambient Temperature
BU7251 family
0
20
40
60
80
100
120
123
45
6
SUPPLY VOLTAGE [V]
-40℃
25℃
85℃
105℃
Fig.18
Common Mode rejection Ratio – Supply Voltage
(VDD=3[V])
BU7251 family
0
20
40
60
80
100
120
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
Fig.20
Power Supply Rejection –
Ambient Temperature
BU7251 family
0
20
40
60
80
100
120
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
5.5V
1.8V
3.0V
BU7251 family
Fig.19
Common Mode Rejection Ratio –
Ambient Temperature (VDD=3[V])
0.0
0.5
1.0
1.5
2.0
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
5.5V
1.8V
3.0V
Fig.21
Propagation Delay L-H –
Ambient Temperature
BU7251 family
0.0
0.2
0.4
0.6
0.8
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
5.5V
1.8V
3.0V
BU7251 family
Fig.22
Propagation Delay H-L –
Ambient Temperature


Similar Part No. - BU7251SG-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7251SG ROHM-BU7251SG Datasheet
518Kb / 19P
   Comparators: Low Voltage CMOS
More results

Similar Description - BU7251SG-E2

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM742 ELM-TECH-ELM742 Datasheet
645Kb / 4P
   CMOS Low power voltage comparator
ELM742-SERIES ELM-TECH-ELM742-SERIES Datasheet
645Kb / 4P
   CMOS Low power voltage comparator
logo
ELM Electronics
ELM742 ELM-ELM742 Datasheet
326Kb / 4P
   CMOS Low power voltage comparator
logo
List of Unclassifed Man...
ELM742X ETC-ELM742X Datasheet
111Kb / 3P
   LOW VOLTAGE, LOW POWER CMOS VOLTAGE COMPARATOR
logo
ELM Technology Corporat...
ELM743 ELM-TECH-ELM743_17 Datasheet
655Kb / 4P
   CMOS Low power voltage dual comparator
logo
STMicroelectronics
TS372 STMICROELECTRONICS-TS372 Datasheet
84Kb / 5P
   LOW POWER DUAL CMOS VOLTAGE COMPARATOR
TS374 STMICROELECTRONICS-TS374 Datasheet
88Kb / 5P
   LOW POWER QUAD CMOS VOLTAGE COMPARATOR
logo
ELM Technology Corporat...
ELM743 ELM-TECH-ELM743 Datasheet
327Kb / 4P
   CMOS Low power voltage dual comparator
logo
ELM Electronics
ELM743-SERIES ELM-ELM743-SERIES Datasheet
655Kb / 4P
   CMOS Low power voltage dual comparator
ELM743 ELM-ELM743 Datasheet
333Kb / 4P
   CMOS Low power voltage dual comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com