Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7252SG-E2 Datasheet(PDF) 7 Page - Rohm

Part # BU7252SG-E2
Description  Low Voltage CMOS Comparator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7252SG-E2 Datasheet(HTML) 7 Page - Rohm

Back Button BU7252SG-E2 Datasheet HTML 3Page - Rohm BU7252SG-E2 Datasheet HTML 4Page - Rohm BU7252SG-E2 Datasheet HTML 5Page - Rohm BU7252SG-E2 Datasheet HTML 6Page - Rohm BU7252SG-E2 Datasheet HTML 7Page - Rohm BU7252SG-E2 Datasheet HTML 8Page - Rohm BU7252SG-E2 Datasheet HTML 9Page - Rohm BU7252SG-E2 Datasheet HTML 10Page - Rohm BU7252SG-E2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7/16
2
4
6
8
10
12
-60
-30
0
30
60
90
120
AM BIENT TEMPERATURE [℃]
BU7231 series
(*) The above date is ability value of sample, it is not guaranteed. BU7231G:-40[℃] to+85[℃] BU7231SG:-40[℃] to+105[℃]
Fig.6
Output Voltage High – Ambient Temperature
(RL=10[kΩ])
0
10
20
30
40
50
02468
SUPPLY VOLTAGE [V]
0
4
8
12
16
20
1
2345
6
SUPPLY VOLTAGE [V]
Fig.3
Supply Current – Supply Voltage
-40℃
25℃
85℃
105℃
BU7231 family
0
200
400
600
800
050
100
150
AMBIENT TEMPERATURE [℃]
BU7231SG
BU7231 family
Fig.2
Derating Curve
1.8V
5.5V
3.0V
Fig.4
Supply Current – Ambient Temperature
BU7231 family
0
10
20
30
40
50
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
Fig.8
Output Voltage Low – Ambient Temperature
(RL=10[kΩ])
1.8V
5.5V
3.0V
BU7231 family
0
1
2
3
4
5
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
1.8V
5.5V
3.0V
Fig.10
Output Source Current – Ambient Temperature
(VOUT=VDD-0.4[V])
BU7231 family
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT VOLTAGE [V]
-40℃
25℃
85℃
105℃
BU7231 family
Fig.11
Output Sink Current – Output Voltage
(VDD=3[V])
0
5
10
15
20
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
5.5V
1.8V
3.0V
BU7231 family
Fig.12
Output Sink Current – Ambient Temperature
(VOUT=VSS+0.4[V])
BU7231 family
-40℃
25℃
85℃
105℃
Fig.7
Output Voltage Low – Supply Voltage
(RL=10[kΩ])
0
2
4
6
12
34
56
SUPPLY VOLTAGE [V]
BU7231 family
-40℃
25℃
85℃
105℃
Fig.5
Output Voltage – Supply Voltage
(RL=10[kΩ])
0
200
400
600
800
0
50
100
150
AMBIENT TEMPERATURE [℃]
BU7231G
BU7231 family
Fig.1
Derating Curve
0
2
4
6
8
10
0
0.5
1
1.5
2
2.5
3
OUTPUT VOLTAGE [V]
Fig.9
Output Source Current – Output Voltage
(VDD=3[V])
BU7231 family
-40℃
25℃
85℃
105℃
0
2
4
6
8
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
BU7231 family
5.5V
3.0V
1.8V
85
105


Similar Part No. - BU7252SG-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7252SF ROHM-BU7252SF Datasheet
518Kb / 19P
   Comparators: Low Voltage CMOS
BU7252SFVM ROHM-BU7252SFVM Datasheet
518Kb / 19P
   Comparators: Low Voltage CMOS
More results

Similar Description - BU7252SG-E2

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM742 ELM-TECH-ELM742 Datasheet
645Kb / 4P
   CMOS Low power voltage comparator
ELM742-SERIES ELM-TECH-ELM742-SERIES Datasheet
645Kb / 4P
   CMOS Low power voltage comparator
logo
ELM Electronics
ELM742 ELM-ELM742 Datasheet
326Kb / 4P
   CMOS Low power voltage comparator
logo
List of Unclassifed Man...
ELM742X ETC-ELM742X Datasheet
111Kb / 3P
   LOW VOLTAGE, LOW POWER CMOS VOLTAGE COMPARATOR
logo
ELM Technology Corporat...
ELM743 ELM-TECH-ELM743_17 Datasheet
655Kb / 4P
   CMOS Low power voltage dual comparator
logo
STMicroelectronics
TS372 STMICROELECTRONICS-TS372 Datasheet
84Kb / 5P
   LOW POWER DUAL CMOS VOLTAGE COMPARATOR
TS374 STMICROELECTRONICS-TS374 Datasheet
88Kb / 5P
   LOW POWER QUAD CMOS VOLTAGE COMPARATOR
logo
ELM Technology Corporat...
ELM743 ELM-TECH-ELM743 Datasheet
327Kb / 4P
   CMOS Low power voltage dual comparator
logo
ELM Electronics
ELM743-SERIES ELM-ELM743-SERIES Datasheet
655Kb / 4P
   CMOS Low power voltage dual comparator
ELM743 ELM-ELM743 Datasheet
333Kb / 4P
   CMOS Low power voltage dual comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com