Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB1A227M2FCB Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CB1A227M2FCB
Description  Tantalum Capacitor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CB1A227M2FCB Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CB1A227M2FCB Datasheet HTML 1Page - List of Unclassifed Manufacturers CB1A227M2FCB Datasheet HTML 2Page - List of Unclassifed Manufacturers CB1A227M2FCB Datasheet HTML 3Page - List of Unclassifed Manufacturers CB1A227M2FCB Datasheet HTML 4Page - List of Unclassifed Manufacturers CB1A227M2FCB Datasheet HTML 5Page - List of Unclassifed Manufacturers CB1A227M2FCB Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <2>
V1.1
06/09/12
CB Series
Tantalum Capacitor
The Range of the Capacitance and Case:
Capacitance
µF
Rated voltage
3V
4V
6.3V
10V
16V
20V
25V
35V
50V
0.1
A
A
0.15
A
A
0.22
A
A
0.33
A
A
0.47
A
A
0.68
A
A
1.0
A
A
A
A
B
1.5
A
A
A
A
C
2.2
A
A
A
A
B
C
3.3
A
A
A
B
B
B
D
4.7
A
A
A
A
B
B
B
C
D
6.8
A
A
A
B
B
C
C
D
E
10
A
A
B
B
B
C
C
D
E
15
A
A
B
C
C
D
D
E
F
22
B
B
C
C
C
D
D
E
F
33
B
B
C
D
D
E
E
F
47
C
C
D
D
D
E
E
F
68
D
D
D
D
E
F
F
100
D
D
E
E
E
F
F
150
D
E
E
E
F
220
E
E
E
F
Appearance & Dimensions:
Case Size D Max. H Max. h(±0.5mm) d(±0.05mm)
A
4.5
7
2.5
0.5
B
5
8
C
5.5
9.5
D
6.5
11
E
8.5
13
5
F
9.5
16.5
Dimensions : Millimetres


Similar Part No. - CB1A227M2FCB

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
CB1A-10S-1.5H HIROSE-CB1A-10S-1.5H Datasheet
815Kb / 10P
   Memory Stick Connectors
logo
Nais(Matsushita Electri...
CB1A-12V NAIS-CB1A-12V Datasheet
121Kb / 4P
   HIGH POWER AUTOMOTIVE RELAY
logo
Panasonic Semiconductor
CB1A-12V PANASONIC-CB1A-12V Datasheet
138Kb / 8P
   MINI-ISO AUTOMOTIVE RELAY Agricultural equipment, Conveyor, etc.
CB1A-12V PANASONIC-CB1A-12V Datasheet
185Kb / 9P
   MINI-ISO AUTOMOTIVE RELAY
logo
Nais(Matsushita Electri...
CB1A-24V NAIS-CB1A-24V Datasheet
121Kb / 4P
   HIGH POWER AUTOMOTIVE RELAY
More results

Similar Description - CB1A227M2FCB

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T500X227K010AG6110 KEMET-T500X227K010AG6110 Datasheet
98Kb / 1P
   Capacitor, tantalum
B76304E6879M010 KEMET-B76304E6879M010 Datasheet
41Kb / 1P
   Capacitor, tantalum
B76010D1079M055 KEMET-B76010D1079M055 Datasheet
41Kb / 1P
   Capacitor, tantalum
B76304E6879M018 KEMET-B76304E6879M018 Datasheet
41Kb / 1P
   Capacitor, tantalum
B76306E6879M010 KEMET-B76306E6879M010 Datasheet
41Kb / 1P
   Capacitor, tantalum
B76306E6879M018 KEMET-B76306E6879M018 Datasheet
41Kb / 1P
   Capacitor, tantalum
logo
Cornell Dubilier Electr...
TAT306M00611 CDE-TAT306M00611 Datasheet
284Kb / 12P
   Wet Tantalum Capacitor
logo
Kemet Corporation
T499 KEMET-T499 Datasheet
146Kb / 3P
   Tantalum Chip Capacitor
logo
Central Technologies
CTTCC CT-CTTCC Datasheet
258Kb / 2P
   Chip Tantalum Capacitor
logo
Suntan Capacitors
TS19 SUNTAN-TS19 Datasheet
1Mb / 1P
   TANTALUM CAPACITOR- DIPPED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com