Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSC-03C Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # OSC-03C
Description  NPN SILICON RF POWER TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

OSC-03C Datasheet(HTML) 1 Page - Advanced Semiconductor

  OSC-03C Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25
OC
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCEO
IC = 1.0 mA
16
V
BVCBO
IC = 100
µA
25
V
IEBO
IEB = 1.0 V
2.0
µµA
ICBO
VCB = 15 V
500
µµA
hFE
VCE = 8.0 V
IC = 100 mA
20
200
---
COB
VCB = 10 V
f = 1.0 MHz
1.5
pF
ηη
C
VCC = 12 V
POUT = 0.3 W
f = 7.5 GHz
22
%
||S21C||2
VCE = 8.0 V
IC = 100 mA
f = 1.0 GHz
4.0
dB
POSC
VCC = 12 V
IC = 120 mA
f = 7.5 GHz
320
mW
NPN SILICON RF POWER TRANSISTOR
OSC-0.3C
DESCRIPTION:
The
ASI OSC-0.3C is Designed for
FEATURES:
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
225 mA
VCB
25 V
PDISS
5.0 W @ TC = 25
OC
TJ
-65
OC to +200 OC
TSTG
-65
OC to +200 OC
θθ
JC
30
OC/W
PACKAGE STYLE .138 2L FLG
ORDER CODE: ASI10636
MINIMUM
inches / mm
.025 / 0.635
B
C
D
E
F
A
MAXIMUM
inches / mm
DIM
F
E
C
B
A
D
.138 / 3.505
.275 / 6.985
.375 / 9.525
.031 / 0.787
.062 / 1.575


Similar Part No. - OSC-03C

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
OSC-0.3C ASI-OSC-0.3C Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
OSC-0.7L ASI-OSC-0.7L Datasheet
13Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
OSC-07L ASI-OSC-07L Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - OSC-03C

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
   Silicon NPN Transistor RF Power Transistor
logo
Advanced Semiconductor
CBSL100 ASI-CBSL100 Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
CBSL150 ASI-CBSL150 Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
HF15-28S ASI-HF15-28S Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
MLN1027S ASI-MLN1027S Datasheet
16Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
   RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
   RF POWER TRANSISTOR NPN SILICON
MRF455 MACOM-MRF455 Datasheet
92Kb / 3P
   RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLX39 ASI-BLX39 Datasheet
13Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
MRF839F ASI-MRF839F Datasheet
15Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com