Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1706ARDZ-1.0-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP1706ARDZ-1.0-R7
Description  1 A, Low Dropout, CMOS Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1706ARDZ-1.0-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADP1706ARDZ-1.0-R7 Datasheet HTML 1Page - Analog Devices ADP1706ARDZ-1.0-R7 Datasheet HTML 2Page - Analog Devices ADP1706ARDZ-1.0-R7 Datasheet HTML 3Page - Analog Devices ADP1706ARDZ-1.0-R7 Datasheet HTML 4Page - Analog Devices ADP1706ARDZ-1.0-R7 Datasheet HTML 5Page - Analog Devices ADP1706ARDZ-1.0-R7 Datasheet HTML 6Page - Analog Devices ADP1706ARDZ-1.0-R7 Datasheet HTML 7Page - Analog Devices ADP1706ARDZ-1.0-R7 Datasheet HTML 8Page - Analog Devices ADP1706ARDZ-1.0-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADP1706/ADP1707/ADP1708
Rev. 0 | Page 4 of 20
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
OUTPUT NOISE
OUTNOISE
10 Hz to 100 kHz, VOUT = 0.75 V
125
μV rms
10 Hz to 100 kHz, VOUT = 3.3 V
450
μV rms
POWER SUPPLY REJECTION RATIO
PSRR
1 kHz, VOUT = 0.75 V
70
dB
1 kHz, VOUT = 3.3 V
56
dB
1 Accuracy when OUT is connected directly to ADJ. When OUT voltage is set by external feedback resistors, absolute accuracy in adjust mode depends on the tolerances
of resistors used.
2 Based on an end-point calculation using 10 mA and 1 A loads. See Figure 11 for typical load regulation performance for loads less than 10 mA.
3 Dropout voltage is defined as the input-to-output voltage differential when the input voltage is set to the nominal output voltage. This applies only for output
voltages above 2.5 V.
4 Start-up time is defined as the time between the rising edge of EN to OUT being at 95% of its nominal value.
5 Current limit threshold is defined as the current at which the output voltage drops to 90% of the specified typical value. For example, the current limit for a 1.0 V
output voltage is defined as the current that causes the output voltage to drop to 90% of 1.0 V, or 0.9 V.


Similar Part No. - ADP1706ARDZ-1.0-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1706ARDZ-1.0-R7 AD-ADP1706ARDZ-1.0-R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1706ARDZ-1.0-R7 AD-ADP1706ARDZ-1.0-R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
More results

Similar Description - ADP1706ARDZ-1.0-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1706ARDZ-0.75R7 AD-ADP1706ARDZ-0.75R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1707ACPZ-1.8-R7 AD-ADP1707ACPZ-1.8-R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1706 AD-ADP1706 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1708ARDZ-R7 AD-ADP1708ARDZ-R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Texas Instruments
LP38690-ADJ TI1-LP38690-ADJ_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Low Dropout CMOS Linear Regulator
logo
Analog Devices
ADP1740 AD-ADP1740 Datasheet
165Kb / 6P
   2 A, Low Dropout, CMOS Linear Regulator
Rev. PrA
logo
SeCoS Halbleitertechnol...
SJ1212 SECOS-SJ1212 Datasheet
396Kb / 3P
   1 A Low Dropout Positive Low Dropout Linear Regulator
logo
ON Semiconductor
NCP565 ONSEMI-NCP565_10 Datasheet
180Kb / 17P
   1.5 A Low Dropout Linear Regulator
November, 2010 ??Rev. 15
NCP565 ONSEMI-NCP565 Datasheet
111Kb / 12P
   1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
logo
Analog Devices
ADP1714 AD-ADP1714_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com