Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3309 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP3309
Description  High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3309 Datasheet(HTML) 2 Page - Analog Devices

  ADP3309 Datasheet HTML 1Page - Analog Devices ADP3309 Datasheet HTML 2Page - Analog Devices ADP3309 Datasheet HTML 3Page - Analog Devices ADP3309 Datasheet HTML 4Page - Analog Devices ADP3309 Datasheet HTML 5Page - Analog Devices ADP3309 Datasheet HTML 6Page - Analog Devices ADP3309 Datasheet HTML 7Page - Analog Devices ADP3309 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
–2–
REV. A
(@ TA = –20 C to +85 C, VIN = 7 V, CIN = 0.47 F, COUT = 0.47 F, unless
otherwise noted)
1
ADP3303-xx–SPECIFICATIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
OUTPUT VOLTAGE
VOUT
VIN = VOUTNOM +0.5 V to 12 V
ACCURACY
IL = 0.1 mA to 200 mA
TA = +25°C
–0.8
+0.8
%
VIN = VOUTNOM +0.5 V to 12 V
IL = 0.1 mA to 200 mA
–1.4
+1.4
%
LINE REGULATION
∆V
O
VIN = VOUTNOM +0.5 V to 12 V
∆V
IN
TA = +25°C
0.01
mV/V
LOAD REGULATION
∆V
O
IL = 0.1 mA to 200 mA
∆I
L
TA = +25°C
0.013
mV/mA
GROUND CURRENT
IGND
IL = 200 mA
1.5
4
mA
IL = 0.1 mA
0.25
0.4
mA
GROUND CURRENT
IGND
VIN = 2.5 V
IN DROPOUT
IL = 0.1 mA
1.12
2.5
mA
DROPOUT VOLTAGE
VDROP
VOUT = 98% of VOUTNOM
IL = 200 mA
0.18
0.4
V
IL = 10 mA
0.02
0.07
V
IL = 1 mA
0.003
0.03
V
SHUTDOWN THRESHOLD
VTHSD
ON
2.0
V
OFF
0.3
V
SHUTDOWN PIN
ISDIN
0 < VSD < 5 V
1
µA
INPUT CURRENT
5
≤ VSD ≤ 12 V @ V
IN = 12 V
22
µA
GROUND CURRENT IN
IQ
VSD = 0, VIN = 12 V
SHUTDOWN MODE
TA = +25°C1
µA
VSD = 0, VIN = 12 V
TA = +85°C5
µA
OUTPUT CURRENT IN
IOSD
TA = +25°C @ VIN = 12 V
2.5
µA
SHUTDOWN MODE
TA = +85°C @ VIN = 12 V
4
µA
ERROR PIN OUTPUT
LEAKAGE
IEL
VEO = 5 V
13
µA
ERROR PIN OUTPUT
“LOW” VOLTAGE
VEOL
ISINK = 400 µA
0.15
0.3
V
PEAK LOAD CURRENT
ILDPK
VIN = VOUTNOM + 1 V
300
mA
OUTPUT NOISE
VNOISE
f = 10 Hz–100 kHz
@ 5 V OUTPUT
CNR = 0
100
µV rms
CNR = 10 nF, CL = 10 µF30
µV rms
NOTES
1Ambient temperature of +85
°C corresponds to a typical junction temperature of +125°C under typical full load test conditions.
Specifications subject to change without notice.


Similar Part No. - ADP3309

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3309 AD-ADP3309 Datasheet
125Kb / 8P
   High Accuracy anyCAP??200 mA Low Dropout Linear Regulator
REV. A
ADP3309 AD-ADP3309 Datasheet
135Kb / 8P
   High Accuracy anyCAP??Adjustable 200 mA Low Dropout Linear Regulator
REV. A
ADP3309 AD-ADP3309 Datasheet
120Kb / 8P
   anyCAP??100 mA Low Dropout Linear Regulator
REV. 0
ADP3309 AD-ADP3309 Datasheet
382Kb / 9P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
ADP3309 AD-ADP3309 Datasheet
348Kb / 12P
   anyCAP 100 mA Low Dropout Linear Regulator
REV. C
More results

Similar Description - ADP3309

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3303ARZ-5 AD-ADP3303ARZ-5 Datasheet
382Kb / 9P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
ADP3303ARZ-3 AD-ADP3303ARZ-3 Datasheet
382Kb / 9P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
382Kb / 8P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
ADP3303 AD-ADP3303 Datasheet
125Kb / 8P
   High Accuracy anyCAP??200 mA Low Dropout Linear Regulator
REV. A
ADP3303A AD-ADP3303A Datasheet
135Kb / 8P
   High Accuracy anyCAP??Adjustable 200 mA Low Dropout Linear Regulator
REV. A
ADP3301AR-3.3 AD-ADP3301AR-3.3 Datasheet
84Kb / 8P
   High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
REV. 0
ADP3301 AD-ADP3301 Datasheet
125Kb / 8P
   High Accuracy anyCAP??100 mA Low Dropout Linear Regulator
REV. 0
ADP3307 AD-ADP3307 Datasheet
156Kb / 8P
   High Accuracy anyCAP??100 mA Low Dropout Linear Regulator
REV. 0
ADP3301ARZ-3 AD-ADP3301ARZ-3 Datasheet
128Kb / 8P
   High Accuracy anyCAP?? 100 mA Low Dropout Linear Regulator
REV. 0
ADP3301ARZ-3 AD-ADP3301ARZ-3 Datasheet
84Kb / 8P
   High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com