Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSC-07L Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # OSC-07L
Description  NPN SILICON RF POWER TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

OSC-07L Datasheet(HTML) 1 Page - Advanced Semiconductor

  OSC-07L Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25
OC
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCEO
IC = 1.0 mA
20
V
BVCBO
IC = 100
µA
40
V
BVEBO
IE = 100
µA
3.0
V
ICBO
VCB = 18 V
100
µµA
hFE
VCE = 5.0 V
IC = 100 mA
25
250
---
COB
VCB = 18 V
f = 1.0 MHz
5.0
pF
ηη
C
VCC = 18 V
POUT = 0.7 W
f = 1.68 GHz
25
%
ft
VCE = 10 V
IE = 100 mA
f = 200 MHz
2500
MHz
POSC
VCC = 18 V
IE = 150 mA
f = 1.68 GHz
700
mW
NPN SILICON RF POWER TRANSISTOR
OSC-0.7L
DESCRIPTION:
The
ASI OSC-0.7L is Designed for
FEATURES:
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
500 mA
VCB
40 V
PDISS
7.0 W @ TC = 25
OC
TJ
-65
OC to +200 OC
TSTG
-65
OC to +200 OC
θθ
JC
25
OC/W
PACKAGE STYLE TO-46
ORDER CODE: ASI10637
Ø D
Ø A
45°
C
B
E
F
G
H
.100 / 2.540
.012 / 0.3050
.500 / 12.700
.065 / 1.650
.178 / 4.520
.035 / 0.890
.209 / 5.310
.028 / 0.710
inches/mm
MINIMUM
C
H
G
F
E
D
A
B
DIM
.019 / 0.4830
.229 / 5.840
.085 / 2.160
.195 / 4.950
MAXIMUM
inches/mm
.046 / 1.170
.048 / 1.220


Similar Part No. - OSC-07L

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
OSC-0.3C ASI-OSC-0.3C Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
OSC-0.7L ASI-OSC-0.7L Datasheet
13Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
OSC-03C ASI-OSC-03C Datasheet
15Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - OSC-07L

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
   Silicon NPN Transistor RF Power Transistor
logo
Advanced Semiconductor
CBSL100 ASI-CBSL100 Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
CBSL150 ASI-CBSL150 Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
HF15-28S ASI-HF15-28S Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
MLN1027S ASI-MLN1027S Datasheet
16Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
   RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
   RF POWER TRANSISTOR NPN SILICON
MRF455 MACOM-MRF455 Datasheet
92Kb / 3P
   RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLX39 ASI-BLX39 Datasheet
13Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
MRF839F ASI-MRF839F Datasheet
15Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com