Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-21160NCBZ-100 Datasheet(PDF) 8 Page - Analog Devices

Part # ADSP-21160NCBZ-100
Description  SHARC Digital Signal Processor
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21160NCBZ-100 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADSP-21160NCBZ-100 Datasheet HTML 4Page - Analog Devices ADSP-21160NCBZ-100 Datasheet HTML 5Page - Analog Devices ADSP-21160NCBZ-100 Datasheet HTML 6Page - Analog Devices ADSP-21160NCBZ-100 Datasheet HTML 7Page - Analog Devices ADSP-21160NCBZ-100 Datasheet HTML 8Page - Analog Devices ADSP-21160NCBZ-100 Datasheet HTML 9Page - Analog Devices ADSP-21160NCBZ-100 Datasheet HTML 10Page - Analog Devices ADSP-21160NCBZ-100 Datasheet HTML 11Page - Analog Devices ADSP-21160NCBZ-100 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
Rev. C
|
Page 8 of 60
|
February 2013
ADSP-21160M/ADSP-21160N
interrupt generation upon completion of DMA transfers, two-
dimensional DMA, and DMA chaining for automatic linked
DMA transfers.
Multiprocessing
The ADSP-21160x offers powerful features tailored to multipro-
cessing DSP systems as shown in M. The external port and link
ports provide integrated glueless multiprocessing support.
The external port supports a unified address space (see Figure 4)
that allows direct interprocessor accesses of each processor’s
internal memory. Distributed bus arbitration logic is included
on-chip for simple, glueless connection of systems containing
up to six ADSP-21160x processors and a host processor. Master
processor changeover incurs only one cycle of overhead. Bus
arbitration is selectable as either fixed or rotating priority. Bus
lock allows indivisible read-modify-write sequences for sema-
phores. A vector interrupt is provided for interprocessor
commands. Maximum throughput for interprocessor data
transfer is 400M bytes/s (ADSP-21160N) over the external port.
Broadcast writes allow simultaneous transmission of data to all
ADSP-21160x DSPs and can be used to implement reflective
semaphores.
Six link ports provide for a second method of multiprocessing
communications. Each link port can support communications
to another ADSP-21160x. Using the links, a large multiproces-
sor system can be constructed in a 2D or 3D fashion. Systems
can use the link ports and cluster multiprocessing concurrently
or independently.
Link Ports
The processor features six 8-bit link ports that provide addi-
tional I/O capabilities. With the capability of running at
100 MHz rates, each link port can support 100M bytes/s
(ADSP-21160N). Link port I/O is especially useful for point-to-
point interprocessor communication in multiprocessing sys-
tems. The link ports can operate independently and
simultaneously. Link port data is packed into 48- or 32-bit
words, and can be directly read by the core processor or DMA-
transferred to on-chip memory. Each link port has its own dou-
ble-buffered input and output registers. Clock/acknowledge
handshaking controls link port transfers. Transfers are pro-
grammable as transmit or receive.
Serial Ports
The processor features two synchronous serial ports that pro-
vide an inexpensive interface to a wide variety of digital and
mixed-signal peripheral devices. The serial ports can operate up
to half the clock rate of the core, providing each with a maxi-
mum data rate of 50M bits/s (ADSP-21160N). Independent
transmit and receive functions provide greater flexibility for
serial communications. Serial port data can be automatically
transferred to and from on-chip memory via a dedicated DMA.
Each of the serial ports offers a TDM multichannel mode. The
serial ports can operate with little-endian or big-endian trans-
mission formats, with word lengths selectable from 3 bits to 32
bits. They offer selectable synchronization and transmit modes
as well as optional μ-law or A-law companding. Serial port
clocks and frame syncs can be generated internally or externally.
Host Processor Interface
The ADSP-21160x host interface allows easy connection to
standard microprocessor buses, both 16- and 32-bit, with little
additional hardware required. The host interface is accessed
through the ADSP-21160x DSP’s external port and is memory-
mapped into the unified address space. Four channels of DMA
are available for the host interface; code and data transfers are
accomplished with low software overhead. The host processor
communicates with the ADSP-21160x DSP’s external bus with
host bus request (HBR), host bus grant (HBG), ready (REDY),
acknowledge (ACK), and chip select (CS) signals. The host can
directly read and write the internal memory of the processor,
and can access the DMA channel setup and mailbox registers.
Vector interrupt support provides efficient execution of host
commands.
The host processor interface can be used in either multiproces-
sor or uniprocessor systems. For multiprocessor systems, host
access to the SHARC requires that address pins ADDR17,
ADDR18, ADDR19, and ADDR20 be driven low. It is not
enough to tie these pins to ground through a resistor (for exam-
ple, 10 k). These pins must be driven low with a strong enough
drive strength (10  to 50 ) to overcome the SHARC keeper
latches present on these pins. If the drive strength provided is
not strong enough, data access failures can occur.
For uniprocessor SHARC systems using this host access feature,
address pins ADDR17, ADDR18, ADDR19, and ADDR20 may
be tied low (for example, through a 10 k ohm resistor), driven
low by a buffer/driver, or left floating. Any of these options is
sufficient.
Figure 5. External Data Alignment Options
DATA63–0
63
55
47
39
3123
15
7
0
RDH/WRH
RDL/WRL
EPROM
16-BIT PACKED
32-BIT PACKED
64-BIT TRANS. FOR 40-BIT EXT. PRECISION
64-BIT TRANSFER FOR 48-BIT INSTRUCTION FETCH
RESTRICTED DMA, HOST, EPROM DATA ALIGNMENTS:
64-BIT LONG WORD, SIMD, DMA, IOP REGISTER TRANSFERS
BYTE 0
BYTE 7
32-BIT NORMAL WD. (EVEN ADDR.)
32-BIT NORMAL WORD (ODD ADDR)


Similar Part No. - ADSP-21160NCBZ-100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21160NCBZ-100 AD-ADSP-21160NCBZ-100 Datasheet
1Mb / 60P
   SHARC Digital Signal Processor
REV. C
logo
Texas Instruments
ADSP-21160NCBZ-100 TI-ADSP-21160NCBZ-100 Datasheet
1Mb / 60P
[Old version datasheet]   Digital Signal Processor
More results

Similar Description - ADSP-21160NCBZ-100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21160M AD-ADSP-21160M_15 Datasheet
1Mb / 60P
   SHARC Digital Signal Processor
REV. C
ADSP-21160NCBZ-100 AD-ADSP-21160NCBZ-100 Datasheet
1Mb / 60P
   SHARC Digital Signal Processor
REV. C
ADSP-21160N AD-ADSP-21160N_15 Datasheet
1Mb / 60P
   SHARC Digital Signal Processor
REV. C
ADSP-21262 AD-ADSP-21262 Datasheet
1Mb / 44P
   SHARC Processor
REV. A
ADSP-21362 AD-ADSP-21362 Datasheet
2Mb / 52P
   SHARC Processor
REV. A
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
949Kb / 64P
   SHARC Processor
Rev. F
ADSP-21489BSWZ-4B AD-ADSP-21489BSWZ-4B Datasheet
1Mb / 68P
   SHARC Processor
REV. B
ADSP-21477KCPZ-1A AD-ADSP-21477KCPZ-1A Datasheet
1Mb / 76P
   SHARC Processor
REV. C
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21062LCSZ-160 AD-ADSP-21062LCSZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com