Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOD2742AR2V Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FOD2742AR2V
Description  Optically Isolated Error Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD2742AR2V Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FOD2742AR2V Datasheet HTML 1Page - Fairchild Semiconductor FOD2742AR2V Datasheet HTML 2Page - Fairchild Semiconductor FOD2742AR2V Datasheet HTML 3Page - Fairchild Semiconductor FOD2742AR2V Datasheet HTML 4Page - Fairchild Semiconductor FOD2742AR2V Datasheet HTML 5Page - Fairchild Semiconductor FOD2742AR2V Datasheet HTML 6Page - Fairchild Semiconductor FOD2742AR2V Datasheet HTML 7Page - Fairchild Semiconductor FOD2742AR2V Datasheet HTML 8Page - Fairchild Semiconductor FOD2742AR2V Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD2742A, FOD2742B, FOD2742C Rev. 1.0.1
4
Electrical Characteristics (T
A = 25°C unless otherwise specified)
Input Characteristics
Notes:
1. The deviation parameters VREF(DEV) and IREF(DEV) are defined as the differences between the maximum and
minimum values obtained over the rated temperature range. The average full-range temperature coefficient of the
reference input voltage,
∆V
REF, is defined as:
where
∆T
A is the rated operating free-air temperature range of the device.
2. The dynamic impedance is defined as |ZOUT| = ∆VCOMP/∆ILED. When the device is operating with two external
resistors (see Figure 2), the total dynamic impedance of the circuit is given by:
Symbol
Parameter
Test Conditions
Device Min.
Typ.
Max. Unit
VF
LED Forward Voltage
ILED = 10mA, VCOMP = VFB (Fig. 1)
All
1.20
1.5
V
VREF
Reference Voltage
ILED = 10mA, VCOMP = VFB (Fig. 1)
A
2.482
2.495
2.508
V
B
2.470
2.495
2.520
V
C
2.450
2.500
2.550
V
VREF (DEV) Deviation of VREF Over
Temperature
TA = -25°C to +85°C (Fig. 1)
All
3.5
17
mV
∆V
RE
∆V
COMP
Ratio of VREF Variation to
the Output of the Error
Amplifier
ILED = 10mA
(Fig. 2)
∆V
COMP = 10V to VREF
All
-0.5
-2.7
mV/
V
∆V
COMP = 36V to 10V
-0.3
-2.0
IREF
Feedback Input Current
ILED = 10mA, R1 = 10KΩ (Fig. 3)
All
2.2
4
µA
IREF (DEV) Deviation of IREF Over
Temperature
TA = -25°C to +85°C (Fig. 3)
All
1.0
1.2
µA
ILED (MIN)
Minimum Drive Current
VCOMP = VFB (Fig. 1)
All
0.45
1.0
mA
I(OFF)
Off-state Error Amplifier
Current
VLED = 37V, VFB = 0 (Fig. 4)
All
0.01
1.0
µA
|ZOUT|
Error Amplifier Output
Impedance (see note 2)
VCOMP = VREF, ILED = 1mA to 20mA,
f
≥ 1.0kHz
All
0.15
0.5
∆V
REF ppm/°C
()
V
REF DEV
()/VREF TA
25°C
=
()
{} 10
6
×
∆T
A
-----------------------------------------------------------------------------------------------------
=
Z
OUT, TOT =
∆V
∆I
--------Z
OUT
1
R1
R2
--------
+
×


Similar Part No. - FOD2742AR2V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD2742A FAIRCHILD-FOD2742A Datasheet
567Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742A FAIRCHILD-FOD2742A Datasheet
165Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742A FAIRCHILD-FOD2742A Datasheet
320Kb / 15P
   Optically Isolated Error Amplifier
FOD2742A FAIRCHILD-FOD2742A_04 Datasheet
165Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742A FAIRCHILD-FOD2742A_08 Datasheet
320Kb / 15P
   Optically Isolated Error Amplifier
More results

Similar Description - FOD2742AR2V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD2711 FAIRCHILD-FOD2711 Datasheet
594Kb / 15P
   optically isolated error amplifier
FOD2741A FAIRCHILD-FOD2741A Datasheet
189Kb / 15P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2743A FAIRCHILD-FOD2743A_08 Datasheet
322Kb / 16P
   Optically Isolated Error Amplifier
FOD2742A FAIRCHILD-FOD2742A Datasheet
567Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742A FAIRCHILD-FOD2742A_04 Datasheet
165Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2712R2 FAIRCHILD-FOD2712R2 Datasheet
331Kb / 15P
   Optically Isolated Error Amplifier
FOD2712R1 FAIRCHILD-FOD2712R1 Datasheet
338Kb / 16P
   Optically Isolated Error Amplifier
logo
IXYS Corporation
LIA130 IXYS-LIA130 Datasheet
175Kb / 11P
   Optically Isolated Error Amplifier
logo
Fairchild Semiconductor
FOD2741A FAIRCHILD-FOD2741A_08 Datasheet
304Kb / 15P
   Optically Isolated Error Amplifier
logo
Clare, Inc.
LIA130 CLARE-LIA130 Datasheet
172Kb / 10P
   Optically Isolated Error Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com