Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM3200ARZ-RL7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADUM3200ARZ-RL7
Description  Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM3200ARZ-RL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADUM3200ARZ-RL7 Datasheet HTML 6Page - Analog Devices ADUM3200ARZ-RL7 Datasheet HTML 7Page - Analog Devices ADUM3200ARZ-RL7 Datasheet HTML 8Page - Analog Devices ADUM3200ARZ-RL7 Datasheet HTML 9Page - Analog Devices ADUM3200ARZ-RL7 Datasheet HTML 10Page - Analog Devices ADUM3200ARZ-RL7 Datasheet HTML 11Page - Analog Devices ADUM3200ARZ-RL7 Datasheet HTML 12Page - Analog Devices ADUM3200ARZ-RL7 Datasheet HTML 13Page - Analog Devices ADUM3200ARZ-RL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADuM3200/ADuM3201
Data Sheet
Rev. C | Page 10 of 20
ELECTRICAL CHARACTERISTICS—MIXED 3 V/5 V, 125°C OPERATION
All typical specifications are at TA = 25°C, VDD1 = 3 V, VDD2 = 5.0 V. Minimum/maximum specifications apply over the entire recommended
operation range: 3.0 V ≤ VDD1 ≤ 3.6 V, 4.5 V ≤ VDD2 ≤ 5.5 V, and −40°C ≤ TA ≤ +125°C, unless otherwise noted. Switching specifications
are tested with CL = 15 pF and CMOS signal levels, unless otherwise noted.
Table 22.
A Grade
B Grade
C Grade
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
SWITCHING SPECIFICATIONS
Data Rate
1
10
25
Mbps
Within PWD limit
Propagation Delay
t
PHL, tPLH
15
150
15
55
15
50
ns
50% input to 50% output
Pulse Width Distortion
PWD
ADuM3200
40
3
3
ns
|t
PLH − tPHL|
ADuM3201
40
4
4
ns
|t
PLH − tPHL|
Change vs.Temperature
6
5
5
ps/°C
Pulse Width
PW
1000
100
40
ns
Within PWD limit
Propagation Delay Skew
t
PSK
50
22
15
ns
Between any two units
Channel Matching
Codirectional
t
PSKCD
50
3
3
ns
Opposing-Direction
t
PSKOD
50
22
15
ns
Output Rise/Fall Time
t
R/tF
2.5
2.5
2.5
ns
10% to 90%
Table 23.
Parameter
Symbol
1 Mbps—A Grade,
B Grade, and C Grade
10 Mbps—B Grade and
C Grade
25 Mbps—C Grade
Unit
Test Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
SUPPLY CURRENT
ADuM3200
I
DD1
0.8
1.3
2.0
3.2
4.3
6.4
mA
No load
I
DD2
1.0
1.6
1.7
2.8
3.1
3.9
mA
No load
ADuM3201
I
DD1
0.7
1.3
1.5
2.1
3.0
4.2
mA
No load
I
DD2
1.3
1.8
3.1
4.0
6.4
8.3
mA
No load
Table 24. For All Models
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
DC SPECIFICATIONS
Logic High Input Threshold
V
IH
0.7 V
DDx
V
Logic Low Input Threshold
V
IL
0.4
0.3 V
DDx
V
Logic High Output Voltages
V
OH
V
DDx − 0.1
V
DDx
V
I
Ox = −20 µA, VIx = VIxH
V
DDx − 0.5
V
DDx − 0.2
V
I
Ox = −4 mA, VIx = VIxH
Logic Low Output Voltages
V
OL
0.0
0.1
V
I
Ox = 20 µA, VIx = VIxL
0.2
0.4
V
I
Ox = 4 mA, VIx = VIxL
Input Current per Channel
I
I
−10
+0.01
+10
µA
0 V ≤ V
Ix ≤ VDDX
Supply Current per Channel
Quiescent Input Supply Current
I
DDI(Q)
0.3
0.5
mA
V
IA = VIB = 0 V
Quiescent Output Supply Current
I
DDO(Q)
0.5
0.6
mA
V
IA = VIB = 0 V
Dynamic Input Supply Current
I
DDI(D)
0.10
mA/Mbps
Dynamic Output Supply Current
I
DDO(D)
0.05
mA/Mbps
AC SPECIFICATIONS
Common-Mode Transient Immunity1
|CM|
25
35
kV/µs
V
Ix = VDDX, VCM = 1000 V,
transient magnitude = 800 V
Refresh Rate
f
r
1.1
Mbps
1 |CM| is the maximum common-mode voltage slew rate that can be sustained while maintaining V
O > 0.8 VDD. The common-mode voltage slew rates apply to both
rising and falling common-mode voltage edges.


Similar Part No. - ADUM3200ARZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3200ARZ-RL7 AD-ADUM3200ARZ-RL7 Datasheet
525Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. 0
More results

Similar Description - ADUM3200ARZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3210 AD-ADUM3210_09 Datasheet
523Kb / 20P
   Dual-Channel Digital Isolators, Enhanced System-Level ESD Reliability
REV. C
ADUM3210 AD-ADUM3210_11 Datasheet
390Kb / 20P
   Dual-Channel Digital Isolators, Enhanced System-Level ESD Reliability
Rev. E
ADUM3201 AD-ADUM3201_15 Datasheet
449Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. D
ADUM3200 AD-ADUM3200_15 Datasheet
449Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. D
ADUM3200 AD-ADUM3200 Datasheet
525Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. 0
ADUM3401 AD-ADUM3401_15 Datasheet
436Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3400 AD-ADUM3400_15 Datasheet
436Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3402 AD-ADUM3402_15 Datasheet
436Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3400 AD-ADUM3400 Datasheet
519Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. 0
ADUM3300 AD-ADUM3300_15 Datasheet
386Kb / 20P
   Triple-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com