Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM3200ARZ-RL7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADUM3200ARZ-RL7
Description  Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM3200ARZ-RL7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADUM3200ARZ-RL7 Datasheet HTML 7Page - Analog Devices ADUM3200ARZ-RL7 Datasheet HTML 8Page - Analog Devices ADUM3200ARZ-RL7 Datasheet HTML 9Page - Analog Devices ADUM3200ARZ-RL7 Datasheet HTML 10Page - Analog Devices ADUM3200ARZ-RL7 Datasheet HTML 11Page - Analog Devices ADUM3200ARZ-RL7 Datasheet HTML 12Page - Analog Devices ADUM3200ARZ-RL7 Datasheet HTML 13Page - Analog Devices ADUM3200ARZ-RL7 Datasheet HTML 14Page - Analog Devices ADUM3200ARZ-RL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
ADuM3200/ADuM3201
Rev. C | Page 11 of 20
PACKAGE CHARACTERISTICS
Table 25.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Resistance (Input to Output)1
R
I-O
1012
Capacitance (Input to Output)1
C
I-O
1.0
pF
f = 1 MHz
Input Capacitance
C
I
4.0
pF
IC Junction-to-Case Thermal Resistance, Side 1
θ
JCI
46
°C/W
Thermocouple located at center
of package underside
IC Junction-to-Case Thermal Resistance, Side 2
θ
JCO
41
°C/W
1 The device is considered a 2-terminal device; Pin 1, Pin 2, Pin 3, and Pin 4 are shorted together, and Pin 5, Pin 6, Pin 7, and Pin 8 are shorted together.
REGULATORY INFORMATION
The ADuM3200/ADuM3201 devices are approved by the organizations listed in Table 26. Refer to Table 31 and the Insulation Lifetime
section for details regarding recommended maximum working voltages for specific cross-isolation waveforms and insulation levels.
Table 26.
UL
CSA
VDE
Recognized under UL 1577
Component Recognition
Program1
Approved under CSA Component
Acceptance Notice #5A
Certified according to DIN V VDE V 0884-10
(VDE V 0884-10): 2006-122
Single/basic 2500 V rms
isolation voltage
Basic insulation per CSA 60950-1-03 and IEC 60950-1, 400 V
rms (566 V peak) maximum working voltage
Functional insulation per CSA 60950-1-03 and IEC 60950-1,
800 V rms (1131 V peak) maximum working voltage
Reinforced insulation, 560 V peak
File E214100
File 205078
File 2471900-4880-0001
1 In accordance with UL 1577, each ADuM320x is proof-tested by applying an insulation test voltage ≥3000 V rms for 1 second (current leakage detection limit = 5 µA).
2 In accordance with DIN V VDE V 0884-10, each ADuM320x is proof tested by applying an insulation test voltage ≥1050 V peak for 1 second (partial discharge detection
limit = 5 pC). An asterisk (*) marking branded on the component designates DIN V VDE V 0884-10 approval.
INSULATION AND SAFETY-RELATED SPECIFICATIONS
Table 27.
Parameter
Symbol
Value
Unit
Conditions
Rated Dielectric Insulation Voltage
2500
V rms
1-minute duration
Minimum External Air Gap (Clearance)
L(I01)
4.90 min
mm
Measured from input terminals to output terminals,
shortest distance through air
Minimum External Tracking (Creepage)
L(I02)
4.01 min
mm
Measured from input terminals to output terminals,
shortest distance path along body
Minimum Internal Gap (Internal Clearance)
0.017 min
mm
Insulation distance through insulation
Tracking Resistance (Comparative Tracking Index)
CTI
>175
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)


Similar Part No. - ADUM3200ARZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3200ARZ-RL7 AD-ADUM3200ARZ-RL7 Datasheet
525Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. 0
More results

Similar Description - ADUM3200ARZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3210 AD-ADUM3210_09 Datasheet
523Kb / 20P
   Dual-Channel Digital Isolators, Enhanced System-Level ESD Reliability
REV. C
ADUM3210 AD-ADUM3210_11 Datasheet
390Kb / 20P
   Dual-Channel Digital Isolators, Enhanced System-Level ESD Reliability
Rev. E
ADUM3201 AD-ADUM3201_15 Datasheet
449Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. D
ADUM3200 AD-ADUM3200_15 Datasheet
449Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. D
ADUM3200 AD-ADUM3200 Datasheet
525Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. 0
ADUM3401 AD-ADUM3401_15 Datasheet
436Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3400 AD-ADUM3400_15 Datasheet
436Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3402 AD-ADUM3402_15 Datasheet
436Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3400 AD-ADUM3400 Datasheet
519Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. 0
ADUM3300 AD-ADUM3300_15 Datasheet
386Kb / 20P
   Triple-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com