Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM5402WCRWZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADUM5402WCRWZ
Description  Quad-Channel Isolators with Integrated DC-to-DC Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM5402WCRWZ Datasheet(HTML) 2 Page - Analog Devices

  ADUM5402WCRWZ Datasheet HTML 1Page - Analog Devices ADUM5402WCRWZ Datasheet HTML 2Page - Analog Devices ADUM5402WCRWZ Datasheet HTML 3Page - Analog Devices ADUM5402WCRWZ Datasheet HTML 4Page - Analog Devices ADUM5402WCRWZ Datasheet HTML 5Page - Analog Devices ADUM5402WCRWZ Datasheet HTML 6Page - Analog Devices ADUM5402WCRWZ Datasheet HTML 7Page - Analog Devices ADUM5402WCRWZ Datasheet HTML 8Page - Analog Devices ADUM5402WCRWZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ADuM5401W/ADuM5402W/ADuM5403W
Data Sheet
Rev. D | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagrams............................................................. 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Electrical Characteristics—5 V Primary Input Supply/5 V
Secondary Isolated Supply .......................................................... 3
 
Electrical Characteristics—3.3 V Primary Input Supply/3.3 V
Secondary Isolated Supply .......................................................... 5
 
Electrical Characteristics—5 V Primary Input Supply/3.3 V
Secondary Isolated Supply .......................................................... 7
 
Package Characteristics ............................................................... 9
 
Regulatory Approvals................................................................... 9
 
Insulation and Safety-Related Specifications............................ 9
 
DIN EN 69747-5-2 (VDE 0884 Teil 2) Insulation
Characteristics ............................................................................ 10
 
Recommended Operating Conditions .................................... 10
 
Absolute Maximum Ratings.......................................................... 11
 
ESD Caution................................................................................ 11
 
Pin Configurations and Function Descriptions ......................... 12
 
Truth Table .................................................................................. 14
 
Typical Performance Characteristics ........................................... 15
 
Terminology .................................................................................... 18
 
Applications Information .............................................................. 19
 
Theory of Operation .................................................................. 19
 
PCB Layout ................................................................................. 19
 
Thermal Analysis ....................................................................... 19
 
Propagation Delay Related Parameters ................................... 20
 
Start-Up Behavior....................................................................... 20
 
EMI Considerations................................................................... 20
 
DC Correctness and Magnetic Field Immunity..................... 20
 
Power Consumption .................................................................. 21
 
Power Considerations................................................................ 22
 
Insulation Lifetime ..................................................................... 22
 
VISO Start-Up Issues.................................................................... 23
 
Outline Dimensions ....................................................................... 24
 
Ordering Guide .......................................................................... 24
 
Automotive Products ................................................................. 24
 
REVISION HISTORY
4/13—Rev. C to Rev. D
Added Figure 17 and Figure 18; Renumbered Sequentially ..... 16
Added Start-Up Behavior Section ................................................ 20
Change to DC Correctness and Magnetic Field Immunity
Section.............................................................................................. 20
Changes to Ordering Guide .......................................................... 24
11/12—Rev. B to Rev. C
Changes to Ordering Guide .......................................................... 23
6/12—Rev. A to Rev. B
Created Hyperlink for Safety and Regulatory Approvals
Entry in Features Section................................................................. 1
Added Table 1; Renumbered Sequentially .................................... 1
Changes to Table 2, Table 3, and Table 4 ....................................... 3
Changes to Endnote 3 in Table 5 .................................................... 4
Change to Table 6 ............................................................................. 5
Changes to Table 9............................................................................ 6
Change to Table 10 ........................................................................... 7
Changes to Table 13.......................................................................... 8
Change to Table 16 ........................................................................... 9
Change to Table 18 ......................................................................... 10
Changes to Table 21........................................................................ 12
Changes to Table 22........................................................................ 13
Changes to Table 23 and Table 24 ................................................ 14
Changes to Theory of Operation Section.................................... 18
Changes to EMI Considerations Section .................................... 19
4/12—Rev. 0 to Rev. A
Changes to General Description and Features Sections ..............1
Changed DIN V VDE 0884-10 (VDE V 0884-10):2006-12 to
DIN EN 69747-5-2 (VDE 0884 Teil 2):2003-1 Throughout........1
Added Electrical Characteristics—3.3 V Primary Input
Supply/3.3 V Secondary Isolated Supply Section..........................5
Added Table 5, Table 6, and Table 7; Renumbered
Sequentially ........................................................................................5
Added Table 8 ....................................................................................6
Added Electrical Characteristics—5 V Primary Input Supply/
3.3 V Secondary Isolated Supply Section .......................................7
Added Table 9, Table 10, and Table 11............................................7
Added Table 12 ..................................................................................8
Changes to Table 14 and Table 15 ...................................................9
Changes to Table 16 ....................................................................... 10
Changes to Typical Performance Characteristics Section ........ 16
Changes to VISO Start-Up Issues Section ..................................... 23
Changes to Ordering Guide .......................................................... 24
Added Automotive Products Section .......................................... 24
1/10—Revision 0: Initial Version


Similar Part No. - ADUM5402WCRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5402WCRWZ AD-ADUM5402WCRWZ Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
More results

Similar Description - ADUM5402WCRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5401WCRWZ AD-ADUM5401WCRWZ Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM5401W AD-ADUM5401W Datasheet
452Kb / 20P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM6420A AD-ADUM6420A Datasheet
533Kb / 26P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
ADUM5401 AD-ADUM5401 Datasheet
587Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM6400 AD-ADUM6400 Datasheet
593Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM6420A AD-ADUM6420A_V01 Datasheet
732Kb / 31P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5404ARWZ-RL AD-ADUM5404ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6400 AD-ADUM6400_V01 Datasheet
470Kb / 28P
   Quad-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5401_VB AD-ADUM5401_VB Datasheet
481Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5401ARWZ-RL AD-ADUM5401ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com