Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2167-1RMZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # SSM2167-1RMZ-R7
Description  Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2167-1RMZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  SSM2167-1RMZ-R7 Datasheet HTML 1Page - Analog Devices SSM2167-1RMZ-R7 Datasheet HTML 2Page - Analog Devices SSM2167-1RMZ-R7 Datasheet HTML 3Page - Analog Devices SSM2167-1RMZ-R7 Datasheet HTML 4Page - Analog Devices SSM2167-1RMZ-R7 Datasheet HTML 5Page - Analog Devices SSM2167-1RMZ-R7 Datasheet HTML 6Page - Analog Devices SSM2167-1RMZ-R7 Datasheet HTML 7Page - Analog Devices SSM2167-1RMZ-R7 Datasheet HTML 8Page - Analog Devices SSM2167-1RMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SSM2167
Data Sheet
Rev. G | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage
6 V
Input Voltage
6 V
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
Lead Temperature (Soldering, 10 sec)
300°C
883 (Human Body) Model
500 V
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for worst-case conditions, that is, θJA is specified
for a device soldered in a 4-layer circuit board for surface-mount
packages.
Table 3.
Package Type
θJA
θJC
Unit
10-Lead MSOP (RM)
180
35
°C/W
ESD CAUTION


Similar Part No. - SSM2167-1RMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2167-1RMZ-R7 AD-SSM2167-1RMZ-R7 Datasheet
216Kb / 12P
   Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
Rev. G
More results

Similar Description - SSM2167-1RMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2166 AD-SSM2166 Datasheet
214Kb / 15P
   Microphone Preamplifier with Variable Compression and Noise Gating
REV. A
SSM2166 AD-SSM2166_15 Datasheet
605Kb / 20P
   Microphone Preamplifier with Variable Compression and Noise Gating
SSM2167 AD-SSM2167 Datasheet
121Kb / 8P
   Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
REV. A
SSM2167-1RMZ-R7 AD-SSM2167-1RMZ-R7 Datasheet
216Kb / 12P
   Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
Rev. G
SSM2165 AD-SSM2165_15 Datasheet
338Kb / 12P
   Microphone Preamplifier with Variable Compression and Noise Gating
SSM2166 AD-SSM2166_08 Datasheet
549Kb / 20P
   Microphone Preamplifier with Variable Compression and Noise Gating
REV. D
SSM2165 AD-SSM2165 Datasheet
163Kb / 10P
   Microphone Preamplifier with Variable Compression and Noise Gating
REV. A
SSM2166 AD-SSM2166_03 Datasheet
459Kb / 16P
   Microphone Preamplifier with Variable Compression and Noise Gating
REV. B
SSM2167 AD-SSM2167_07 Datasheet
275Kb / 12P
   Low Voltage Microphone Preamplifier with Variable Compression and Noige Gating
Rev. C
SSM-2015 AD-SSM-2015 Datasheet
264Kb / 5P
   LOW NOISE MICROPHONE PREAMPLIFIER
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com