Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM6202CRWZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADUM6202CRWZ
Description  Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM6202CRWZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADUM6202CRWZ Datasheet HTML 5Page - Analog Devices ADUM6202CRWZ Datasheet HTML 6Page - Analog Devices ADUM6202CRWZ Datasheet HTML 7Page - Analog Devices ADUM6202CRWZ Datasheet HTML 8Page - Analog Devices ADUM6202CRWZ Datasheet HTML 9Page - Analog Devices ADUM6202CRWZ Datasheet HTML 10Page - Analog Devices ADUM6202CRWZ Datasheet HTML 11Page - Analog Devices ADUM6202CRWZ Datasheet HTML 12Page - Analog Devices ADUM6202CRWZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
ADuM6200/ADuM6201/ADuM6202
Rev. C | Page 9 of 28
INSULATION CHARACTERISTICS
IEC 60747-5-2 (VDE 0884 Part 2):2003-01 and DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
These isolators are suitable for reinforced electrical isolation only within the safety limit data. Maintenance of the safety data is ensured
by protective circuits. The asterisk (*) marking branded on the components designates IEC 60747-5-2 (VDE 0884 Part 2):2003-01 or
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12 approval.
Table 17.
Description
Test Conditions/Comments
Symbol
Characteristic
Unit
Installation Classification per DIN VDE 0110
For Rated Mains Voltage ≤ 300 V rms
I to IV
For Rated Mains Voltage ≤ 450 V rms
I to II
For Rated Mains Voltage ≤ 600 V rms
I to II
Climatic Classification
40/105/21
Pollution Degree per DIN VDE 0110, Table 1
2
Maximum Working Insulation Voltage
V
IORM
846
V peak
Input-to-Output Test Voltage
Method b1
V
IORM × 1.875 = VPR, 100% production test, tm = 1 sec,
partial discharge < 5 pC
V
PR
1590
V peak
Method a
V
PR
After Environmental Tests Subgroup 1
V
IORM × 1.6 = VPR, tm = 60 sec, partial discharge < 5 pC
1375
V peak
After Input and/or Safety Tests
Subgroup 2 and Subgroup 3
V
IORM × 1.2 = VPR, tm = 60 sec, partial discharge < 5 pC
1018
V peak
Highest Allowable Overvoltage
Transient overvoltage, t
TR = 10 sec
V
IOTM
6000
V peak
Safety-Limiting Values
Maximum value allowed in the event of a failure
(see Figure 5)
Case Temperature
T
S
150
°C
Side 1 Current (I
DD1)
I
S1
555
mA
Insulation Resistance at T
S
V
IO = 500 V
R
S
>109
Thermal Derating Curve
0
100
200
300
400
500
600
0
50
100
150
200
AMBIENT TEMPERATURE (°C)
Figure 5. Thermal Derating Curve, Dependence of Safety-Limiting Values on Case Temperature, per DIN EN 60747-5-2
RECOMMENDED OPERATING CONDITIONS
Table 18.
Parameter
Symbol
Min
Max
Unit
Test Conditions/Comments
TEMPERATURE
Operating Temperature
T
A
−40
+105
°C
Operation at 105°C requires reduction of the
maximum load current as specified in Table 19
SUPPLY VOLTAGES
Each voltage is relative to its respective ground
V
DD1 @ VSEL = 0 V
V
DD1
3.0
5.5
V
V
DD1 @ VSEL = VISO
V
DD1
4.5
5.5
V


Similar Part No. - ADUM6202CRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM6202CRWZ AD-ADUM6202CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6202CRWZ AD-ADUM6202CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
More results

Similar Description - ADUM6202CRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM6200 AD-ADUM6200 Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6400 AD-ADUM6400_V01 Datasheet
470Kb / 28P
   Quad-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5200 AD-ADUM5200_V01 Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5201ARWZ-RL AD-ADUM5201ARWZ-RL Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5200W AD-ADUM5200W Datasheet
515Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. 0
ADUM5404ARWZ-RL AD-ADUM5404ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5401_VB AD-ADUM5401_VB Datasheet
481Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5401ARWZ-RL AD-ADUM5401ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com