Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM316 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # GRM316
Description  Chip Monolithic Ceramic Capacitors for Flow/Reflow Soldering GRM15/18/21/31 Series
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM316 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  GRM316 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GRM316 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GRM316 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRM316 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM316 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM316 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM316 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM316 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM316 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
10
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Continued from the preceding page.
Part Number
L x W [EIA]
TC
Rated Volt.
Capacitance (Capacitance part numbering code) and T (mm) Dimension (T Dimension part numbering code)
200
(
2D)
100
(
2A)
C0G
(
5C)
50
(
1H)
C0H
(
6C)
25
(
1E)
P2H
(
6P)
50
(
1H)
R2H
(
6R)
50
(
1H)
S2H
(
6S)
50
(
1H)
200
(
2D)
100
(
2A)
50
(
1H)
SL
(
1X)
25
(
1E)
T2H
(
6T)
50
(
1H)
GRM21
2.00x1.25 [0805]
U2J
(
7U)
50
(
1H)
470pF(
471)
0.60(
6)
1.25(
B)
0.85(
9)
0.85(
9)
1.25(
B)
0.85(
9)
560pF(
561)
0.60(
6)
1.25(
B)
1.25(
B)
1.25(
B)
0.85(
9)
1.25(
B)
680pF(
681)
0.85(
9)
1.25(
B)
1.25(
B)
0.85(
9)
1.25(
B)
820pF(
821)
0.85(
9)
1.25(
B)
1.25(
B)
0.60(
6)
1.25(
B)
0.60(
6)
1000pF(
102)
0.85(
9)
1.25(
B)
0.60(
6)
1.25(
B)
0.60(
6)
1200pF(
122)
1.25(
B)
0.60(
6)
1.25(
B)
0.60(
6)
1500pF(
152)
1.25(
B)
0.85(
9)
1.25(
B)
0.85(
9)
1800pF(
182)
0.60(
6)
1.25(
B)
0.85(
9)
1.25(
B)
0.85(
9)
2200pF(
222)
0.60(
6)
0.85(
9)
0.85(
9)
2700pF(
272)
0.60(
6)
1.25(
B)
1.25(
B)
1.25(
B)
3300pF(
332)
0.60(
6)
1.25(
B)
1.25(
B)
1.25(
B)
3900pF(
392)
0.60(
6)
1.25(
B)
0.85(
9)
4700pF(
472)
0.60(
6)
0.85(
9)
5600pF(
562)
0.85(
9)
1.25(
B)
6800pF(
682)
0.85(
9)
1.25(
B)
8200pF(
822)
0.85(
9)
10000pF(
103)
0.85(
9)
0.60(
6)
0.60(
6)
12000pF(
123)
0.60(
6)
0.60(
6)
15000pF(
153)
0.60(
6)
0.60(
6)
18000pF(
183)
0.60(
6)
0.60(
6)
22000pF(
223)
0.85(
9)
0.85(
9)
27000pF(
273)
0.85(
9)
0.85(
9)
33000pF(
333)
1.00(
A)
1.00(
A)
39000pF(
393)
1.25(
B)
1.25(
B)
47000pF(
473)
1.25(
B)
1.25(
B)
The part numbering code is shown in ( ).
Dimensions are shown in mm and Rated Voltage in Vdc.
Temperature Compensating Type GRM31 Series (3.20x1.60 mm) 500V/200V/100V/50V/25V
Part Number
L x W [EIA]
TC
Rated Volt.
Capacitance (Capacitance part numbering code) and T (mm) Dimension (T Dimension part numbering code)
500
(
2H)
200
(
2D)
50
(
1H)
C0G
(
5C)
25
(
1E)
C0H
(
6C)
25
(
1E)
P2H
(
6P)
50
(
1H)
R2H
(
6R)
50
(
1H)
S2H
(
6S)
50
(
1H)
200
(
2D)
100
(
2A)
50
(
1H)
SL
(
1X)
25
(
1E)
T2H
(
6T)
50
(
1H)
GRM31
3.20x1.60 [1206]
U2J
(
7U)
50
(
1H)
1.0pF(
1R0)
1.15(
M)
2.0pF(
2R0)
1.15(
M)
3.0pF(
3R0)
1.15(
M)
4.0pF(
4R0)
1.15(
M)
5.0pF(
5R0)
1.15(
M)
6.0pF(
6R0)
1.15(
M)
7.0pF(
7R0)
1.15(
M)
8.0pF(
8R0)
1.15(
M)
9.0pF(
9R0)
1.15(
M)
10pF(
100)
1.15(
M)
12pF(
120)
1.15(
M)
15pF(
150)
1.15(
M)
18pF(
180)
1.15(
M)
22pF(
220)
1.15(
M)
Continued on the following page.
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering.
!Note
C02E10.pdf 04.1.20


Similar Part No. - GRM316

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM316 MURATA-GRM316 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GRM316 MURATA-GRM316 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GRM316 MURATA-GRM316 Datasheet
204Kb / 13P
   for Flow/Reflow Soldering GRM15/18/21/31 Series
GRM316 MURATA-GRM316 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
logo
Murata Manufacturing Co...
GRM3161X1H332JA01 MURATA1-GRM3161X1H332JA01 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results

Similar Description - GRM316

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM1885C1H2R2CZ01D MURATA-GRM1885C1H2R2CZ01D Datasheet
204Kb / 13P
   for Flow/Reflow Soldering GRM15/18/21/31 Series
logo
Murata Manufacturing Co...
LLA31MR71A225MA01 MURATA1-LLA31MR71A225MA01 Datasheet
639Kb / 22P
   Only Reflow Soldering Low ESL Chip Monolithic Ceramic Capacitor for General
Sep.12,2016
LLA319R71C474MA01 MURATA1-LLA319R71C474MA01 Datasheet
639Kb / 22P
   Only Reflow Soldering Low ESL Chip Monolithic Ceramic Capacitor for General
Sep.12,2016
LLA31MR71C105MA01 MURATA1-LLA31MR71C105MA01 Datasheet
639Kb / 22P
   Only Reflow Soldering Low ESL Chip Monolithic Ceramic Capacitor for General
Sep.12,2016
logo
Vishay Siliconix
NONMAGNETICREFSOLD VISHAY-NONMAGNETICREFSOLD Datasheet
178Kb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors for Non-Magnetic Applications (Reflow Soldering)
01-Jan-2023
logo
OSRAM GmbH
SFH2201 OSRAM-SFH2201 Datasheet
488Kb / 12P
   Suitable for reflow soldering
SFH-2200 OSRAM-SFH-2200 Datasheet
673Kb / 13P
   Suitable for reflow soldering
SFH-2200-FA OSRAM-SFH-2200-FA Datasheet
604Kb / 13P
   Suitable for reflow soldering
SFH-2201 OSRAM-SFH-2201 Datasheet
488Kb / 12P
   Suitable for reflow soldering
BP104SR OSRAM-BP104SR Datasheet
434Kb / 13P
   Suitable for reflow soldering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com