Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KL32BK Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # KL32BK
Description  UNLESS OTHERWISE SPECIFIED, DIMENSIONS ARE FOR REFERENCE PURPOSES ONLY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KL32BK Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  KL32BK Datasheet HTML 1Page - List of Unclassifed Manufacturers KL32BK Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PART NO.
ECN # REV
-A
REVISIONS
DESCRIPTION
DRAWN
DATE
DATE
DATE
CHECKD
APPRVD
03/6/11
03/6/11
17/6/11
VEE
RELEASED
KL and KT Series
TOLERANCES:
DRAWN BY:
AMU
VEE
CHECKED BY:
APPROVED BY:
DATE:
DRAWING TITLE:
Cable Wrap
4 - 9
P10002672
03/06/11
DATE:
SIZE
SCALE: NTS
U.O.M.: mm
SHEET:
2
OF 2
DWG NO.
ELECTRONIC FILE
REV
A
03/06/11
A
DATE:
17/06/11
UNLESS OTHERWISE
SPECIFIED,
DIMENSIONS ARE
FOR REFERENCE
PURPOSES ONLY.
AMU
Important Notice : This data sheet and its contents (the "Information") belong to the mem-
bers of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence
is granted for the use of it other than for information purposes in connection with the prod-
ucts to which it relates. No licence of any intellectual property rights is granted. The
Information is subject to change without notice and replaces all data sheets previously sup-
plied. The Information supplied is believed to be accurate but the Group assumes no respon-
sibility for its accuracy or completeness, any error in or omission from it or for any use made
of it. Users of this data sheet should check for themselves the Information and the suitability
of the products for their purpose and not make any assumptions based on information
included or omitted. Liability for loss or damage resulting from any reliance on the
Information or use of it (including liability resulting from negligence or where the Group was
aware of the possibility of such loss or damage arising) is excluded. This will not operate to
limit or restrict the Group's liability for death or personal injury resulting from its negligence.
Pro-POWER is the registered trademark of the Group. © Premier Farnell plc 2011.
W
H
H1
D
Part Number
92.3 ±1
43 ±0.6
40.4 ±0.6
8.5 ±0.25
KT8BK
125 ±2.5
59 ±0.6
56 ±0.6
15 ±0.35
KT15BK
172 ±2.5
72 ±1
68 ±1
22.5 ±0.45
KT20BK
179 ±2.5
80 ±1
75.7 ±1
26 ±0.45
KT25BK
197 ±2.5
83.5 ±1
81 ±1
27 ±0.45
KT32BK
Description
Part Number
Cable Wrap, 10mm, 5m
KL8BK
Cable Wrap, 16mm, 5m
KL15BK
Cable Wrap, 22mm, 5 m
KL20BK
Cable Wrap, 27mm, 5m
KL25BK
Cable Wrap, 35mm, 5m
KL32BK
Tool, Cable Wrap, 10mm
KT8BK
Tool, Cable Wrap, 16mm
KT15BK
Tool, Cable Wrap, 22mm
KT20BK
Tool, Cable Wrap, 27mm
KT25BK
Tool, Cable Wrap, 35mm
KT32BK
Part Number Table
KT Type
Dimensions : Millimetres
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk


Similar Part No. - KL32BK

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KL32TTE KOA-KL32TTE Datasheet
135Kb / 8P
   Chip Inductors
KL32TTE005 KOA-KL32TTE005 Datasheet
135Kb / 8P
   Chip Inductors
KL32TTE005 KOA-KL32TTE005 Datasheet
266Kb / 2P
   1210 molded wirewound inductor
KL32TTE005 KOA-KL32TTE005 Datasheet
327Kb / 3P
   1210 molded wirewound inductor
KL32TTE005M KOA-KL32TTE005M Datasheet
1,017Kb / 2P
   WIRE WOUND INDUCTORS
More results

Similar Description - KL32BK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5501-25PA-02-F1 ETC2-5501-25PA-02-F1 Datasheet
140Kb / 2P
   UNLESS OTHERWISE SPECIFIED, DIMENSIONS ARE FOR REFERENCE PURPOSES ONLY.
logo
API Technologies Corp
PA25-1227-008SA APITECH-PA25-1227-008SA Datasheet
93Kb / 1P
   UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN INCHES
PA25-1621-025SA APITECH-PA25-1621-025SA Datasheet
318Kb / 1P
   UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN INCHES
logo
Pasternack Enterprises,...
PE3252LF PASTERNACK-PE3252LF Datasheet
79Kb / 1P
   UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL
PE33778 PASTERNACK-PE33778 Datasheet
263Kb / 1P
   UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL
PE33799 PASTERNACK-PE33799 Datasheet
103Kb / 1P
   UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL
PE33896 PASTERNACK-PE33896 Datasheet
268Kb / 1P
   UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL
PE33928 PASTERNACK-PE33928 Datasheet
266Kb / 1P
   UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL
PE33656LF PASTERNACK-PE33656LF Datasheet
287Kb / 1P
   UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL
PE33670 PASTERNACK-PE33670 Datasheet
115Kb / 1P
   UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com