Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3015ET Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LT3015ET
Description  1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LT3015ET Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LT3015ET Datasheet HTML 1Page - List of Unclassifed Manufacturers LT3015ET Datasheet HTML 2Page - List of Unclassifed Manufacturers LT3015ET Datasheet HTML 3Page - List of Unclassifed Manufacturers LT3015ET Datasheet HTML 4Page - List of Unclassifed Manufacturers LT3015ET Datasheet HTML 5Page - List of Unclassifed Manufacturers LT3015ET Datasheet HTML 6Page - List of Unclassifed Manufacturers LT3015ET Datasheet HTML 7Page - List of Unclassifed Manufacturers LT3015ET Datasheet HTML 8Page - List of Unclassifed Manufacturers LT3015ET Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT3015
2
3015f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
IN Pin Voltage .........................................................±33V
OUT Pin Voltage (Note 10) ......................................±33V
OUT to IN Differential Voltage (Note 10) ........–0.3V, 33V
ADJ Pin Voltage
(with Respect to IN Pin) (Note 10) .............–0.3V, 33V
SHDN Pin Voltage
(with Respect to IN Pin) (Note 10) .............–0.3V, 55V
SHDN Pin Voltage
(with Respect to GND Pin) ..........................–33V, 22V
(Note 1)
TOP VIEW
DD PACKAGE
8-LEAD (3mm
3mm) PLASTIC DFN
5
6
7
8
9
IN
4
3
2
1
IN
IN
SHDN
GND
OUT
OUT
ADJ
GND
TJMAX = 125°C, θJA = 40°C/W, θJC = 7.5°C/W
EXPOSED PAD (PIN 9) IS IN, MUST BE SOLDERED TO PCB
1
2
3
4
5
6
IN
IN
IN
IN
SHDN
GND
12
11
10
9
8
7
OUT
OUT
OUT
OUT
ADJ
GND
TOP VIEW
MSE PACKAGE
12-LEAD PLASTIC MSOP
13
IN
TJMAX = 125°C, θJA = 37°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 13) IS IN, MUST BE SOLDERED TO PCB
Q PACKAGE
5-LEAD PLASTIC DD-PAK
FRONT VIEW
TAB IS IN
OUT
ADJ
IN
GND
SHDN
5
4
3
2
1
TJMAX = 125°C, θJA = 14°C/W, θJC = 3°C/W
T PACKAGE
5-LEAD PLASTIC TO-220
OUT
ADJ
IN
GND
SHDN
FRONT VIEW
5
4
3
2
1
TAB IS IN
TJMAX = 125°C, θJA = 50°C/W, θJC = 3°C/W
Output Short-Circuit Duration .......................... Indefinite
Operating Junction Temperature Range (Note 9)
E-, I-Grade ........................................ –40°C to 125°C
MP-Grade ......................................... –55°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10Sec)
MS12E Package ................................................ 300°C
Q, T Packages................................................... 250°C


Similar Part No. - LT3015ET

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3015ET LINER-LT3015ET Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
LT3015ET LINER-LT3015ET Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
More results

Similar Description - LT3015ET

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3015 LINER-LT3015 Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
LT3015EDD LINER-LT3015EDD Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
LT3015 LINER-LT3015 Datasheet
543Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator
LT3090 LINER-LT3090_15 Datasheet
692Kb / 36P
   600mA Negative Linear Regulator with Programmable Current Limit
LT3050 LINER-LT3050 Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
LT3090 LINER-LT3090 Datasheet
330Kb / 6P
   ??6V, 600mA Negative Linear Regulator with Programmable Current Limit
RH1185AMK LINER-RH1185AMK Datasheet
554Kb / 6P
   Negative Regulator with Adjustable Current Limit
RH1185AMK LINER-RH1185AMK_15 Datasheet
84Kb / 2P
   Negative Regulator with Adjustable Current Limit
logo
Linear Dimensions Semic...
LT3055 LINEAR_DIMENSIONS-LT3055 Datasheet
1Mb / 24P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
logo
Linear Technology
LT3055 LINER-LT3055 Datasheet
263Kb / 6P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com