Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ5066QI Datasheet(PDF) 8 Page - Alpha & Omega Semiconductors

Part # AOZ5066QI
Description  60A DrMOS Power Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ5066QI Datasheet(HTML) 8 Page - Alpha & Omega Semiconductors

Back Button AOZ5066QI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ5066QI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ5066QI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ5066QI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ5066QI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ5066QI Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ5066QI Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ5066QI Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ5066QI Datasheet HTML 12Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Rev. 1.0 August 2013
www.aosmd.com
Page 8 of 16
AOZ5066
Typical Performance Characteristics (Continued)
Fig 11. DISB# Input Threshold vs. Temperature
Fig 12. SMOD Input Threshold vs. Temperature
Temperature (°C)
Temperature (°C)
1.25
1.30
1.35
1.40
1.45
1.50
1.55
1.60
1.65
1.70
1.75
-40
-25
0
25
50
85
100
125
1.25
1.30
1.35
1.40
1.45
1.50
1.55
1.60
1.65
1.70
1.75
-40
-25
0
25
50
85
100
125
SMOD Rising Threshold
SMOD Falling Threshold
DISB# Rising Threshold
DISB# Falling Threshold


Similar Part No. - AOZ5066QI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ5066QI AOSMD-AOZ5066QI Datasheet
60Kb / 2P
   Versatile synchronous buck power stage feature state-of-the-art technology
AOZ5066QI-01 AOSMD-AOZ5066QI-01 Datasheet
60Kb / 2P
   Versatile synchronous buck power stage feature state-of-the-art technology
More results

Similar Description - AOZ5066QI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ5006 AOSMD-AOZ5006 Datasheet
823Kb / 16P
   35A DrMOS Power Module
AOZ5019 AOSMD-AOZ5019 Datasheet
616Kb / 13P
   High-Current, High-Performance DrMOS Power Module
logo
Anpec Electronics Corop...
APW8703 ANPEC-APW8703_17 Datasheet
361Kb / 19P
   High-Performance, High-Current DrMOS Power Module
logo
Alpha & Omega Semicondu...
AOZ5007 AOSMD-AOZ5007 Datasheet
821Kb / 16P
   High-Current, High-Performance DrMOS Power Module
AOZ5007AQI AOSMD-AOZ5007AQI Datasheet
982Kb / 15P
   High-Current, High-Performance DrMOS Power Module
Rev. 1.3 August 2022
AOZ5316UQI AOSMD-AOZ5316UQI Datasheet
1Mb / 17P
   High-Current, High-Performance DrMOS Power Module
Rev. 1.0 June 2020
AOZ5018QI AOSMD-AOZ5018QI Datasheet
1Mb / 16P
   High-Current, High-Performance DrMOS Power Module
Rev. 1.0 December 2021
AOZ5516QI-02 AOSMD-AOZ5516QI-02 Datasheet
2Mb / 17P
   High-Current, High-Performance DrMOS Power Module
Rev. 2.0 May 2020
AOZ5518QI AOSMD-AOZ5518QI Datasheet
2Mb / 16P
   High-Current, High-Performance DrMOS Power Module
Rev. 1.0 December 2020
AOZ5118QI-01 AOSMD-AOZ5118QI-01 Datasheet
2Mb / 18P
   High-Current, High-Performance DrMOS Power Module
Rev. 1.0 November 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com