Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ5066QI Datasheet(PDF) 9 Page - Alpha & Omega Semiconductors

Part # AOZ5066QI
Description  60A DrMOS Power Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ5066QI Datasheet(HTML) 9 Page - Alpha & Omega Semiconductors

Back Button AOZ5066QI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ5066QI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ5066QI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ5066QI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ5066QI Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ5066QI Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ5066QI Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ5066QI Datasheet HTML 12Page - Alpha & Omega Semiconductors AOZ5066QI Datasheet HTML 13Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Rev. 1.0 August 2013
www.aosmd.com
Page 9 of 16
AOZ5066
Timing Diagram
Figure 13. Timing Diagram
Application Information
AOZ5066QI and AOZ5066QI-01 are fully integrated
power modules designed to work over an input voltage
range of 4.5V to 25V with 5V supplies for gate drive and
internal control circuits. A number of features are
provided making the AOZ5066QI a highly versatile power
module. High side and low side power MOSFETs are
combined in one package with the pin outs optimized for
power routing with minimum parasitic inductances. The
MOSFETs are individually tailored for efficient operation
as either high side or low side switches in a low duty
cycle synchronous buck converter. A high current driver
is also included in the package which minimizes the gate
drive loop and results in extremely fast switching. The
modules are fully compatible with Intel DrMOS
specification Rev 4.0 in form fit and function.
Powering the Module and the Gate Drives
An external supply VDRV of 5V is required for driving the
MOSFETs. The MOSFETs are designed with low gate
thresholds so that lower drive voltage can be used to
reduce the switching and drive losses without
compromising the conduction losses. The control logic
supply VCIN can be derived from the gate drive supply
VDRV through an RC filter to bypass the switching noise.
See Figure 14 for recommended gate drive supply
connections. The gate driver is capable of supplying
several amperes of peak current into the LS FET to
achieve extremely fast switching. A ceramic bypass
capacitor of 1F or higher is recommended from VDRV to
CGND.
The boost supply for driving the high side MOSFET is
generated by connecting a small capacitor between
BOOT pin and the switching node VSWH. It is
recommended that this capacitor Cboot be connected as
close as possible to the device across pins 4 and 7.
Boost diode is integrated into the package. Rboot is an
optional resistor used by designers to slow down the turn
on speed of the high side MOSFET. The value is a
compromise between the need to keep both the
switching time and VSWH node spikes as low as
possible and is typically 1
 to 5
Undervoltage Lockout and Enable
VCIN is monitored for UVLO conditions and both outputs
are actively held low unless adequate gate supply is
available. The undervoltage lockout is set at 3.5V with a
550mV hysteresis. Since the PWM control signals are
provided typically from an external controller or a digital
processor extra care must be taken during start up.
The AOZ5066QI must be powered up and enabled
before the PWM input is applied. It should be ensured
that PWM signal goes through a proper soft start
sequence to minimise inrush current in the converter
during start up. Powering the module with a full duty
cycle PWM signal already applied may lead to a number
of undesirable consequences as explained below.
Outputs can also be turned off through the DISB# pin.
When this input is grounded the drivers are disabled and
held active low. The module is in standby mode with low
quiescent current of less than 75A.
PWM
GH
GL
tPDLL
tPDLU
tTSSHD
tTSSHD
tPTS
tPTS
tPDHL
tPDHU
PWM Tri State Band


Similar Part No. - AOZ5066QI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ5066QI AOSMD-AOZ5066QI Datasheet
60Kb / 2P
   Versatile synchronous buck power stage feature state-of-the-art technology
AOZ5066QI-01 AOSMD-AOZ5066QI-01 Datasheet
60Kb / 2P
   Versatile synchronous buck power stage feature state-of-the-art technology
More results

Similar Description - AOZ5066QI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ5006 AOSMD-AOZ5006 Datasheet
823Kb / 16P
   35A DrMOS Power Module
AOZ5019 AOSMD-AOZ5019 Datasheet
616Kb / 13P
   High-Current, High-Performance DrMOS Power Module
logo
Anpec Electronics Corop...
APW8703 ANPEC-APW8703_17 Datasheet
361Kb / 19P
   High-Performance, High-Current DrMOS Power Module
logo
Alpha & Omega Semicondu...
AOZ5007 AOSMD-AOZ5007 Datasheet
821Kb / 16P
   High-Current, High-Performance DrMOS Power Module
AOZ5007AQI AOSMD-AOZ5007AQI Datasheet
982Kb / 15P
   High-Current, High-Performance DrMOS Power Module
Rev. 1.3 August 2022
AOZ5316UQI AOSMD-AOZ5316UQI Datasheet
1Mb / 17P
   High-Current, High-Performance DrMOS Power Module
Rev. 1.0 June 2020
AOZ5018QI AOSMD-AOZ5018QI Datasheet
1Mb / 16P
   High-Current, High-Performance DrMOS Power Module
Rev. 1.0 December 2021
AOZ5516QI-02 AOSMD-AOZ5516QI-02 Datasheet
2Mb / 17P
   High-Current, High-Performance DrMOS Power Module
Rev. 2.0 May 2020
AOZ5518QI AOSMD-AOZ5518QI Datasheet
2Mb / 16P
   High-Current, High-Performance DrMOS Power Module
Rev. 1.0 December 2020
AOZ5118QI-01 AOSMD-AOZ5118QI-01 Datasheet
2Mb / 18P
   High-Current, High-Performance DrMOS Power Module
Rev. 1.0 November 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com