Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ3015PI Datasheet(PDF) 8 Page - Alpha & Omega Semiconductors

Part # AOZ3015PI
Description  EZBuck??3 A Synchronous Buck Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ3015PI Datasheet(HTML) 8 Page - Alpha & Omega Semiconductors

Back Button AOZ3015PI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ3015PI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ3015PI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ3015PI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ3015PI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ3015PI Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ3015PI Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ3015PI Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ3015PI Datasheet HTML 12Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AOZ3015PI
Rev. 2.0 July 2013
www.aosmd.com
Page 8 of 13
For reliable operation and best performance, the input
capacitors must have a current rating higher than
ICIN_RMS at the worst operating conditions. Ceramic
capacitors are preferred for input capacitors because of
their low ESR and high current rating. Depending on the
application circuits, other low ESR tantalum capacitors
may be used. When selecting ceramic capacitors, X5R or
X7R type dielectric ceramic capacitors should be used
for their better temperature and voltage characteristics.
Note that the ripple current rating from capacitor
manufactures are based on a certain operating life time.
Further de-rating may need to be considered for long
term reliability.
Inductor
The inductor is used to supply constant current to output
when it is driven by a switching voltage. For a given input
and output voltage, inductance and switching frequency
together decide the inductor ripple current, which is:
The peak inductor current is:
High inductance gives low inductor ripple current but
requires larger size inductor to avoid saturation. Low
ripple current reduces inductor core losses. It also
reduces RMS current through inductor and switches,
which results in less conduction loss. Usually, peak to
peak ripple current on the inductor is designed to be
20 % to 40 % of output current.
When selecting the inductor, confirm it is able to handle
the peak current without saturation at the highest
operating temperature.
The inductor takes the highest current in a buck circuit.
The conduction loss on the inductor needs to be checked
for thermal and efficiency requirements.
Surface mount inductors in different shape and styles are
available from Coilcraft, Elytone and Murata. Shielded
inductors are small and radiate less EMI noise. However,
they cost more than unshielded inductors. The choice
depends on EMI requirement, price and size.
Output Capacitor
The output capacitor is selected based on the DC output
voltage rating, output ripple voltage specification and
ripple current rating.
The selected output capacitor must have a higher rated
voltage specification than the maximum desired output
voltage including ripple. De-rating needs to be
considered for long term reliability.
Output ripple voltage specification is another important
factor for selecting the output capacitor. In a buck
converter circuit, output ripple voltage is determined by
inductor value, switching frequency, output capacitor
value and ESR. It can be calculated by the equation
below:
where,
CO is output capacitor value, and
ESRCO is the equivalent series resistance of the output
capacitor.
When a low ESR ceramic capacitor is used as the output
capacitor, the impedance of the capacitor at the switching
frequency dominates. Output ripple is mainly caused by
capacitor value and inductor ripple current. The output
ripple voltage calculation can be simplified to:
If the impedance of ESR at switching frequency
dominates, the output ripple voltage is mainly decided by
capacitor ESR and inductor ripple current. The output
ripple voltage calculation can be further simplified to:
For lower output ripple voltage across the entire
operating temperature range, X5R or X7R dielectric type
of ceramic, or other low ESR tantalum capacitors are
recommended as output capacitors.
In a buck converter, output capacitor current is
continuous. The RMS current of output capacitor is
decided by the peak to peak inductor ripple current. It can
be calculated by:
I
L
V
O
fL
-----------
1
V
O
V
IN
---------



=
I
Lpeak
I
O
I
L
2
--------
+
=
V
O
I
L
ESR
CO
1
8 fC
O
-------------------------
+


=
V
O
I
L
1
8 fC
O
-------------------------
=
V
O
I
L
ESR
CO
=
I
CO_RMS
I
L
12
----------
=


Similar Part No. - AOZ3015PI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ3015AI AOSMD-AOZ3015AI Datasheet
1Mb / 14P
   EZBuck??3 A Synchronous Buck Regulator
More results

Similar Description - AOZ3015PI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ3011PI AOSMD-AOZ3011PI Datasheet
815Kb / 14P
   EZBuck??3 A Synchronous Buck Regulator
AOZ1051PI AOSMD-AOZ1051PI Datasheet
635Kb / 14P
   EZBuck??3 A Synchronous Buck Regulator
AOZ3024PI AOSMD-AOZ3024PI Datasheet
550Kb / 14P
   EZBuck??3 A Synchronous Buck Regulator
AOZ3015AI AOSMD-AOZ3015AI Datasheet
1Mb / 14P
   EZBuck??3 A Synchronous Buck Regulator
AOZ3048PI AOSMD-AOZ3048PI Datasheet
1Mb / 14P
   EZBuck 5 A Synchronous Buck Regulator
AOZ1038 AOSMD-AOZ1038 Datasheet
544Kb / 14P
   EZBuck??6 A Synchronous Buck Regulator
AOZ1039DI AOSMD-AOZ1039DI Datasheet
626Kb / 13P
   EZBuck??8 A Synchronous Buck Regulator
AOZ1050PI AOSMD-AOZ1050PI Datasheet
607Kb / 14P
   EZBuck??2 A Synchronous Buck Regulator
AOZ3017 AOSMD-AOZ3017 Datasheet
789Kb / 14P
   EZBuck??4 A Synchronous Buck Regulator
AOZ3046PI AOSMD-AOZ3046PI Datasheet
716Kb / 14P
   EZBuck 4 A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com