Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ3015PI Datasheet(PDF) 10 Page - Alpha & Omega Semiconductors

Part # AOZ3015PI
Description  EZBuck??3 A Synchronous Buck Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ3015PI Datasheet(HTML) 10 Page - Alpha & Omega Semiconductors

Back Button AOZ3015PI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ3015PI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ3015PI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ3015PI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ3015PI Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ3015PI Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ3015PI Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ3015PI Datasheet HTML 12Page - Alpha & Omega Semiconductors AOZ3015PI Datasheet HTML 13Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AOZ3015PI
Rev. 2.0 July 2013
www.aosmd.com
Page 10 of 13
Thermal Management and Layout
Considerations
In the AOZ3015PI buck regulator circuit, high pulsing
current flows through two circuit loops. The first loop
starts from the input capacitors, to the VIN pin, to the
LX pad, to the filter inductor, to the output capacitor and
load, and then returns to the input capacitor through
ground. Current flows in the first loop when the high side
switch is on. The second loop starts from the inductor,
to the output capacitors and load, to the low side
NMOSFET. Current flows in the second loop when the
low side NMOSFET is on.
In PCB layout, minimizing the area of the two loops will
reduce the noise of the circuit and improves efficiency.
A ground plane is strongly recommended to connect the
input capacitor, the output capacitor, and the PGND pin
of the AOZ3015PI.
In the AOZ3015PI buck regulator circuit, the major power
dissipating components are the AOZ3015PI and the
output inductor. The total power dissipation of converter
circuit can be measured by input power minus output
power:
The power dissipation of the inductor can be
approximately calculated by the output current and DCR
value of the inductor:
The actual junction temperature can be calculated by the
power dissipation in the AOZ3015PI and the thermal
impedance from junction to ambient:
The maximum junction temperature of the AOZ3015PI is
150 ºC, which limits the maximum load current capability.
The thermal performance of the AOZ3015PI is strongly
affected by the PCB layout. Care should be taken during
the design process to ensure that the IC will operate
under the recommended environmental conditions.
Layout Considerations
The AOZ3015PI is an exposed pad SO-8 package.
Several layout tips are listed for the best electric and
thermal performance.
1. The exposed pad (LX) is connected to the internal
PFET and NFET drains. Connected a large copper
plane to the LX pin to help thermal dissipation.
2. Do not use a thermal relief connection to the VIN pin
or the PGND pin. Pour a maximized copper area to
the PGND pin and the VIN pin to help thermal
dissipation.
3. The input capacitor should be connected as close as
possible to the VIN pin and the PGND pin.
4. A ground plane is preferred. If a ground plane is not
used, separate PGND from AGND and only connect
them at one point to avoid the PGND pin noise
coupling to the AGND pin.
5. Make the current trace from the LX pad to L to Co to
the PGND as short as possible.
6. Pour copper plane on all unused board area and
connect it to stable DC nodes, like VIN, GND or
VOUT.
7. Keep sensitive signal trace away from the LX pad.
P
total_loss
V
IN
I
IN
V
O
I
O
=
P
inductor_loss
I
O
2
R
inductor
1.1
=
T
junction
P
total_loss Pinductor_loss
 
JA
=


Similar Part No. - AOZ3015PI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ3015AI AOSMD-AOZ3015AI Datasheet
1Mb / 14P
   EZBuck??3 A Synchronous Buck Regulator
More results

Similar Description - AOZ3015PI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ3011PI AOSMD-AOZ3011PI Datasheet
815Kb / 14P
   EZBuck??3 A Synchronous Buck Regulator
AOZ1051PI AOSMD-AOZ1051PI Datasheet
635Kb / 14P
   EZBuck??3 A Synchronous Buck Regulator
AOZ3024PI AOSMD-AOZ3024PI Datasheet
550Kb / 14P
   EZBuck??3 A Synchronous Buck Regulator
AOZ3015AI AOSMD-AOZ3015AI Datasheet
1Mb / 14P
   EZBuck??3 A Synchronous Buck Regulator
AOZ3048PI AOSMD-AOZ3048PI Datasheet
1Mb / 14P
   EZBuck 5 A Synchronous Buck Regulator
AOZ1038 AOSMD-AOZ1038 Datasheet
544Kb / 14P
   EZBuck??6 A Synchronous Buck Regulator
AOZ1039DI AOSMD-AOZ1039DI Datasheet
626Kb / 13P
   EZBuck??8 A Synchronous Buck Regulator
AOZ1050PI AOSMD-AOZ1050PI Datasheet
607Kb / 14P
   EZBuck??2 A Synchronous Buck Regulator
AOZ3017 AOSMD-AOZ3017 Datasheet
789Kb / 14P
   EZBuck??4 A Synchronous Buck Regulator
AOZ3046PI AOSMD-AOZ3046PI Datasheet
716Kb / 14P
   EZBuck 4 A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com