Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM20020ILJP Datasheet(PDF) 10 Page - Microchip Technology

Part # COM20020ILJP
Description  5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

COM20020ILJP Datasheet(HTML) 10 Page - Microchip Technology

Back Button COM20020ILJP Datasheet HTML 6Page - Microchip Technology COM20020ILJP Datasheet HTML 7Page - Microchip Technology COM20020ILJP Datasheet HTML 8Page - Microchip Technology COM20020ILJP Datasheet HTML 9Page - Microchip Technology COM20020ILJP Datasheet HTML 10Page - Microchip Technology COM20020ILJP Datasheet HTML 11Page - Microchip Technology COM20020ILJP Datasheet HTML 12Page - Microchip Technology COM20020ILJP Datasheet HTML 13Page - Microchip Technology COM20020ILJP Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
Datasheet
Revision 12-05-06
Page 10
SMSC COM20020I Rev D
DATASHEET
PLCC PIN
NO.
NAME
SYMBOL
DESCRIPTION
21
nTransmit
nEnable
nTXEN
Output. This signal is used prior to the Power-up to enable
the line drivers for transmission. The polarity of the signal
is programmable through the nPULSE2 pin.
nPULSE2 floating before Power-up: nTXEN active low
(Default option)
nPULSE2 grounded before Power-up: nTXEN active high
(This option is only available in Backplane Mode)
16,17
Crystal
Oscillator
XTAL1,
XTAL2
An external crystal should be connected to these pins.
Oscillation frequency range is from 10 to 20 MHz. If an
external TTL clock is used instead, it must be connected to
XTAL1 with a 390
Ω pull-up resistor, and XTAL2 should be
left floating.
15,28
Power
Supply
VDD
+5 Volt Power Supply pin.
7,14,22
Ground
VSS
Ground pin.


Similar Part No. - COM20020ILJP

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
COM20020ILJP SMSC-COM20020ILJP Datasheet
415Kb / 72P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20020ILJP3V SMSC-COM20020ILJP3V Datasheet
340Kb / 72P
   COM20020 3.3V ULANC Universal Local Area Network Controller with 2K x 8 On-Board RAM
COM20020ILJP3V SMSC-COM20020ILJP3V Datasheet
536Kb / 82P
   Universal Local Area Network Controller with 2K x 8 On-Board RAM
More results

Similar Description - COM20020ILJP

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
COM20020I SMSC-COM20020I Datasheet
415Kb / 72P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20020I_0609 SMSC-COM20020I_0609 Datasheet
478Kb / 69P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20020I SMSC-COM20020I_06 Datasheet
480Kb / 65P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20019I SMSC-COM20019I_07 Datasheet
391Kb / 65P
   Cost Competitive ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20019I_0610 SMSC-COM20019I_0610 Datasheet
490Kb / 70P
   Cost Competitive ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20019I SMSC-COM20019I Datasheet
505Kb / 65P
   Low Cost ARCNET(ANSI 878.1) Controller with 2k X 8 On-Board RAM
COM20019 SMSC-COM20019 Datasheet
454Kb / 81P
   Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
COM20019I SMSC-COM20019I_06 Datasheet
392Kb / 65P
   Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
COM20022I-3.3V SMSC-COM20022I-3.3V Datasheet
474Kb / 73P
   10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Chip RAM
COM200221 SMSC-COM200221 Datasheet
514Kb / 82P
   10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Chip RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com