Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMU01020C4701DB000 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MMU01020C4701DB000
Description  Professional MELF Resistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMU01020C4701DB000 Datasheet(HTML) 4 Page - Vishay Siliconix

  MMU01020C4701DB000 Datasheet HTML 1Page - Vishay Siliconix MMU01020C4701DB000 Datasheet HTML 2Page - Vishay Siliconix MMU01020C4701DB000 Datasheet HTML 3Page - Vishay Siliconix MMU01020C4701DB000 Datasheet HTML 4Page - Vishay Siliconix MMU01020C4701DB000 Datasheet HTML 5Page - Vishay Siliconix MMU01020C4701DB000 Datasheet HTML 6Page - Vishay Siliconix MMU01020C4701DB000 Datasheet HTML 7Page - Vishay Siliconix MMU01020C4701DB000 Datasheet HTML 8Page - Vishay Siliconix MMU01020C4701DB000 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Document Number: 28713
For technical questions, contact: melf@vishay.com
www.vishay.com
Revision: 05-Mar-12
17
MMU 0102, MMA 0204, MMB 0207 - Professional
Professional MELF Resistors
Vishay Beyschlag
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Resistance ranges printed in bold are preferred TCR/tolerance combinations with optimized availability.
• Resistance values to be selected for ± 5 % and ± 2 % tolerance from E24, for ± 1 % tolerance from E24 and E96 and for ± 0.5 % tolerance
from E24 and E192.
DESCRIPTION
Production is strictly controlled and follows an extensive
set
of
instructions
established
for
reproducibility.
A
homogeneous film of metal alloy is deposited on a high grade
ceramic body (Al2O3) and conditioned to achieve the desired
temperature coefficient. Nickel plated steel termination caps
are firmly pressed on the metallised rods. A special laser is
used to achieve the target value by smoothly cutting a helical
groove in the resistive layer without damaging the ceramics.
The resistor elements are covered by a protective coating
designed for electrical, mechanical and climatic protection.
The terminations receive a final pure tin on nickel plating.
Four or five color code rings designate the resistance value
and tolerance in accordance with IEC 60062 (3).
The result of the determined production is verified by an
extensive testing procedure performed on 100 % of the
individual resistors. This includes pulse load screening (for
R
 10 ) and additional non-linearity screening (for R  30 )
for the elimination of products with a potential risk of early life
failures according to EN 140401-803, 2.1.2.2. Only accepted
products are laid directly into the blister tape in accordance
with IEC 60286-3, Type II (3) or bulk case in accordance with
IEC 60286-6 (3).
ASSEMBLY
The resistors are suitable for processing on automatic SMD
assembly systems. They are suitable for automatic soldering
using wave,
reflow or
vapour
phase
as shown in
IEC 61760-1 (3). Solderability is specified for 2 years after
production or requalification, however, excellent solderability
is proven after extended storage in excess of 10 years. The
permitted storage time is 20 years.
The resistors are completely lead (Pb)-free, the pure tin
plating provides compatibility with lead (Pb)-free soldering
processes. The immunity of the plating against tin whisker
growth has been proven under extensive testing.
The encapsulation is resistant to all cleaning solvents
commonly used in the electronics industry, including
alcohols, esters and aqueous solutions. The suitability of
conformal coatings, if applied, shall be qualified by
appropriate means to ensure the long-term stability of the
whole system.
All
products
comply
with
the
GADSL
(1)
and
the
CEFIC-EECA-EICTA
(2)
list
of
legal
restrictions
on
hazardous substances. This includes full compliance with
the following directives:
 2000/53/EC End of Vehicle Life Directive (ELV) and
Annex II (ELV II)
 2011/65/EU Restriction of the use of Hazardous
Substances Directive (RoHS)
 2002/96/EC Waste Electrical and Electronic Equipment
Directive (WEEE)
APPROVALS
The resistors are approved within the IECQ-CECC Quality
Assessment System for Electronic Components to the detail
specification EN 140401-803 which refers to EN 60115-1,
EN 140400 and the variety of environmental test procedures
of the IEC 60068 (3) series.
Conformity is attested by the use of the CECC logo (
) as
the mark of conformity on the package label.
Vishay
Beyschlag
has
achieved
“Approval
of
Manufacturer” in accordance with IEC QC 001002-3,
clause 2. The release certificate for “Technology Approval
Schedule” in accordance with CECC 240001 based on
IEC
QC 001002-3,
clause
6
is
granted
for
the
Vishay Beyschlag manufacturing process.
The resistors are qualified according to AEC-Q200.
RELATED PRODUCTS
For products with precision specification see the datasheet:
• “Precision MELF Resistors”
(www.vishay.com/doc?28714)
• “High Precision MINI-MELF Resistor”
(www.vishay.com/doc?28715)
Resistors are available with established reliability in
accordance with EN 140401-803 Version E. Please refer to
datasheet “MELF Resistors with Established Reliability”
(www.vishay.com/doc?28707).
Notes
(1) Global Automotive Declarable Substance List, see www.gadsl.org.
(2) CEFIC (European Chemical Industry Council), EECA (European Electronic Component Manufacturers Association), EICTA (European trade
organisation representing the information and communications technology and consumer electronics), see www.eicta.org/index.php?id=995
 issues  environment policy  chemicals  chemicals for electronics.
(3) The quoted IEC standards are also released as EN standards with the same number and identical contents.
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE
DESCRIPTION
RESISTANCE
TCR
TOLERANCE
MMU 0102
MMA 0204
MMB 0207
± 100 ppm/K
± 5 %
-
-
0.1
 to 0.2 
± 50 ppm/K
± 5 %
0.22
 to 0.91 
0.22
 to 0.91 
0.22
 to 0.91 
± 2 %
1
 to 9.1 
-0.2
 to 0.91 
± 1 %
10
 to 2.21 M
1
 to 10 M
1
 to 15 M
± 0.5 %
10
 to 221 k
10
 to 2.21 M
-
± 25 ppm/K
± 1 %
10
 to 221 k
10
 to 511 k
-
± 0.5 %
10
 to 221 k
10
 to 511 k
10
 to 1 M
Jumper
10 m; I
max. = 2 A
10 m, I
max. = 3 A
10 m; I
max. = 5 A


Similar Part No. - MMU01020C4701DB000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMU01020C0000DB000 VISHAY-MMU01020C0000DB000 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020C0000DB200 VISHAY-MMU01020C0000DB200 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020C0000DB300 VISHAY-MMU01020C0000DB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020C0000FB000 VISHAY-MMU01020C0000FB000 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020C0000FB200 VISHAY-MMU01020C0000FB200 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
More results

Similar Description - MMU01020C4701DB000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMA02040C3303FB300 VISHAY-MMA02040C3303FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020C1009FB300 VISHAY-MMU01020C1009FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C2203FB300 VISHAY-MMA02040C2203FB300 Datasheet
256Kb / 14P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C3301FB300 VISHAY-MMA02040C3301FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020C3003FB300 VISHAY-MMU01020C3003FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C1209FB300 VISHAY-MMA02040C1209FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C1008FB300 VISHAY-MMA02040C1008FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C1808FB300 VISHAY-MMA02040C1808FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020C2202FB300 VISHAY-MMU01020C2202FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU0102 VISHAY-MMU0102 Datasheet
203Kb / 13P
   Professional MELF Resistors
Revision: 18-Jul-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com