Selected language     English  ▼


LA72715NV Datasheet(PDF) 8 Page - ON Semiconductor

Part No. LA72715NV
Description  JPN MTS (Multi Channel Television Sound) Decoder IC
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 8 page
background image
LA72715NV
No.A1770-8/13
Continued from preceding page.
Pin
No.
Pin Name
DC voltage
AC level
Function
Equivalent Circuit
7
JUST CLOCK
OUT
5V
0V
Rectangle wave output for JUST CLOCK.
(OPEN Collector)
100k
Ω Pull-up
5k
Ω
PAD
8
MUTE
control pin &
Distinction
control.
DC : 0V
3.0V to VCC : MUTE (CONT 1)
OPEN (0.9V) : NORM
0V : NORM & Detection AREA Control
(CONT2)
Use it within the range of 0 to 0.2V when you
operate usually.
2.4V
REG
PAD
CONT2
CONT1
9
Serial data input
pin.
0V
5V
High : 2.5V to 5V
Low : 0V to 1.5V
500
Ω
30
μA
PAD
10
Serial CLK input
pin
0V
5V
High : 2.5V to 5V
Low : 0V to 1.5V
500
Ω
30
μA
PAD
11
TEST1
12
EXTIN_R
DC : 2.4V
-14.5dBV
EXT input Rch
not used : OPEN
2.4V
50k
Ω
VCC
1k
Ω
PAD
13
EXTIN_L
DC : 2.4V
-14.5dBV
EXT input Lch
not used : OPEN
2.4V
50k
Ω
VCC
1k
Ω
PAD
Continued on next page.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl