Selected language     English  ▼


LA72715NV Datasheet(PDF) 9 Page - ON Semiconductor

Part No. LA72715NV
Description  JPN MTS (Multi Channel Television Sound) Decoder IC
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 
 9 page
background image
LA72715NV
No.A1770-9/13
Continued from preceding page.
Pin
No.
Pin Name
DC voltage
AC level
Function
Equivalent Circuit
16
SLAVE ADD
SELECT
17
18
Line Out (R)
terminal
Line Out (L)
terminal
DC : 2.4V
AC : -4.5dBV
Line output pin.
250
Ω 300Ω
50k
Ω
50k
Ω
2.5pF
2.5pF
PAD
19
VCC5V
20
MTS MODE
OUT
No signal
DC : 2.0V
Detection output for M.T.S. signal.
BILINGUAL
:3.0V
MONO
:2.0V
STEREO
:1.0V
10k
Ω
10k
Ω
PAD
21
REG FILT
DC : 2.4V
Filter terminal of reference voltage source
10k
Ω
10k
Ω
10k
Ω
500
Ω
50k
Ω
500
Ω
PAD
22
23
24
NC
I
2C BUS Serial Interface Specification
(1) Data Transfer Manual
This LSI adopts control method (I2C-BUS) with serial data, and controlled by two terminals which called SCL
(serial clock) and SDA (serial data). At first, set up*1the condition of starting data transfer, and after that, input 8 bit
data to SDA terminal with synchronized SCL terminal clock. The order of transferring is first, MSB (the Most Scale
of Bit), and save the order. The 9th bit takes ACK (Acknowledge) period, during SCL terminal takes ‘H’, this LSI
pull down the SDA terminal. After transferred the necessary data, two terminals lead to set up and of *2data transfer
stop condition, thus the transfer comes to close.
*1 Defined by SCL rise down SDA during ‘H’ period.
*2 Defined by SCL rise up SDA during ‘H’ period.
(2) Transfer Data Format
After transfer start condition, transfers slave address (1000 000*) to SDA terminal, control data, then, stop condition
(See figure 1).
Slave address is made up of 7bits, *38th bit shows the direction of transferring data, if it is ‘L’ takes write mode (As
this LSI side, this is input operation mode), and in case of ‘H’ reading mode (As this LSI side, this is output
operation mode).
Data works with all of bit, transfer the stop condition before stop 8bit transfer, and to stop transfer, it will be
canceled the transfer dates. At READ mode, this LSI outputs during ACK period, please must input 9 clocks.
*3 It is called R/W bit.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl