Selected language     English  ▼


LA72715NV Datasheet(PDF) 4 Page - ON Semiconductor

Part No. LA72715NV
Description  JPN MTS (Multi Channel Television Sound) Decoder IC
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 
 4 page
background image
LA72715NV
No.A1770-4/13
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
unit
Just Clock output Low voltage
JCL2
f
= 400Hz (mono), 10%Mod
1
V
3.3
4.2
dBV
Max Output level
MOL2
f = 1kHz, distortion = 3%
1462
1622
mVrms
-14.5
dBV
EXTERNAL input level
EXTIN2
f = 1kHz, (pin 12 & pin 13 input)
188.4
mVrms
8pin-CONTROL “H”
MUTEH
MUTE-ON
3.0
VCC
V
8pin-CONTROL “OPEN”
MUTEOP
MUTE-OFF
0.9
V
8pin-CONTROL “L”
MUTEL
MUTE-OFF & Detection AREA CONROL
0
0.2
V
Package Dimensions
unit : mm (typ)
3175C
[LA72715NV]
SANYO : SSOP24(275mil)
7.8
0.22
0.65
(0.33)
12
13
24
1
0.15




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl