Selected language     English  ▼


LA72910V Datasheet(PDF) 10 Page - ON Semiconductor

Part No. LA72910V
Description  FM Modulator and Demodulator IC
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 
 10 page
background image
LA72910V
PS No.A0783-10/10
Test Circuit
1
2
3
4
5
6
7
8
Emphasis filter
VCC(5V)
Main_OUT
Regulator
filter
VD_IN
/FM_IN
Mode control
(mod/de-mod)
Drop Delay
(TC1)
Drop Width
(TC2)
16
15
14
13
12
11
10
9
Video_IN
VD control/
De-emphasis out
A_GND
De-emphasis
filter
Emphasis Monitor
/FM-AGC filter
B_GND
FM-DOC_OUT
/2nd-Call_IN
Stand-by
control
T1
470
Ω
180pF
T3A
200
Ω
1k
Ω
SW3
10
μF
+
T3
T4
0.1
μF
A
B
+
1
μF
T5A
SW5
T4
T6
T7
T8
1000pF
0.01
μF
GND
T9
T10
T11
T12
T13
T14
T15
T16
1.8k
Ω
100pF
A
B
SW16
+
1
μF
10
μF
+
75
Ω
Video_IN
T16A
+
1
μF
A
B
SW12
15k
Ω
Pull
up
Power Supply
VCC=5V
Current measure point
ON Semiconductor and the ON logo are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number
of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at
www.onsemi.com/site/pdf/Patent-Marking.pdf. SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no
warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the
application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual
performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical
experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use
as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in
which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for
any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors
harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or
death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture ofthe
part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl