Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1836M-TLM-E Datasheet(PDF) 1 Page - ON Semiconductor

Part # LB1836M-TLM-E
Description  Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1836M-TLM-E Datasheet(HTML) 1 Page - ON Semiconductor

  LB1836M-TLM-E Datasheet HTML 1Page - ON Semiconductor LB1836M-TLM-E Datasheet HTML 2Page - ON Semiconductor LB1836M-TLM-E Datasheet HTML 3Page - ON Semiconductor LB1836M-TLM-E Datasheet HTML 4Page - ON Semiconductor LB1836M-TLM-E Datasheet HTML 5Page - ON Semiconductor LB1836M-TLM-E Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
31110 SY/82207 MS/71807 MS 20070709-S00001/70407 MS PC/21097HA/D2293/O0693 No.3947-1/6
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
June, 2013
LB1836M
Overview
The LB1836M is a low-saturation two-channel bidirectional motor driver IC for use in low-voltage applications.
The LB1836M is a bipolar stepper-motor driver IC that is ideal for use in printers, FDDs, cameras and other portable
devices.
Features
• Low voltage operation (2.5V min)
• Low saturation voltage (upper transistor + lower transistor residual voltage ; 0.40V typ at 400mA).
• Parallel connection (Upper transistor + lower transistor residual voltage ; 0.5V typ at 800mA).
• Separate logic power supply and motor power supply
• Brake function
• Spark killer diodes built in
• Thermal shutdown circuit built in
• Compact package (14-pin MFP)
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC max
-0.3 to +10.5
V
Maximum supply voltage
VS max
-0.3 to +10.5
V
Output supply voltage
VOUT
VS + VSF
V
Input supply voltage
VIN
-0.3 to +10
V
GND pin flow-out current
IGND
Per channel
1.0
A
Allowable power dissipation
Pd max
* Mounted on a board.
800
mW
Operating temperature
Topr
-40 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
* Mounted on a substrate: 30
×30×1.5mm
3, glass epoxy board.
Monolithic Digital IC
Low-Saturation Bidirectional Motor
Driver for Low-Voltage Drive
Ordering number : EN3947F
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Similar Part No. - LB1836M-TLM-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB1836M-MPB-E ONSEMI-LB1836M-MPB-E Datasheet
76Kb / 6P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
June, 2013
More results

Similar Description - LB1836M-TLM-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1836M SANYO-LB1836M_10 Datasheet
132Kb / 6P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
logo
ON Semiconductor
LB1836M-MPB-E ONSEMI-LB1836M-MPB-E Datasheet
76Kb / 6P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
June, 2013
logo
Sanyo Semicon Device
LB1836M SANYO-LB1836M_12 Datasheet
127Kb / 6P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
LB1838JM SANYO-LB1838JM_10 Datasheet
157Kb / 5P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
LB1636M SANYO-LB1636M Datasheet
54Kb / 2P
   Low-Saturation Bidirectional Motor Drive for Low-Voltage Applications
LB1635M SANYO-LB1635M Datasheet
43Kb / 3P
   Low-Saturation Bidirectional Motor Drive for Low-Voltage Applications
LB1638 SANYO-LB1638 Datasheet
57Kb / 4P
   Low-Saturation Bidirectional Motor Drive for Low-Voltage Applications
LB1838JM SANYO-LB1838JM Datasheet
77Kb / 5P
   Monolithic Digital IC Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
LB1838M SANYO-LB1838M_09 Datasheet
92Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1930MC-AH ONSEMI-LB1930MC-AH Datasheet
74Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com